전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC1455P1 데이터시트(PDF) 3 Page - Texas Instruments

부품명 MC1455P1
상세설명  Timer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

MC1455P1 데이터시트(HTML) 3 Page - Texas Instruments

  MC1455P1 Datasheet HTML 1Page - Texas Instruments MC1455P1 Datasheet HTML 2Page - Texas Instruments MC1455P1 Datasheet HTML 3Page - Texas Instruments MC1455P1 Datasheet HTML 4Page - Texas Instruments MC1455P1 Datasheet HTML 5Page - Texas Instruments MC1455P1 Datasheet HTML 6Page - Texas Instruments MC1455P1 Datasheet HTML 7Page - Texas Instruments MC1455P1 Datasheet HTML 8Page - Texas Instruments MC1455P1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
R
R
R
GND
TRIGGER
OUTPUT
RESET
1
2
3
4
+VCC
DISCHARGE
THRESHOLD
CONTROL
VOLTAGE
8
7
6
5
COMPAR-
ATOR
COMPAR-
ATOR
FLIP FLOP
OUTPUT
STAGE
VREF (INT)
LM555
www.ti.com
SNAS548D – FEBRUARY 2000 – REVISED JANUARY 2015
5 Pin Configuration and Functions
D, P, and DGK Packages
8-Pin PDIP, SOIC, and VSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
Control
Controls the threshold and trigger levels. It determines the pulse width of the output
5
Voltage
I
waveform. An external voltage applied to this pin can also be used to modulate the output
waveform
Discharge
Open collector output which discharges a capacitor between intervals (in phase with output).
7
I
It toggles the output from high to low when voltage reaches 2/3 of the supply voltage
1
GND
O
Ground reference voltage
3
Output
O
Output driven waveform
Reset
Negative pulse applied to this pin to disable or reset the timer. When not used for reset
4
I
purposes, it should be connected to VCC to avoid false triggering
Threshold
Compares the voltage applied to the terminal with a reference voltage of 2/3 Vcc. The
6
I
amplitude of voltage applied to this terminal is responsible for the set state of the flip-flop
Trigger
Responsible for transition of the flip-flop from set to reset. The output of the timer depends
2
I
on the amplitude of the external trigger pulse applied to this pin
8
V+
I
Supply voltage with respect to GND
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM555


유사한 부품 번호 - MC1455P1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC1455P1 ONSEMI-MC1455P1 Datasheet
204Kb / 10P
   Timers
March, 2004 ??Rev. 8
MC1455P1 ONSEMI-MC1455P1 Datasheet
147Kb / 10P
   Timers
March, 2004 ??Rev. 8
logo
Motorola, Inc
MC1455P1 MOTOROLA-MC1455P1 Datasheet
52Kb / 4P
   Timing Circuits
logo
ON Semiconductor
MC1455P1 ONSEMI-MC1455P1 Datasheet
171Kb / 11P
   Timers
February, 2006 ??Rev. 9
MC1455P1 ONSEMI-MC1455P1 Datasheet
223Kb / 11P
   Timers Direct Replacement for NE555 Timers Adjustable Duty Cycle
December, 2009 ??Rev. 10
More results

유사한 설명 - MC1455P1

제조업체부품명데이터시트상세설명
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
   TWIN TIMER & DEFROSTING TIMER
logo
Festo Corporation.
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
   Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
   Timer
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
   Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
   Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
   Timer
logo
Microsemi Corporation
TSC355 MICROSEMI-TSC355 Datasheet
489Kb / 4P
   Timer
logo
National Semiconductor ...
LM555 NSC-LM555 Datasheet
822Kb / 12P
   Timer
logo
Festo Corporation.
PZVT-300-SEC FESTO-PZVT-300-SEC Datasheet
83Kb / 1P
   Timer
logo
NXP Semiconductors
NE555 PHILIPS-NE555 Datasheet
120Kb / 7P
   Timer
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com