전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL23EP05SC-1HT 데이터시트(PDF) 7 Page - Silicon Laboratories

부품명 SL23EP05SC-1HT
상세설명  LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP05SC-1HT 데이터시트(HTML) 7 Page - Silicon Laboratories

Back Button SL23EP05SC-1HT Datasheet HTML 3Page - Silicon Laboratories SL23EP05SC-1HT Datasheet HTML 4Page - Silicon Laboratories SL23EP05SC-1HT Datasheet HTML 5Page - Silicon Laboratories SL23EP05SC-1HT Datasheet HTML 6Page - Silicon Laboratories SL23EP05SC-1HT Datasheet HTML 7Page - Silicon Laboratories SL23EP05SC-1HT Datasheet HTML 8Page - Silicon Laboratories SL23EP05SC-1HT Datasheet HTML 9Page - Silicon Laboratories SL23EP05SC-1HT Datasheet HTML 10Page - Silicon Laboratories SL23EP05SC-1HT Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SL23EP05
Rev. 2.2
7
Table 5. Operating Conditions
Unless otherwise stated VDD = 2.5 V to 3.3 V and for both C and I Grades.
Parameter
Symbol
Test Condition
Min
Max
Unit
3.3 V Supply Voltage
VDD3.3
3.0
3.6
V
2.5 V Supply Voltage
VDD2.5
2.3
2.7
V
Operating Temperature
(Ambient)
TA
Commercial
0
70
°C
Industrial
–40
85
°C
Load Capacitance
CLOAD
<220 MHz, 3.3 V with High Drive
15
pF
<200 MHz, 3.3 V with Standard Drive
15
pF
<180 MHz, 2.5 V with High Drive
15
pF
<167 MHz, 2.5 V with Standard Drive
15
pF
<200 MHz, 3.3 V with High Drive
22
pF
<180 MHz, 3.3 V with Standard Drive
22
pF
<167 MHz, 2.5 V with High Drive
22
pF
<134 MHz, 2.5 V with Standard Drive
22
pF
<133 MHz, 3.3 V with High Drive
30
pF
<100 MHz, 3.3 V with Standard Drive
30
pF
<80 MHz, 2.5 V with High Drive
30
pF
< 67 MHz, 2.5 V with Standard Drive
30
pF
Input Capacitance
CIN
CLKIN pin
5
pF
Closed-loop bandwidth
CLBW
3.3 V, (typical)
1-1.5
MHz
2.5 V, (typical)
0.8
MHz
Output Impedance
ZOUT
3.3 V, (typical), High Drive
29
Ω
3.3 V, (typical), Standard Drive
41
Ω
2.5 V, (typical), High Drive
37
Ω
2.5 V, (typical), Standard Drive
41
Ω


유사한 부품 번호 - SL23EP05SC-1HT

제조업체부품명데이터시트상세설명
logo
SpectraLinear Inc
SL23EP05SC-1HT SPECTRALINEAR-SL23EP05SC-1HT Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results

유사한 설명 - SL23EP05SC-1HT

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com