전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL2305SI-1 데이터시트(PDF) 11 Page - Silicon Laboratories

부품명 SL2305SI-1
상세설명  Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL2305SI-1 데이터시트(HTML) 11 Page - Silicon Laboratories

Back Button SL2305SI-1 Datasheet HTML 3Page - Silicon Laboratories SL2305SI-1 Datasheet HTML 4Page - Silicon Laboratories SL2305SI-1 Datasheet HTML 5Page - Silicon Laboratories SL2305SI-1 Datasheet HTML 6Page - Silicon Laboratories SL2305SI-1 Datasheet HTML 7Page - Silicon Laboratories SL2305SI-1 Datasheet HTML 8Page - Silicon Laboratories SL2305SI-1 Datasheet HTML 9Page - Silicon Laboratories SL2305SI-1 Datasheet HTML 10Page - Silicon Laboratories SL2305SI-1 Datasheet HTML 11Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Rev 2.1, October 22, 2007
Page 11 of 11
SL2305
Ordering Information
[3]
Ordering Number
Marking
Shipping Package
Package
Temperature
SL2305SC-1
SL2305SC-1
Tube
8-pin SOIC
0 to 70°C
SL2305SC-1T
SL2305SC-1
Tape and Reel
8-pin SOIC
0 to 70°C
SL2305SI-1
SL2305SI-1
Tube
8-pin SOIC
-40 to 85°C
SL2305SI-1T
SL2305SI-1
Tape and Reel
8-pin SOIC
-40 to 85°C
SL2305SC-1H
SL2305SC-1H
Tube
8-pin SOIC
0 to 70°C
SL2305SC-1HT
SL2305SC-1H
Tape and Reel
8-pin SOIC
0 to 70°C
SL2305SI-1H
SL2305SI-1H
Tube
8-pin SOIC
-40 to 85°C
SL2305SI-1HT
SL2305SI-1H
Tape and Reel
8-pin SOIC
-40 to 85°C
SL2305ZC-1
SL2305ZC-1
Tube
8-pin TSSOP
0 to 70°C
SL2305ZC-1T
SL2305ZC-1
Tape and Reel
8-pin TSSOP
0 to 70°C
SL2305ZI-1
SL2305ZI-1
Tube
8-pin TSSOP
-40 to 85°C
SL2305ZI-1T
SL2305ZI-1
Tape and Reel
8-pin TSSOP
-40 to 85°C
SL2305ZC-1H
SL2305ZC-1H
Tube
8-pin TSSOP
0 to 70°C
SL2305ZC-1HT
SL2305ZC-1H
Tape and Reel
8-pin TSSOP
0 to 70°C
SL2305ZI-1H
SL2305ZI-1H
Tube
8-pin TSSOP
-40 to 85°C
SL2305ZI-1HT
SL2305ZI-1H
Tape and Reel
8-pin TSSOP
-40 to 85°C
Notes:
3. The SL2305 products are RoHS compliant.
The information in this document is believed to be accurate in all respects at the time of publication but is subject to change without notice.
Silicon Laboratories assumes no responsibility for errors and omissions, and disclaims responsibility for any consequences resulting from
the use of information included herein. Additionally, Silicon Laboratories assumes no responsibility for the functioning of undescribed
features or parameters. Silicon Laboratories reserves the right to make changes without further notice. Silicon Laboratories makes no
warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Silicon Laboratories
assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including
without limitation consequential or incidental damages. Silicon Laboratories products are not designed, intended, or authorized for use in
applications intended to support or sustain life, or for any other application in which the failure of the Silicon Laboratories product could
create a situation where personal injury or death may occur. Should Buyer purchase or use Silicon Laboratories products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Silicon Laboratories harmless against all claims and damages.


유사한 부품 번호 - SL2305SI-1

제조업체부품명데이터시트상세설명
logo
SpectraLinear Inc
SL2305SI-1 SPECTRALINEAR-SL2305SI-1 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2305SI-1H SPECTRALINEAR-SL2305SI-1H Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2305SI-1HT SPECTRALINEAR-SL2305SI-1HT Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
SL2305SI-1T SPECTRALINEAR-SL2305SI-1T Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
More results

유사한 설명 - SL2305SI-1

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com