전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD402M166VTA-5 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 AD402M166VTA-5
상세설명  Low voltage operation is more suitable to be used on battery backup, portable electronic
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

AD402M166VTA-5 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AD402M166VTA-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD402M166VTA-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD402M166VTA-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD402M166VTA-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD402M166VTA-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD402M166VTA-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD402M166VTA-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD402M166VTA-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD402M166VTA-5 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Rev.1
Page 6
TRUTH TABLE
Notes: 1. EARLY WRITE only.
FUNCTION
RAS
CAS
WE
OE
ADDRESSES
DQS
Notes
ROW
COL
STANDBY
H
X
X
X
X
High-Z
READ
L
L
H
L
ROW
COL
Data-Out
WRITE: (EARLY WRITE )
L
L
L
X
ROW
COL
Data-ln
READ WRITE
L
L
ROW
COL
Data-Out,Data-ln
EDO-PAGE-
MODE READ
1st Cycle
L
H
L
ROW
COL
Data-Out
2nd Cycle
L
H
L
n/a
COL
Data-Out
EDO-PAGE
MODE WRITE
1st Cycle
L
L
X
ROW
COL
Data-In
2nd Cycle
L
L
X
n/a
COL
Data-In
EDO-
PAGE-MODE
READ-WRITE
1st Cycle
L
ROW
COL
Data-Out, Data-In
2nd Cycle
L
n/a
COL
Data-Out, Data-In
HIDDEN
REFRESH
READ
L
H
L
ROW
COL
Data-Out
WRITE
L
L
X
ROW
COL
Data-In
1
RAS-ONLY REFRESH
L
H
X
X
ROW
n/a
High-Z
CBR REFRESH
L
H
X
X
X
High-Z
H
X
H
L
L
H
H
L
H
L
H
L
H
L
H
L
H
L
L
H
H
L
H
L
L
H
LH
L
→ →
LH
L
→ →
H
L


유사한 부품 번호 - AD402M166VTA-5

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD4020 AD-AD4020 Datasheet
789Kb / 37P
   Precision SAR, Differential ADC
AD4020 AD-AD4020 Datasheet
2Mb / 28P
   1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
AD4020 AD-AD4020 Datasheet
3Mb / 34P
   36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
AD4020 AD-AD4020 Datasheet
1Mb / 39P
   20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
AD4020BCPZ-R2 AD-AD4020BCPZ-R2 Datasheet
1Mb / 39P
   20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
More results

유사한 설명 - AD402M166VTA-5

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HD74ALVC2G04 HITACHI-HD74ALVC2G04 Datasheet
89Kb / 10P
   Low voltage and high speed operation is suitable for the battery powered products
logo
JMK Inc.
AA-1113-1 JMK-AA-1113-1 Datasheet
27Kb / 1P
   battery charger is designed to provide charging capability for lead acid batteries used as backup batteries for vehicular electronic systems
logo
Silicon Laboratories
EFM32WG390 SILABS-EFM32WG390 Datasheet
2Mb / 82P
   Operation from backup battery when main power drains out
EFM32WG990 SILABS-EFM32WG990 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG380 SILABS-EFM32WG380 Datasheet
2Mb / 82P
   Operation from backup battery when main power drains out
EFM32WG942 SILABS-EFM32WG942 Datasheet
2Mb / 78P
   Operation from backup battery when main power drains out
EFM32WG332 SILABS-EFM32WG332 Datasheet
2Mb / 76P
   Operation from backup battery when main power drains out
EFM32WG360 SILABS-EFM32WG360 Datasheet
1Mb / 75P
   Operation from backup battery when main power drains out
EFM32WG980 SILABS-EFM32WG980 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG995 SILABS-EFM32WG995 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com