전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4835-B31 데이터시트(PDF) 3 Page - Silicon Laboratories

부품명 SI4835-B31
상세설명  Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4835-B31 데이터시트(HTML) 3 Page - Silicon Laboratories

  SI4835-B31 Datasheet HTML 1Page - Silicon Laboratories SI4835-B31 Datasheet HTML 2Page - Silicon Laboratories SI4835-B31 Datasheet HTML 3Page - Silicon Laboratories SI4835-B31 Datasheet HTML 4Page - Silicon Laboratories SI4835-B31 Datasheet HTML 5Page - Silicon Laboratories SI4835-B31 Datasheet HTML 6Page - Silicon Laboratories SI4835-B31 Datasheet HTML 7Page - Silicon Laboratories SI4835-B31 Datasheet HTML 8Page - Silicon Laboratories SI4835-B31 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
AN555
Rev. 0.2
3
Band15
FM4
76–90 MHz
75 µs
Separation = 6 dB,
RSSI = 20
187
Band16
FM4
76–90 MHz
75 µs
Separation = 12 dB,
RSSI = 28
197
Band17
FM5
64–87 MHz
50 µs
Separation = 6 dB,
RSSI = 20
207
Band18
FM5
64–87 MHz
50 µs
Separation = 12 dB,
RSSI = 28
217
Band19
FM5
64–87 MHz
75 µs
Separation = 6 dB,
RSSI = 20
227
Band20
FM5
64–87 MHz
75 µs
Separation = 12 dB,
RSSI = 28
237
Band21
AM1
520–1710 kHz
247
Band22
AM2
522–1620 kHz
257
Band23
AM3
504–1665 kHz
267
Band24
AM4
520–1730 kHz
277
Band25
AM5
510–1750 kHz
287
Band26
SW1
5.6–6.4 MHz
297
Band27
SW2
5.95–6.2 MHz
307
Band28
SW3
6.8–7.6 MHz
317
Band29
SW4
7.1–7.6 MHz
327
Band30
SW5
9.2–10 MHz
337
Band31
SW6
9.2–9.9 MHz
347
Band32
SW7
11.45–12.25 MHz
357
Band33
SW8
11.6–12.2 MHz
367
Band34
SW9
13.4–14.2 MHz
377
Band35
SW10
13.57–13.87 MHz
387
Band36
SW11
15–15.9 MHz
397
Band37
SW12
15.1–15.8 MHz
407
Band38
SW13
17.1–18 MHz
417
Band39
SW14
17.48–17.9 MHz
427
Band40
SW15
21.2–22 MHz
437
Band41
SW16
21.45–21.85 MHz
447
Table 2. Band Sequence Definition (Continued)
Band
Number
Band Name
Band Frequency
Range
De-emphasis
Stereo LED on
Threshold
(Only for Si483x-B)
Total R to GND
(k
, 1%)


유사한 부품 번호 - SI4835-B31

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4835-B30 SILABS-SI4835-B30 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4835-B30 SKYWORKS-SI4835-B30 Datasheet
854Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
SI4835-B30-GU SKYWORKS-SI4835-B30-GU Datasheet
854Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
More results

유사한 설명 - SI4835-B31

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN738 SILABS-AN738 Datasheet
1Mb / 37P
   Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN602 SILABS-AN602 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Wolfson Microelectronic...
WM7210-1702-MS5-M-REV1 WOLFSON-WM7210-1702-MS5-M-REV1 Datasheet
167Kb / 8P
   Schematic and Layout
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
logo
Texas Instruments
TLV320AIC24 TI-TLV320AIC24 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com