전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4826 데이터시트(PDF) 1 Page - Silicon Laboratories

부품명 SI4826
상세설명  Si4822/26/27/40/44-DEMO BOARD TEST PROCEDURE
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4826 데이터시트(HTML) 1 Page - Silicon Laboratories

  SI4826 Datasheet HTML 1Page - Silicon Laboratories SI4826 Datasheet HTML 2Page - Silicon Laboratories SI4826 Datasheet HTML 3Page - Silicon Laboratories SI4826 Datasheet HTML 4Page - Silicon Laboratories SI4826 Datasheet HTML 5Page - Silicon Laboratories SI4826 Datasheet HTML 6Page - Silicon Laboratories SI4826 Datasheet HTML 7Page - Silicon Laboratories SI4826 Datasheet HTML 8Page - Silicon Laboratories SI4826 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Rev. 0.3 3/13
Copyright © 2013 by Silicon Laboratories
AN603
AN603
Si4822/26/27/40/44-DEMO B OARD TEST P ROCEDURE
1. Introduction
The purpose of this document is to describe the test procedures used in Silicon Laboratories for the Si4822/26/27/
40/44-DEMO AM/FM/SW tuner board. It is also intended to enable customers to exactly replicate Silicon
Laboratories’ test environment so that variances in customers’ and Silicon Laboratories’ measured results can be
accurately compared. This document covers FM, AM, and SW tests for the Si4822/40 and Si4826/27/44 receiver.
The Si4822/26/27/40/44-DEMO board provides a platform to test and operate the Si4822/26/27/40/44 tuner. Refer
to the Si4822/26/27/40/44-DEMO Board User’s Guide for the operation details of the demo board.
2. FM Tuner Testing Setup
2.1. FM Common Setup
FM tuner standard configuration:

Tune exactly to 98.0 MHz. See the Si4822/26/27/40/44-DEMO Board User’s Guide for details.

Set volume to maximum unless otherwise specified.

Ensure cable length between the generator and antenna input is as short as possible.
Figure 1. FM Tuner Setup with One Generator
5 6 60/ JHQHUDWRU
5 6 DXGLR
DQDO\]HU
)0 DQWHQQD
-
+HDGSKRQH
-
&+ &+ *1'
/RXW
5RXW
*1'
73
$XGLR RXWSXW WHVW SRLQW
6L 'HPR %RDUG


유사한 부품 번호 - SI4826

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4826 SILABS-SI4826 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4826 SILABS-SI4826 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
SI4826-A10 SILABS-SI4826-A10 Datasheet
1Mb / 24P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
SI4826-DEMO SILABS-SI4826-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
logo
Texas Instruments
Si4826DY TI1-Si4826DY Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
More results

유사한 설명 - SI4826

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4826-DEMO SILABS-SI4826-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
AN602 SILABS-AN602 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN569 SILABS-AN569 Datasheet
1Mb / 40P
   Si4831/35/36/20/24/25-DEMO BOARD TEST PROCEDURE
AN651 SILABS-AN651 Datasheet
1,014Kb / 60P
   EVALUATION BOARD TEST PROCEDURE
AN646 SILABS-AN646 Datasheet
1Mb / 46P
   Si477X EVALUATION BOARD TEST PROCEDURE
SI4840-DEMO SILABS-SI4840-DEMO Datasheet
1Mb / 22P
   Si4840/44 DEMO BOARD USERS GUIDE
logo
ON Semiconductor
NCP1521BEVB ONSEMI-NCP1521BEVB Datasheet
148Kb / 1P
   Test Procedure for the NCP1521B Evaluation Board
5/31/2007
logo
Sanyo Semicon Device
LV8804FVGEVB SANYO-LV8804FVGEVB Datasheet
147Kb / 4P
   Test Procedure for the LV8804FVGEVB Evaluation Board
3/26/2012
logo
Silicon Laboratories
AN388 SILABS-AN388 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
AN316 SILABS-AN316 Datasheet
1Mb / 12P
   AM/FM TUNER FIELD TEST PROCEDURE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com