전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ31710EVM-001 데이터시트(PDF) 5 Page - Texas Instruments

부품명 LMZ31710EVM-001
상세설명  Simple Switcher짰 Power Module Evaluation Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LMZ31710EVM-001 데이터시트(HTML) 5 Page - Texas Instruments

  LMZ31710EVM-001 Datasheet HTML 1Page - Texas Instruments LMZ31710EVM-001 Datasheet HTML 2Page - Texas Instruments LMZ31710EVM-001 Datasheet HTML 3Page - Texas Instruments LMZ31710EVM-001 Datasheet HTML 4Page - Texas Instruments LMZ31710EVM-001 Datasheet HTML 5Page - Texas Instruments LMZ31710EVM-001 Datasheet HTML 6Page - Texas Instruments LMZ31710EVM-001 Datasheet HTML 7Page - Texas Instruments LMZ31710EVM-001 Datasheet HTML 8Page - Texas Instruments LMZ31710EVM-001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PV
= 5 V/div
IN
2 ms/div
V
1 V/div
OUT
SS/TR 1 V/div
f
= 500 kHz
I
= 10 A
V
= 1.8 V
PV
= 12 V
SW
OUT
OUT
IN
PV
= 5 V
IN
PV
= 12 V
IN
200 s/div
µ
V
100 mV/div
OUT
V
100 mV/div
OUT
f
= 500 kHz
I
= 10 A
V
= 1.8 V
SW
OUT
OUT
PV
= 5 V
IN
PV
= 12 V
IN
1 s/div
µ
V
10 mV/div
OUT
V
10 mV/div
OUT
f
= 500 kHz
I
= 10 A
V
= 1.8 V
SW
OUT
OUT
0.030
0
I
(A)
OUT
1
2
3
4
5
6
7
8
9
10
V
= 1.8 V
F
= 500 kHz
OUT
SW
PV
V
IN
IN
_
5 V
12 V
0.025
0.020
0.015
0.010
0.005
0.000
1.828
0
I
(A)
OUT
1
2
3
4
5
6
7
8
9
10
V
= 1.8 V
F
= 500 kHz
OUT
SW
PV
V
IN
IN
_
5 V
12 V
1.820
1.812
1.804
1.796
1.788
1.780
1.772
1.828
5
PV _V
(V)
IN
IN
7
9
11
13
15
17
V
= 1.8 V
F
= 500 kHz
OUT
SW
I
OUT
0 A
10 A
1.820
1.812
1.804
1.796
1.788
1.780
1.772
5 A
www.ti.com
Performance Data
Figure 4. LMZ31710EVM Load Regulation
Figure 5. LMZ31710EVM Line Regulation
Figure 6. LMZ31710EVM Output Ripple
Figure 7. LMZ31710EVM Output Ripple Waveforms
Figure 8. LMZ31710EVM Transient Response
Figure 9. LMZ31710EVM Startup Waveforms
Waveforms
5
SLVU895A – March 2013 – Revised June 2013
LMZ31710, LMZ31707 and LMZ31704 Simple Switcher® Power Module
Evaluation Module
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


유사한 부품 번호 - LMZ31710EVM-001

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ31710 TI1-LMZ31710 Datasheet
915Kb / 33P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31710RVQR TI1-LMZ31710RVQR Datasheet
915Kb / 33P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31710RVQT TI1-LMZ31710RVQT Datasheet
915Kb / 33P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
More results

유사한 설명 - LMZ31710EVM-001

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ31503EVM-692 TI-LMZ31503EVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ34002EVM-001 TI-LMZ34002EVM-001 Datasheet
347Kb / 13P
[Old version datasheet]   Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ34002 TI1-LMZ34002_14 Datasheet
348Kb / 14P
[Old version datasheet]   Using the LMZ34002: Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
logo
National Semiconductor ...
LMZ10504 NSC-LMZ10504 Datasheet
657Kb / 22P
   4A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum
LMZ14203 NSC-LMZ14203_2 Datasheet
1Mb / 6P
   Inverting Application for the SIMPLE SWITCHER짰 Power Module
LMZ14203 NSC-LMZ14203 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum
logo
Texas Instruments
LMZ20502EVM TI-LMZ20502EVM Datasheet
3Mb / 13P
[Old version datasheet]   LMZ20502 SIMPLE SWITCHER짰 Evaluation Board
LMZ20501EVM TI-LMZ20501EVM Datasheet
3Mb / 13P
[Old version datasheet]   LMZ20502 SIMPLE SWITCHER짰 Evaluation Board
LMZ20501 TI1-LMZ20501 Datasheet
1Mb / 34P
[Old version datasheet]   1.0 A SIMPLE SWITCHER짰 Nano Module
logo
National Semiconductor ...
LMZ12003 NSC-LMZ12003 Datasheet
1Mb / 16P
   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com