전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB115S56K 데이터시트(PDF) 4 Page - SL Power Electronics

부품명 LB115S56K
상세설명  Meets IEC61000-3-2 Class C for less than 1 Watt to full power
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SLPOWER [SL Power Electronics]
홈페이지  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LB115S56K 데이터시트(HTML) 4 Page - SL Power Electronics

  LB115S56K Datasheet HTML 1Page - SL Power Electronics LB115S56K Datasheet HTML 2Page - SL Power Electronics LB115S56K Datasheet HTML 3Page - SL Power Electronics LB115S56K Datasheet HTML 4Page - SL Power Electronics LB115S56K Datasheet HTML 5Page - SL Power Electronics LB115S56K Datasheet HTML 6Page - SL Power Electronics LB115S56K Datasheet HTML 7Page - SL Power Electronics LB115S56K Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LB115S
115W Single Output
LED Series
www.slpower.com
LB115S 2-OCT-14
4
EMI/EMC Compliance
PARAMETER
SPECIFICATION
NOTES
Conducted Emissions:
EN55011/22 Class B; FCC Part 15
Also meets EN55015 Class B
Radiated Emissions:
EN55011/22 Class A; FCC Part 15
Harmonic Current
Emissions
EN61000-3-2, Class A,B,C &D
Meets class C from 5 to 115 Watts.
This is based on limits set @ 115 Watt
Voltage Fluctuations &
Flicker
EN61000-3-3
Static Discharge
Immunity:
EN61000-4-2, Level 4: 6kV contact, 8kV air,
Criteria A
Performance criteria are defined as
following:
A – Normal performance
during and after the test
B – Temporary degradation,
self-recoverable
C – Temporary degradation,
operator intervention required
to recover the operation
RF Field Susceptibility
EN61000-4-3, Level 3 (3V/m), Criteria A
Fast Transients/Bursts
EN61000-4-4, Level 3 (PS: 2kV-40A, other
lines 1kV-20A), Criteria A
Surge susceptibility
EN61000-4-5, Installation Class 3 (1kV diff.
mode, 2kV common mode), Criteria A
Conducted RF
susceptibility
EN61000-4-6, Level 3 (3Vrms), Criteria A
Power Frequency
Magnetic Field Test
EN61000-4-8, Level 3 (3A/m), Criteria A
Voltage Sags & Surges
EN61000-4-11,
95% dip/0.5 cycle (Criteria A),
60%/5cycles (Criteria B ), 30%/25 cycles
(Criteria A).
loading is 70% of 100 watts with 100 Vac
input.
Notes:
1. Specifications subject to change without notice.
2. Specifications are for convection rating at factory settings with 115Vac input and 25°C ambient unless
otherwise stated.


유사한 부품 번호 - LB115S56K

제조업체부품명데이터시트상세설명
logo
SL Power Electronics
LB115S56K SLPOWER-LB115S56K Datasheet
1Mb / 8P
   115W Single Output
More results

유사한 설명 - LB115S56K

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRAC1155-300W IRF-IRAC1155-300W Datasheet
454Kb / 16P
   IEC61000-3-2 Class D Standards Compliant
logo
SIFIRST TECHNOLOGIES NA...
SF5533H SIFIRST-SF5533H Datasheet
85Kb / 2P
   Less than 75mW Standby Power
SF6771S SIFIRST-SF6771S Datasheet
149Kb / 2P
   Less than 75mW Standby Power
SF5533 SIFIRST-SF5533 Datasheet
84Kb / 2P
   Less than 75mW Standby Power
SF5539H SIFIRST-SF5539H Datasheet
87Kb / 2P
   Less than 75mW Standby Power
logo
Murata Manufacturing Co...
NTPA78R0LB1A0 MURATA-NTPA78R0LB1A0 Datasheet
199Kb / 3P
   most suitable for power supplies of less than 100W
NTPA68R0LBMB0 MURATA-NTPA68R0LBMB0 Datasheet
196Kb / 3P
   most suitable for power supplies of less than 100w
NTPA94R0LBMB0 MURATA-NTPA94R0LBMB0 Datasheet
199Kb / 3P
   most suitable for power supplies of less than 100W
NTPA98R0LB1A0 MURATA-NTPA98R0LB1A0 Datasheet
198Kb / 3P
   most suitable for power supplies of less than 100W
NTPAA2R2LD6A0 MURATA-NTPAA2R2LD6A0 Datasheet
196Kb / 3P
   most suitable for power supplies of less than 100W
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com