전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB240S48K 데이터시트(PDF) 4 Page - SL Power Electronics

부품명 LB240S48K
상세설명  240W Single Output LED Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SLPOWER [SL Power Electronics]
홈페이지  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LB240S48K 데이터시트(HTML) 4 Page - SL Power Electronics

  LB240S48K Datasheet HTML 1Page - SL Power Electronics LB240S48K Datasheet HTML 2Page - SL Power Electronics LB240S48K Datasheet HTML 3Page - SL Power Electronics LB240S48K Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LB240S
240W Single Output LED Supply
www.slpower.com
LB240S56K REV 10.0
10-MAY-2015
Connector Information
Input Connector
J100
Ground
(FG)
DC Output Connector
J300
PIN 1) AC LINE
PIN 2) EMPTY
PIN 3) AC NEUTRAL
0.25” FASTON TAB
Term. 1,2,3: RTN
Term. 4,5,6: +Vout
Mating Connector:
AMP 640250-3
Pins: 640252-2
Mating Connector:
Molex 190020001
Mating Connector:
AMP 640250-6
Pins: 640252-2
Data Sheet © 2015 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication. However, SL Power accepts no responsibility for
consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.


유사한 부품 번호 - LB240S48K

제조업체부품명데이터시트상세설명
logo
Polyfet RF Devices
LB2401 POLYFET-LB2401 Datasheet
97Kb / 2P
   RF POWER LDMOS TRANSISTOR
logo
SIPAT Co,Ltd
LB240DS01 SIPAT-LB240DS01 Datasheet
147Kb / 3P
   240MHz SAW Filter 30MHz Bandwidth
LB240DS01 SIPAT-LB240DS01 Datasheet
152Kb / 3P
   240MHz SAW Filter
logo
Seoul Semiconductor
LB240Z SEOUL-LB240Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

유사한 설명 - LB240S48K

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
HVGC-240 MEANWELL-HVGC-240 Datasheet
129Kb / 6P
   240W Single Output LED Power Supply
HLG-240 MEANWELL-HLG-240 Datasheet
334Kb / 6P
   240W Single Output Switching Power Supply
logo
Astrodyne Corporation
S-240 ASTRODYNE-S-240 Datasheet
330Kb / 2P
   240W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-240 MEANWELL-HLG-240_11 Datasheet
342Kb / 6P
   240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H_12 Datasheet
376Kb / 6P
   240W Single Output Switching Power Supply
S-240 MEANWELL-S-240 Datasheet
314Kb / 2P
   240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H Datasheet
486Kb / 6P
   240W Single Output Switching Power Supply
HLG-240 MEANWELL-HLG-240_12 Datasheet
373Kb / 6P
   240W Single Output Switching Power Supply
HEP-240 MEANWELL-HEP-240 Datasheet
85Kb / 4P
   240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H_11 Datasheet
343Kb / 6P
   240W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com