전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4731-DEMO 데이터시트(PDF) 10 Page - Silicon Laboratories

부품명 SI4731-DEMO
상세설명  Si4731 DEMO BOARD USERS GUIDE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4731-DEMO 데이터시트(HTML) 10 Page - Silicon Laboratories

Back Button SI4731-DEMO Datasheet HTML 6Page - Silicon Laboratories SI4731-DEMO Datasheet HTML 7Page - Silicon Laboratories SI4731-DEMO Datasheet HTML 8Page - Silicon Laboratories SI4731-DEMO Datasheet HTML 9Page - Silicon Laboratories SI4731-DEMO Datasheet HTML 10Page - Silicon Laboratories SI4731-DEMO Datasheet HTML 11Page - Silicon Laboratories SI4731-DEMO Datasheet HTML 12Page - Silicon Laboratories SI4731-DEMO Datasheet HTML 13Page - Silicon Laboratories SI4731-DEMO Datasheet HTML 14Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Si4731-DEMO
10
Rev. 0.1
6. Bill of Materials
C8051F930 MCU with 64 kB Flash program memory, 4 kB RAM, and built-in dc-dc converter
AM/FM receiver IC Si4731 with external 32768 Hz crystal oscillator support
ST7588T LCD driver IC
LM4910 Audio amplifier IC
See Table 3 for details.
Table 3. Si4731 Demo Board Bill of Materials
Item
Qty
Reference
Description
Value
1
3
C1, C16, C29
CAP,SM,0603,X7R
0.47 µF
2
2
C4, C13
CAP,SM,0603,X7R
4.7 µF
3
8
C15, C23-28, C41
CAP,SM,0603,X7R
1 µF
4
6
C10,C14,C19,C37,C39–40
CAP,SM,0603,X7R
0.1 µF
5
4
C2 ,C3, C21–22
CAP,SM,0603,X7R
22 pF
6
2
C8, C12
CAP,SM,0603,X7R
220 pF
7
2
C11, C18
CAP,SM,0603,X7R
820 pF
8
3
C5–7
CAP,SM,0603,X7R
100 pF
9
4
C17, C38, C44, C46
CAP,SM,0603,X7R
1 nF
10
8
C32–36,C54–C55,C43
CAP,SM,0603,X7R
NP
11
3
C30 ,C45, C53
RES,SM,0603
0R
12
1
C9
CAP,SM,1210,tantalum
100 µF/6.3 V
13
1
C31
CAP,SM,1210,tantalum
220 µF/4 V
14
4
R1–2, R3 ,R25
RES,SM,0603
0R
15
11
R7,R27,R29–32,R34,R36–39
RES,SM,0603
10 kW
16
2
R5, R11
RES,SM,0603
12 kW
17
4
R20, R22–23, R28
RES,SM,0603
1 kW
18
2
R4,R6
RES,SM,0603
5k6
19
2
R8, R10
RES,SM,0603
6k8
20
3
R9, R16–17
RES,SM,0603
2 kW
21
2
R18–19
RES,SM,0603
100R
22
5
R15,R21,R24,R26,R35
RES,SM,0603
NP
23
1
R12
RES,SM,0603
4k7
24
3
R13–14, R33
RES,SM,0603
100k
25
4
B1–4
FERRITE BEAD,SM,0805
2k5/100M
26
1
L1
IND,SM,0603
120 nH
27
1
L2
IND,SM,0603
270 nH
28
2
L3–4
RES,SM,0603
0R
29
1
U1
Si47xx, MLP20-3MM
Si47xx


유사한 부품 번호 - SI4731-DEMO

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4731-D50 SILABS-SI4731-D50 Datasheet
557Kb / 34P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4731-D50 SKYWORKS-SI4731-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
SI4731-D50-GM SKYWORKS-SI4731-D50-GM Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4731-D60 SILABS-SI4731-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
logo
Skyworks Solutions Inc.
SI4731-D60 SKYWORKS-SI4731-D60 Datasheet
503Kb / 40P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
Revision 1.0 to Revision 1.1
More results

유사한 설명 - SI4731-DEMO

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4836-DEMO SILABS-SI4836-DEMO Datasheet
1Mb / 12P
   Si4836 DEMO BOARD USERS GUIDE
SI4827-DEMO SILABS-SI4827-DEMO Datasheet
2Mb / 16P
   Si4827 DEMO BOARD USERS GUIDE
SI4825-DEMO SILABS-SI4825-DEMO Datasheet
1Mb / 12P
   Si4825 DEMO BOARD USERS GUIDE
SI4844-B-DEMO SILABS-SI4844-B-DEMO Datasheet
1Mb / 18P
   Si4844-B DEMO BOARD USERS GUIDE
SI4826-DEMO SILABS-SI4826-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
SI4840-DEMO SILABS-SI4840-DEMO Datasheet
1Mb / 22P
   Si4840/44 DEMO BOARD USERS GUIDE
SI1146 SILABS-SI1146 Datasheet
197Kb / 7P
   UVIRSLIDER2EK DEMO KIT USERS GUIDE
RD-0085-0401 SILABS-RD-0085-0401 Datasheet
4Mb / 37P
   UG252: ZigBee짰 Lighting Reference Design Demo Board Kit Users Guide
logo
ON Semiconductor
AGB1N0CS-GEVK ONSEMI-AGB1N0CS-GEVK Datasheet
466Kb / 6P
   Demo 3 Evaluation Board Users Manual
July, 2020 ??Rev. 1
logo
Silicon Laboratories
SI8718 SILABS-SI8718 Datasheet
1Mb / 16P
   EVALUATION BOARD USERS GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com