전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4844-A10 데이터시트(PDF) 9 Page - Silicon Laboratories

부품명 SI4844-A10
상세설명  BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4844-A10 데이터시트(HTML) 9 Page - Silicon Laboratories

Back Button SI4844-A10 Datasheet HTML 5Page - Silicon Laboratories SI4844-A10 Datasheet HTML 6Page - Silicon Laboratories SI4844-A10 Datasheet HTML 7Page - Silicon Laboratories SI4844-A10 Datasheet HTML 8Page - Silicon Laboratories SI4844-A10 Datasheet HTML 9Page - Silicon Laboratories SI4844-A10 Datasheet HTML 10Page - Silicon Laboratories SI4844-A10 Datasheet HTML 11Page - Silicon Laboratories SI4844-A10 Datasheet HTML 12Page - Silicon Laboratories SI4844-A10 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Si4840/44-A10
Rev.1.0
9
Table 6. AM/SW Receiver Characteristics1, 2
(VDD = 2.7 to 3.6 V, TA = –15 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Frequency
fRF
Medium Wave (AM)
504
1750
kHz
Short Wave (SW)
2.3
28.5
MHz
Sensitivity3,4,5
(S+N)/N = 26 dB
30
µV EMF
Large Signal Voltage Handling5
THD < 8%
300
mVRMS
Power Supply Rejection Ratio5
∆VDD =100 mVRMS, 100 Hz
40
dB
Audio Output Voltage3,6,8
60
mVRMS
Audio S/N3,4,6
55
dB
Audio THD3,6
0.1
0.5
%
Antenna Inductance5,7
180
450
µH
Powerup/Band Switch Time5
From powerdown
110
ms
Notes:
1.
Additional testing information is available in “AN603: Si4840/44 DEMO Board Test Procedure.” Volume = maximum
for all tests. Tested at RF = 520 kHz.
2.
To ensure proper operation and receiver performance, follow the guidelines in “AN602: Si484x-A Antenna, Schematic,
Layout, and Design Guidelines.” Silicon Laboratories will evaluate schematics and layouts for qualified customers.
3.
FMOD = 1 kHz, 30% modulation, 2 kHz channel filter.
4.
BAF = 300 Hz to 15 kHz, A-weighted.
5.
Guaranteed by characterization.
6.
VIN =5 mVrms.
7.
Stray capacitance on antenna and board must be < 10 pF to achieve full tuning range at higher inductance levels.
8.
Tested in Digital Volume Mode.
Table 7. Reference Clock and Crystal Characteristics
(VDD = 2.7 to 3.6 V, TA = –15 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Reference Clock
XTALI Supported Reference Clock
Frequencies
32.768
kHz
Reference Clock Frequency
Tolerance for XTALI
–100
100
ppm
Crystal Oscillator
Crystal Oscillator Frequency
32.768
kHz
Crystal Frequency Tolerance
–100
100
ppm
Board Capacitance
——
3.5
pF


유사한 부품 번호 - SI4844-A10

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI4844-A10 SKYWORKS-SI4844-A10 Datasheet
2Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.4 to Revision 1.0
SI4844-A10-GU SKYWORKS-SI4844-A10-GU Datasheet
2Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.4 to Revision 1.0
More results

유사한 설명 - SI4844-A10

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4827-A10 SILABS-SI4827-A10 Datasheet
1Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
SI4840 SILABS-SI4840 Datasheet
1Mb / 3P
   Broadcast Analog Tuning Digital Display AM/FM/SW Radio Receiver
SI4844-B20 SILABS-SI4844-B20 Datasheet
1Mb / 27P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
SI4822-A10 SILABS-SI4822-A10 Datasheet
1Mb / 24P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4827-A10 SKYWORKS-SI4827-A10 Datasheet
2Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4844-B20 SKYWORKS-SI4844-B20 Datasheet
2Mb / 27P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 1.0
SI4840-A10 SKYWORKS-SI4840-A10 Datasheet
2Mb / 26P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.4 to Revision 1.0
logo
List of Unclassifed Man...
SI4824-DEMO ETC2-SI4824-DEMO Datasheet
194Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Silicon Laboratories
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com