전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLP2010NIR 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 DLP2010NIR
상세설명  0.2 WVGA Near-Infrared DMD
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2010NIR 데이터시트(HTML) 7 Page - Texas Instruments

Back Button DLP2010NIR Datasheet HTML 3Page - Texas Instruments DLP2010NIR Datasheet HTML 4Page - Texas Instruments DLP2010NIR Datasheet HTML 5Page - Texas Instruments DLP2010NIR Datasheet HTML 6Page - Texas Instruments DLP2010NIR Datasheet HTML 7Page - Texas Instruments DLP2010NIR Datasheet HTML 8Page - Texas Instruments DLP2010NIR Datasheet HTML 9Page - Texas Instruments DLP2010NIR Datasheet HTML 10Page - Texas Instruments DLP2010NIR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
DLP2010NIR
www.ti.com
DLPS059A – MARCH 2015 – REVISED OCTOBER 2015
6.3 ESD Ratings
VALUE
UNIT
Electrostatic
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
V(ESD)
±1000
V
discharge
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.4 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
NOM
MAX
UNIT
SUPPLY VOLTAGE RANGE(3)
VDD
Supply voltage for LVCMOS core logic
1.65
1.8
1.95
V
Supply voltage for LPSDR low-speed interface
VDDI
Supply voltage for SubLVDS receivers
1.65
1.8
1.95
V
VOFFSET
Supply voltage for HVCMOS and micromirror
9.5
10
10.5
V
electrode(4)
VBIAS
Supply voltage for mirror electrode
17.5
18
18.5
V
VRESET
Supply voltage for micromirror electrode
–14.5
–14
–13.5
V
|VDDI–VDD|
Supply voltage delta (absolute value)(5)
0.3
V
|VBIAS–VOFFSET|
Supply voltage delta (absolute value)(6)
10.5
V
|VBIAS–VRESET|
Supply voltage delta (absolute value)(7)
33
V
OUTPUT TERMINALS
IOH
High-level output current at Voh = 0.8 × VDD
–30
mA
IOL
Low-level output current at Vol = 0.2 × VDD
30
mA
CLOCK FREQUENCY
ƒclock
Clock frequency for low speed interface LS_CLK(8)
108
120
MHz
ƒclock
Clock frequency for high speed interface DCLK(9)
300
600
MHz
Duty cycle distortion DCLK
44%
56%
SUBLVDS INTERFACE (9)
| VID |
SubLVDS input differential voltage (absolute value)
150
250
350
mV
Figure 8, Figure 9
VCM
Common mode voltage Figure 8, Figure 9
700
900
1100
mV
VSUBLVDS
SubLVDS voltage Figure 8, Figure 9
575
1225
mV
ZLINE
Line differential impedance (PWB/trace)
90
100
110
Ω
ZIN
Internal differential termination resistance Figure 10
80
100
120
Ω
100-
Ω differential PCB trace
6.35
152.4
mm
LPSDR INTERFACE(10)
ZLINE
Line differential impedance (PWB/trace)
61.2
68
74.8
Ω
(1)
Recommended Operating Conditions are applicable after the DMD is installed in the final product.
(2)
The functional performance of the device specified in this datasheet is achieved when operating the device within the limits defined by
the Recommended Operating Conditions. No level of performance is implied when operating the device above or below the
Recommended Operating Conditions limits.
(3)
All voltage values are with respect to the ground pins (VSS).
(4)
VOFFSET supply transients must fall within specified max voltages.
(5)
To prevent excess current, the supply voltage delta |VDDI – VDD| must be less than specified limit.
(6)
To prevent excess current, the supply voltage delta |VBIAS – VOFFSET| must be less than specified limit.
(7)
To prevent excess current, the supply voltage delta |VBIAS – VRESET| must be less than specified limit.
(8)
LS_CLK must run as specified to ensure internal DMD timing for reset waveform commands.
(9)
Refer to the SubLVDS timing requirements in Timing Requirements.
(10) Refer to the LPSDR timing requirements in Timing Requirements.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DLP2010NIR


유사한 부품 번호 - DLP2010NIR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLP2010NIR TI1-DLP2010NIR Datasheet
720Kb / 39P
[Old version datasheet]   2 WVGA Near-Infrared DMD
DLP2010NIRAFQJ TI1-DLP2010NIRAFQJ Datasheet
720Kb / 39P
[Old version datasheet]   2 WVGA Near-Infrared DMD
DLP2010NIRFQJ TI1-DLP2010NIRFQJ Datasheet
720Kb / 39P
[Old version datasheet]   2 WVGA Near-Infrared DMD
DLP2010NIR TI1-DLP2010NIR_18 Datasheet
720Kb / 39P
[Old version datasheet]   2 WVGA Near-Infrared DMD
More results

유사한 설명 - DLP2010NIR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLP2010NIR TI1-DLP2010NIR_18 Datasheet
720Kb / 39P
[Old version datasheet]   2 WVGA Near-Infrared DMD
DLP2010 TI1-DLP2010_16 Datasheet
684Kb / 41P
[Old version datasheet]   0.2 WVGA DMD
DLP4500NIR TI1-DLP4500NIR_19 Datasheet
2Mb / 53P
[Old version datasheet]   .45 WXGA Near-Infrared DMD
DLP2010 TI1-DLP2010 Datasheet
670Kb / 41P
[Old version datasheet]   WVGA DMD
DLP2010 TI1-DLP2010_19 Datasheet
680Kb / 42P
[Old version datasheet]   DLP2010 .2 WVGA DMD
DLP3030-Q1 TI1-DLP3030-Q1 Datasheet
143Kb / 7P
[Old version datasheet]   0.3 WVGA S450 DMD
DLP3021-Q1 TI1-DLP3021-Q1 Datasheet
626Kb / 38P
[Old version datasheet]   0.3-In WVGA DMD
DLP2010LC TI1-DLP2010LC Datasheet
737Kb / 43P
[Old version datasheet]   DLP2010LC .2 WVGA DMD
DLP4500NIR TI1-DLP4500NIR Datasheet
2Mb / 58P
[Old version datasheet]   WXGA Near-Infared DMD
DLP3000 TI1-DLP3000 Datasheet
1Mb / 30P
[Old version datasheet]   DLP짰 0.3 WVGA Series 220 DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com