전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLP3010FQK 데이터시트(PDF) 8 Page - Texas Instruments

부품명 DLP3010FQK
상세설명  DMD
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DLP3010FQK 데이터시트(HTML) 8 Page - Texas Instruments

Back Button DLP3010FQK Datasheet HTML 4Page - Texas Instruments DLP3010FQK Datasheet HTML 5Page - Texas Instruments DLP3010FQK Datasheet HTML 6Page - Texas Instruments DLP3010FQK Datasheet HTML 7Page - Texas Instruments DLP3010FQK Datasheet HTML 8Page - Texas Instruments DLP3010FQK Datasheet HTML 9Page - Texas Instruments DLP3010FQK Datasheet HTML 10Page - Texas Instruments DLP3010FQK Datasheet HTML 11Page - Texas Instruments DLP3010FQK Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Micromirror Landed Duty Cycle
0/100 5/95 10/90 15/85 20/80 25/75 30/70 35/65 40/60 45/55
30
40
50
60
70
80
D001
50/50
100/0
95/5
90/10
85/15
80/20
75/25
70/30
65/35
60/40
55/45
DLP3010
DLPS051A – SEPTEMBER 2014 – REVISED APRIL 2015
www.ti.com
Recommended Operating Conditions (continued)
Over operating free-air temperature range (unless otherwise noted)
(1)(2)(3)
MIN
NOM
MAX
UNIT
ENVIRONMENTAL
TARRAY
Array Temperature – long-term operational(11)(12)(13)
0
40 to 70(13)
°C
Array Temperature – short-term operational(12)(14)
–20
75
|TDELTA|
Absolute Temperature difference between any point
30
°C
30 °C on the window edge and the ceramic test point
TP1(15)
TWINDOW
Window Temperature – operational(11)(16)
90
°C
ILLUV
Illumination wavelengths < 400 nm (11)
0.68
mW/cm2
ILLVIS
Illumination wavelengths between 400 nm and 700 nm
Thermally limited
ILLIR
Illumination wavelengths > 700 nm
10
mW/cm2
(11) Simultaneous exposure of the DMD to the maximum Recommended Operating Conditions for temperature and UV illumination will
reduce device lifetime.
(12) The array temperature cannot be measured directly and must be computed analytically from the temperature measured at test point 1
(TP1) shown in Figure 18 and the package thermal resistance using Micromirror Array Temperature Calculation.
(13) Per Figure 1, the maximum operational array temperature should be derated based on the micromirror landed duty cycle that the DMD
experiences in the end application. Refer to Micromirror Landed-On/Landed-Off Duty Cycle for a definition of micromirror landed duty
cycle.
(14) Array temperatures beyond those specified as long-term are recommended for short-term conditions only (power-up). Short-term is
defined as cumulative time over the usable life of the device and is less than 500 hours for temperatures between the long-term
maximum and 75ºC, less than 500 hours for temperatures between 0ºC and –10ºC, and less than 25 hours for temperatures between -
10ºC and -20ºC.
(15) Temperature delta is the highest difference between the ceramic test point 1 (TP1) and anywhere on the window edge shown in
Figure 18. The window test points TP2 and TP3 shown in Figure 18 are intended to result in the worst case delta temperature. If a
particular application causes another point on the window edge to result in a larger delta temperature, that point should be used.
(16) Window temperature is the highest temperature on the window edge shown in Figure 18. The locations of thermal test points TP2 and
TP3 in Figure 18 are intended to measure the highest window edge temperature. If a particular application causes another point on the
window edge to be at a higher temperature, that point should be used.
SPACE
Figure 1. Max Recommended Array Temperature – Derating Curve
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DLP3010


유사한 부품 번호 - DLP3010FQK

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLP3010FQK TI1-DLP3010FQK Datasheet
1Mb / 41P
[Old version datasheet]   0.3 720p DMD
More results

유사한 설명 - DLP3010FQK

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
MR-0120.008 HP-MR-0120.008 Datasheet
116Kb / 2P
   DMD MASTR
logo
Texas Instruments
DLP6500FYE TI1-DLP6500FYE Datasheet
761Kb / 51P
[Old version datasheet]   DMD
DLP4710 TI1-DLP4710 Datasheet
821Kb / 39P
[Old version datasheet]   DMD
DLP3010 TI1-DLP3010_18 Datasheet
1Mb / 41P
[Old version datasheet]   0.3 720p DMD
DLP2010 TI1-DLP2010 Datasheet
670Kb / 41P
[Old version datasheet]   WVGA DMD
DLP7000UV TI1-DLP7000UV Datasheet
1Mb / 51P
[Old version datasheet]   LVDS Type A DMD
DLP470TE TI1-DLP470TE Datasheet
684Kb / 44P
[Old version datasheet]   0.47 4K UHD DMD
DLP230KP TI1-DLP230KP Datasheet
173Kb / 6P
[Old version datasheet]   0.23 HD DMD Datasheet
DLP2010 TI1-DLP2010_19 Datasheet
680Kb / 42P
[Old version datasheet]   DLP2010 .2 WVGA DMD
DLP480RE TI1-DLP480RE_19 Datasheet
764Kb / 47P
[Old version datasheet]   0.48 WUXGA DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com