전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLP3010FQK 데이터시트(PDF) 10 Page - Texas Instruments

부품명 DLP3010FQK
상세설명  DMD
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DLP3010FQK 데이터시트(HTML) 10 Page - Texas Instruments

Back Button DLP3010FQK Datasheet HTML 6Page - Texas Instruments DLP3010FQK Datasheet HTML 7Page - Texas Instruments DLP3010FQK Datasheet HTML 8Page - Texas Instruments DLP3010FQK Datasheet HTML 9Page - Texas Instruments DLP3010FQK Datasheet HTML 10Page - Texas Instruments DLP3010FQK Datasheet HTML 11Page - Texas Instruments DLP3010FQK Datasheet HTML 12Page - Texas Instruments DLP3010FQK Datasheet HTML 13Page - Texas Instruments DLP3010FQK Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
DLP3010
DLPS051A – SEPTEMBER 2014 – REVISED APRIL 2015
www.ti.com
Electrical Characteristics (continued)
Over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS(2)
MIN
TYP
MAX
UNIT
IIL
Low–level input current
VDD = 1.95 V; VI = 0 V
–100
nA
IIH
High–level input current
VDD = 1.95 V; VI = 1.95 V
100
nA
LPSDR OUTPUT(10)
VOH
DC output high voltage
IOH = –2 mA
0.8 × VDD
V
VOL
DC output low voltage
IOL = 2 mA
0.2 × VDD
V
CAPACITANCE
Input capacitance LPSDR
ƒ = 1 MHz
10
pF
CIN
Input capacitance SubLVDS
ƒ = 1 MHz
10
pF
COUT
Output capacitance
ƒ = 1 MHz
10
pF
CRESET
Reset group capacitance
ƒ = 1 MHz; (720 × 160) micromirrors
200
220
pF
(10) LPSDR specification is for pin LS_RDATA.
6.7 Timing Requirements
Device electrical characteristics are over Recommended Operating Conditions unless otherwise noted.
MIN
NOM
MAX
UNIT
LPSDR
tr
Rise slew rate(1)
(30% to 80%) × VDD, Figure 3
1
3
V/ns
tƒ
Fall slew rate(1)
(70% to 20%) × VDD, Figure 3
1
3
V/ns
tr
Rise slew rate(2)
(20% to 80%) × VDD, Figure 3
0.25
V/ns
tƒ
Fall slew rate(2)
(80% to 20%) × VDD, Figure 3
0.25
V/ns
tc
Cycle time LS_CLK,
Figure 2
7.7
8.3
ns
tW(H)
Pulse duration LS_CLK
3.1
ns
50% to 50% reference points, Figure 2
high
tW(L)
Pulse duration LS_CLK
3.1
ns
50% to 50% reference points, Figure 2
low
tsu
Setup time
LS_WDATA valid before LS_CLK
↑, Figure 2
1.5
ns
th
Hold time
LS_WDATA valid after LS_CLK
↑, Figure 2
1.5
ns
tWINDOW
Window time(1)(3)
Setup time + Hold time, Figure 2
3
ns
For each 0.25 V/ns reduction in slew rate below
0.35
ns
tDERATING
Window time derating(1)(3)
1 V/ns, Figure 5
SubLVDS
tr
Rise slew rate
20% to 80% reference points, Figure 4
0.7
1
V/ns
tƒ
Fall slew rate
80% to 20% reference points, Figure 4
0.7
1
V/ns
tc
Cycle time DCLK,
Figure 6
1.79
1.85
ns
tW(H)
Pulse duration DCLK high
50% to 50% reference points, Figure 6
0.79
ns
tW(L)
Pulse duration DCLK low
50% to 50% reference points, Figure 6
0.79
ns
D(0:3) valid before
tsu
Setup time
DCLK
↑ or DCLK ↓, Figure 6
D(0:3) valid after
th
Hold time
DCLK
↑ or DCLK ↓, Figure 6
tWINDOW
Window time
Setup time + Hold time, Figure 6, Figure 7
0.3
ns
tLVDS-
Power-up receiver(4)
2000
ns
ENABLE+REFGEN
(1)
Specification is for LS_CLK and LS_WDATA pins. Refer to LPSDR input rise slew rate and fall slew rate in Figure 3.
(2)
Specification is for DMD_DEN_ARSTZ pin. Refer to LPSDR input rise and fall slew rate in Figure 3.
(3)
Window time derating example: 0.5-V/ns slew rate increases the window time by 0.7 ns, from 3 to 3.7 ns.
(4)
Specification is for SubLVDS receiver time only and does not take into account commanding and latency after commanding.
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DLP3010


유사한 부품 번호 - DLP3010FQK

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLP3010FQK TI1-DLP3010FQK Datasheet
1Mb / 41P
[Old version datasheet]   0.3 720p DMD
More results

유사한 설명 - DLP3010FQK

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
MR-0120.008 HP-MR-0120.008 Datasheet
116Kb / 2P
   DMD MASTR
logo
Texas Instruments
DLP6500FYE TI1-DLP6500FYE Datasheet
761Kb / 51P
[Old version datasheet]   DMD
DLP4710 TI1-DLP4710 Datasheet
821Kb / 39P
[Old version datasheet]   DMD
DLP3010 TI1-DLP3010_18 Datasheet
1Mb / 41P
[Old version datasheet]   0.3 720p DMD
DLP2010 TI1-DLP2010 Datasheet
670Kb / 41P
[Old version datasheet]   WVGA DMD
DLP7000UV TI1-DLP7000UV Datasheet
1Mb / 51P
[Old version datasheet]   LVDS Type A DMD
DLP470TE TI1-DLP470TE Datasheet
684Kb / 44P
[Old version datasheet]   0.47 4K UHD DMD
DLP230KP TI1-DLP230KP Datasheet
173Kb / 6P
[Old version datasheet]   0.23 HD DMD Datasheet
DLP2010 TI1-DLP2010_19 Datasheet
680Kb / 42P
[Old version datasheet]   DLP2010 .2 WVGA DMD
DLP480RE TI1-DLP480RE_19 Datasheet
764Kb / 47P
[Old version datasheet]   0.48 WUXGA DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com