전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLP4500NIRFQD 데이터시트(PDF) 9 Page - Texas Instruments

부품명 DLP4500NIRFQD
상세설명  WXGA Near-Infared DMD
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4500NIRFQD 데이터시트(HTML) 9 Page - Texas Instruments

Back Button DLP4500NIRFQD Datasheet HTML 5Page - Texas Instruments DLP4500NIRFQD Datasheet HTML 6Page - Texas Instruments DLP4500NIRFQD Datasheet HTML 7Page - Texas Instruments DLP4500NIRFQD Datasheet HTML 8Page - Texas Instruments DLP4500NIRFQD Datasheet HTML 9Page - Texas Instruments DLP4500NIRFQD Datasheet HTML 10Page - Texas Instruments DLP4500NIRFQD Datasheet HTML 11Page - Texas Instruments DLP4500NIRFQD Datasheet HTML 12Page - Texas Instruments DLP4500NIRFQD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
DLP4500NIR
www.ti.com
DLPS032A – FEBRUARY 2014 – REVISED JANUARY 2016
Connector Pins for FQD
PIN
PACKAGE NET
INTERNAL
TYPE
SIGNAL
DATA RATE (1)
DESCRIPTION
LENGTH (mm)
TERMINATION
NAME
NO.
(2)
DATA INPUTS
DATA(0)
A1
Input
LVCMOS
DDR
none
Input data bus, bit 0, LSB
3.77
DATA(1)
A2
Input
LVCMOS
DDR
none
Input data bus, bit 1
3.77
DATA(2)
A3
Input
LVCMOS
DDR
none
Input data bus, bit 2
3.73
DATA(3)
A4
Input
LVCMOS
DDR
none
Input data bus, bit 3
3.74
DATA(4)
B1
Input
LVCMOS
DDR
none
Input data bus, bit 4
3.79
DATA(5)
B3
Input
LVCMOS
DDR
none
Input data bus, bit 5
3.75
DATA(6)
C1
Input
LVCMOS
DDR
none
Input data bus, bit 6
3.72
DATA(7)
C3
Input
LVCMOS
DDR
none
Input data bus, bit 7
3.75
DATA(8)
C4
Input
LVCMOS
DDR
none
Input data bus, bit 8
3.78
DATA(9)
D1
Input
LVCMOS
DDR
none
Input data bus, bit 9
3.75
DATA(10)
D4
Input
LVCMOS
DDR
none
Input data bus, bit 10
3.77
DATA(11)
E1
Input
LVCMOS
DDR
none
Input data bus, bit 11
3.75
DATA(12)
E4
Input
LVCMOS
DDR
none
Input data bus, bit 12
3.71
DATA(13)
F1
Input
LVCMOS
DDR
none
Input data bus, bit 13
3.76
DATA(14)
F3
Input
LVCMOS
DDR
none
Input data bus, bit 14
3.73
DATA(15)
G1
Input
LVCMOS
DDR
none
Input data bus, bit 15
3.72
DATA(16)
G2
Input
LVCMOS
DDR
none
Input data bus, bit 16
3.77
DATA(17)
G4
Input
LVCMOS
DDR
none
Input data bus, bit 17
3.73
DATA(18)
H1
Input
LVCMOS
DDR
none
Input data bus, bit 18
3.74
DATA(19)
H2
Input
LVCMOS
DDR
none
Input data bus, bit 19
3.76
DATA(20)
H4
Input
LVCMOS
DDR
none
Input data bus, bit 20
3.70
DATA(21)
J1
Input
LVCMOS
DDR
none
Input data bus, bit 21
3.77
DATA(22)
J3
Input
LVCMOS
DDR
none
Input data bus, bit 22
3.76
DATA(23)
J4
Input
LVCMOS
DDR
none
Input data bus, bit 23, MSB
3.77
DCLK
K1
Input
LVCMOS
DDR
none
Input data bus clock
3.74
DATA CONTROL INPUTS
LOADB
K2
Input
LVCMOS
DDR
none
Parallel-data load enable
3.74
TRC
K4
Input
LVCMOS
DDR
none
Input-data toggle rate control
4.70
SCTRL
K3
Input
LVCMOS
DDR
none
Serial-control bus
3.75
Stepped address-control serial-
3.77
SAC_BUS
C20
Input
LVCMOS
none
bus data
Stepped address-control serial-
1.49
SAC_CLK
C22
Input
LVCMOS
none
bus clock
MIRROR RESET CONTROL INPUTS
DRC_BUS
B21
Input
LVCMOS
none
DMD reset-control serial bus
3.73
Active-low output enable signal
3.74
DRC_OE
A20
Input
LVCMOS
none
for internal DMD reset driver
circuitry
Strobe signal for DMD reset-
3.73
DRC_STROBE
A22
Input
LVCMOS
none
control inputs
(1)
(a) DDR = Double data rate
(b) SDR = Single data rate
(c) Refer to Timing Requirements for specifications and relationships.
(2)
Net trace lengths inside the package:
(a) Relative dielectric constant for the FQD ceramic package is 9.8.
(b) Propagation speed = 11.8 / sqrt(9.8) = 3.769 inches/ns.
(c) Propagation delay = 0.265 ns/inch = 265 ps/inch = 10.43 ps/mm.
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DLP4500NIR


유사한 부품 번호 - DLP4500NIRFQD

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLP4500NIRFQD TI1-DLP4500NIRFQD Datasheet
2Mb / 53P
[Old version datasheet]   .45 WXGA Near-Infrared DMD
More results

유사한 설명 - DLP4500NIRFQD

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLP4500NIR TI1-DLP4500NIR_19 Datasheet
2Mb / 53P
[Old version datasheet]   .45 WXGA Near-Infrared DMD
DLP4501 TI1-DLP4501 Datasheet
533Kb / 36P
[Old version datasheet]   WXGA S311 DMD
DLP650LE TI1-DLP650LE Datasheet
737Kb / 38P
[Old version datasheet]   0.65 WXGA DMD
DLP4501 TI1-DLP4501_19 Datasheet
531Kb / 37P
[Old version datasheet]   45 WXGA S311 DMD
DLP4500 TI1-DLP4500_19 Datasheet
2Mb / 61P
[Old version datasheet]   DLP4500 .45 WXGA DMD
DLP4500 TI1-DLP4500 Datasheet
2Mb / 36P
[Old version datasheet]   DLP 0.45 WXGA DMD
DLP650LNIR TI1-DLP650LNIR Datasheet
1Mb / 52P
[Old version datasheet]   0.65 NIR WXGA S450 DMD
DLP2010NIR TI1-DLP2010NIR_18 Datasheet
720Kb / 39P
[Old version datasheet]   2 WVGA Near-Infrared DMD
DLP2010NIR TI1-DLP2010NIR Datasheet
742Kb / 39P
[Old version datasheet]   0.2 WVGA Near-Infrared DMD
logo
Agilent(Hewlett-Packard...
MR-0120.008 HP-MR-0120.008 Datasheet
116Kb / 2P
   DMD MASTR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com