전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLP4710 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 DLP4710
상세설명  DMD
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4710 데이터시트(HTML) 9 Page - Texas Instruments

Back Button DLP4710 Datasheet HTML 5Page - Texas Instruments DLP4710 Datasheet HTML 6Page - Texas Instruments DLP4710 Datasheet HTML 7Page - Texas Instruments DLP4710 Datasheet HTML 8Page - Texas Instruments DLP4710 Datasheet HTML 9Page - Texas Instruments DLP4710 Datasheet HTML 10Page - Texas Instruments DLP4710 Datasheet HTML 11Page - Texas Instruments DLP4710 Datasheet HTML 12Page - Texas Instruments DLP4710 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
DLP4710
www.ti.com
DLPS056A – NOVEMBER 2014 – REVISED MAY 2015
6.3 ESD Ratings
VALUE
UNIT
Electrostatic
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
V(ESD)
±2000
V
discharge
(1)
JEDEC document JEP155 states that 500 V HBM allows safe manufacturing with a standard ESD control process.
6.4 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
NOM
MAX
UNIT
SUPPLY VOLTAGE RANGE(4)
VDD
Supply voltage for LVCMOS core logic
1.7
1.8
1.95
V
Supply voltage for LPSDR low-speed interface
VDDI
Supply voltage for SubLVDS receivers
1.7
1.8
1.95
V
VOFFSET
Supply voltage for HVCMOS and micromirror
9.5
10
10.5
V
electrode(5)
VBIAS
Supply voltage for mirror electrode
17.5
18
18.5
V
VRESET
Supply voltage for micromirror electrode
–14.5
–14
–13.5
V
|VDDI–VDD|
Supply voltage delta (absolute value)(6)
0.3
V
|VBIAS–VOFFSET|
Supply voltage delta (absolute value)(7)
10.5
V
|VBIAS–VRESET|
Supply voltage delta (absolute value)(8)
33
V
CLOCK FREQUENCY
ƒclock
Clock frequency for low speed interface LS_CLK(9)
108
120
MHz
ƒclock
Clock frequency for high speed interface DCLK(10)
300
540
MHz
Duty cycle distortion DCLK
44%
56%
SUBLVDS INTERFACE (10)
| VID |
SubLVDS input differential voltage (absolute value)
150
250
350
mV
Figure 8 , Figure 9
VCM
Common mode voltage Figure 8 , Figure 9
700
900
1100
mV
VSUBLVDS
SubLVDS voltage Figure 8, Figure 9
575
1225
mV
ZLINE
Line differential impedance (PWB/trace)
90
100
110
ZIN
Internal differential termination resistance Figure 10
80
100
120
100-
Ω differential PCB trace
6.35
152.4
mm
(1)
The following power supplies are all required to operate the DMD: VDD, VDDI, VOFFSET, VBIAS, and VRESET. All VSS connections
are also required.
(2)
Recommended Operating Conditions are applicable after the DMD is installed in the final product.
(3)
The functional performance of the device specified in this data sheet is achieved when operating the device within the limits defined by
the Recommended Operating Conditions. No level of performance is implied when operating the device above or below the
Recommended Operating Conditions limits.
(4)
All voltage values are with respect to the ground pins (VSS).
(5)
VOFFSET supply transients must fall within specified max voltages.
(6)
To prevent excess current, the supply voltage delta |VDDI – VDD| must be less than specified limit.
(7)
To prevent excess current, the supply voltage delta |VBIAS – VOFFSET| must be less than specified limit.
(8)
To prevent excess current, the supply voltage delta |VBIAS – VRESET| must be less than specified limit.
(9)
LS_CLK must run as specified to ensure internal DMD timing for reset waveform commands.
(10) Refer to the SubLVDS timing requirements in Timing Requirements.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DLP4710


유사한 부품 번호 - DLP4710

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLP4710 TI1-DLP4710 Datasheet
846Kb / 39P
[Old version datasheet]   0.47 1080p DMD
DLP4710 TI1-DLP4710 Datasheet
792Kb / 43P
[Old version datasheet]   0.47 1080p DMD
DLP4710AFQL TI1-DLP4710AFQL Datasheet
792Kb / 43P
[Old version datasheet]   0.47 1080p DMD
DLP4710FQL TI1-DLP4710FQL Datasheet
846Kb / 39P
[Old version datasheet]   0.47 1080p DMD
DLP4710FQL TI1-DLP4710FQL Datasheet
792Kb / 43P
[Old version datasheet]   0.47 1080p DMD
More results

유사한 설명 - DLP4710

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
MR-0120.008 HP-MR-0120.008 Datasheet
116Kb / 2P
   DMD MASTR
logo
Texas Instruments
DLP3010 TI1-DLP3010 Datasheet
687Kb / 39P
[Old version datasheet]   DMD
DLP6500FYE TI1-DLP6500FYE Datasheet
761Kb / 51P
[Old version datasheet]   DMD
DLP3010 TI1-DLP3010_18 Datasheet
1Mb / 41P
[Old version datasheet]   0.3 720p DMD
DLP2010 TI1-DLP2010 Datasheet
670Kb / 41P
[Old version datasheet]   WVGA DMD
DLP7000UV TI1-DLP7000UV Datasheet
1Mb / 51P
[Old version datasheet]   LVDS Type A DMD
DLP470TE TI1-DLP470TE Datasheet
684Kb / 44P
[Old version datasheet]   0.47 4K UHD DMD
DLP230KP TI1-DLP230KP Datasheet
173Kb / 6P
[Old version datasheet]   0.23 HD DMD Datasheet
DLP2010 TI1-DLP2010_19 Datasheet
680Kb / 42P
[Old version datasheet]   DLP2010 .2 WVGA DMD
DLP480RE TI1-DLP480RE_19 Datasheet
764Kb / 47P
[Old version datasheet]   0.48 WUXGA DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com