전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS1101-200EG6 데이터시트(PDF) 7 Page - Silicon Laboratories

부품명 TS1101-200EG6
상세설명  High Side Bidirectional and Unidirectional Current Sense Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1101-200EG6 데이터시트(HTML) 7 Page - Silicon Laboratories

Back Button TS1101-200EG6 Datasheet HTML 3Page - Silicon Laboratories TS1101-200EG6 Datasheet HTML 4Page - Silicon Laboratories TS1101-200EG6 Datasheet HTML 5Page - Silicon Laboratories TS1101-200EG6 Datasheet HTML 6Page - Silicon Laboratories TS1101-200EG6 Datasheet HTML 7Page - Silicon Laboratories TS1101-200EG6 Datasheet HTML 8Page - Silicon Laboratories TS1101-200EG6 Datasheet HTML 9Page - Silicon Laboratories TS1101-200EG6 Datasheet HTML 10Page - Silicon Laboratories TS1101-200EG6 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2.4.5 RSENSE Kelvin Connections
For optimal VSENSE accuracy in the presence of large load currents, parasitic PCB track resistance should be minimized. Kelvin-sense
PCB connections between RSENSE and the current-sense amplifier’s RS+ and RS– terminals are strongly recommended. The drawing
below illustrates the connections between the current-sense amplifier and the current-sense resistor. The PCB layout should be bal-
anced and symmetrical to minimize wiring-induced errors. In addition, the pcb layout for RSENSE should include good thermal manage-
ment techniques for optimal RSENSE power dissipation.
Figure 2.5. Making PCB Connections to RSENSE
2.4.6 RSENSE Composition
Current-shunt resistors are available in metal film, metal strip, and wire-wound constructions. Wire-wound current-shunt resistors con-
sist of a wire spirally wound onto a core. As a result, these types of current shunt resistors exhibit the largest self inductance. In applica-
tions where the load current contains high-frequency transients, metal film or metal strip current-sense resistors are recommended.
2.4.7 Internal Noise Filter
In power management and motor control applications, current-sense amplifiers are required to measure load currents accurately in the
presence of both externally-generated differential and common-mode noise. An example of differential-mode noise that can appear at
the inputs of a current-sense amplifier is high-frequency ripple. High-frequency ripple (whether introduced into the circuit inductively or
capacitively) can produce a differential-mode voltage drop across the external current-shunt resistor (RSENSE). An example of external-
ly-generated, common-mode noise is the high-frequency output ripple of a switching regulator that can result in the injection of com-
mon-mode noise into both inputs of a current-sense amplifier.
Even though the load current signal bandwidth is dc, the input stage of any current-sense amplifier can rectify unwanted out-of-band
noise that can result in an apparent error voltage at its output. This rectification of noise signals occurs because all amplifier input
stages are constructed with transistors that can behave as high-frequency signal detectors in the same way P–N junction diodes were
used as RF envelope detectors in early radio designs. The amplifier’s internal common-mode rejection is usually sufficient to defeat
injected common-mode noise.
To counter the effects of externally-injected noise, it has always been good engineering practice to add external low-pass filters in ser-
ies with the inputs of a current-sense amplifier. In the design of discrete current-sense amplifiers, resistors used in the external low-
pass filters were incorporated into the circuit’s overall design to compensate for any input-bias-current-generated offset voltage and
gain errors.
With the advent of monolithic current-sense amplifiers, the addition of external low-pass filters in series with the current-sense amplifi-
er’s inputs only introduces additional offset voltage and gain errors. To minimize or altogether eliminate the need for external low-pass
filters and to maintain low input offset voltage and gain errors, the current-sense amplifiers incorporate a 50 kHz (typ) 2nd-order differ-
ential low-pass filter as shown in the Block Diagrams.
2.4.8 Output Filter Capacitor
If the current-sense amplifiers are a part of a signal acquisition system in which their OUT terminal is connected to the input of an ADC
with an internal, switched-capacitor track-and-hold circuit, the internal track-and-hold’s sampling capacitor can cause voltage droop at
VOUT. A good-quality 22 to 100 nF ceramic capacitor from the OUT terminal to GND forms a low-pass filter with the current-sense am-
plifier’s ROUT and should be used to minimize voltage droop (holding VOUT constant during the sample interval. Using a capacitor on
the OUT terminal will also reduce the small-signal bandwidth as well as band-limiting amplifier noise.
2.4.9 PC Board Layout and Power Supply Bypassing
For optimal circuit performance, the current-sense amplifiers should be in very close proximity to the external current-sense resistor,
and the PCB tracks from RSENSE to the RS+ and the RS– input terminals should be short and symmetric. Also recommended are a
ground plane and surface mount resistors and capacitors.
TS1100/01/02/03 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 6


유사한 부품 번호 - TS1101-200EG6

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS1101-200EG6T TOUCHSTONE-TS1101-200EG6T Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
TS1101-200EG6TP TOUCHSTONE-TS1101-200EG6TP Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
More results

유사한 설명 - TS1101-200EG6

제조업체부품명데이터시트상세설명
logo
Texas Instruments
INA181 TI1-INA181 Datasheet
1Mb / 32P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181_17 Datasheet
1Mb / 34P
[Old version datasheet]   INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
logo
Linear Technology
LT1999-50 LINER-LT1999-50_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
LT1999-10 LINER-LT1999-10_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
LT1999-20 LINER-LT1999-20_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
   High-side current sense amplifier
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
   High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101_1 Datasheet
294Kb / 17P
   High side current sense amplifier
logo
Silicon Laboratories
SI8540 SILABS-SI8540 Datasheet
1Mb / 18P
   HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101 Datasheet
146Kb / 18P
   High side current sense amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com