전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLPA2005ERSLR 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 DLPA2005ERSLR
상세설명  Power Management and LED/Lamp Driver IC
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA2005ERSLR 데이터시트(HTML) 10 Page - Texas Instruments

Back Button DLPA2005ERSLR Datasheet HTML 6Page - Texas Instruments DLPA2005ERSLR Datasheet HTML 7Page - Texas Instruments DLPA2005ERSLR Datasheet HTML 8Page - Texas Instruments DLPA2005ERSLR Datasheet HTML 9Page - Texas Instruments DLPA2005ERSLR Datasheet HTML 10Page - Texas Instruments DLPA2005ERSLR Datasheet HTML 11Page - Texas Instruments DLPA2005ERSLR Datasheet HTML 12Page - Texas Instruments DLPA2005ERSLR Datasheet HTML 13Page - Texas Instruments DLPA2005ERSLR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
tCSCR
tCDS
tCDH
tCFDO
tCFCS
tCSZ
HiZ
HiZ
SPI_CSZ
(SS)
SPI_CLK
(SCLK)
SPI_DIN
(MOSI)
SPI_DOUT
(MISO)
tiS
tiH
tCLKL
tCLKH
DLPA2005
DLPS047B – SEPTEMBER 2014 – REVISED OCTOBER 2015
www.ti.com
6.6 Data Transmission Timing Requirements
VBAT = 3.6 ± 5%, TA = 25 ºC, CL = 10 pF (unless otherwise noted)
MIN
TYP
MAX
UNIT
ƒCLK
Serial clock frequency
0
36
MHz
tCLKL
Pulse width low, SPI_CLK, 50% level
10
ns
tCLKH
Pulse width high, SPI_CLK, 50% level
10
ns
tt
Transition time, 20% to 80% level, all signals
0.2
4
ns
tCSCR
SPI_CSZ falling to SPI_CLK rising, 50% level
8
ns
tCFCS
SPI_CLK falling to SPI_CSZ rising, 50% level
1
ns
tCDS
SPI_DIN data setup time, 50% level
7
ns
tCDH
SPI_DIN data hold time, 50% level
6
ns
tiS
SPI_DOUT data setup time(1)), 50% level
10
ns
tiH
SPI_DOUT data hold time (1), 50% level
0
ns
tCFDO
SPI_CLK falling to SPI_DOUT data valid, 50% level
13
ns
tCSZ
SPI_CSZ rising to SPI_DOUT HiZ
6
ns
(1)
The DLPC3430/DLPC3435 processors send and receive data on the falling edge of the clock.
Figure 1. SPI Timing Diagram
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DLPA2005


유사한 부품 번호 - DLPA2005ERSLR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLPA2005 TI1-DLPA2005 Datasheet
173Kb / 6P
[Old version datasheet]   0.23 HD DMD Datasheet
DLPA2005 TI1-DLPA2005 Datasheet
737Kb / 43P
[Old version datasheet]   DLP2010LC .2 WVGA DMD
DLPA2005 TI-DLPA2005 Datasheet
549Kb / 6P
[Old version datasheet]   DLP300S 0.3-Inch 3.6-Megapixel DMD for Low Cost TI DLP짰 3D Printers
DLPA2005 TI-DLPA2005 Datasheet
579Kb / 6P
[Old version datasheet]   DLP301S 0.3-Inch 3.6-Megapixel DMD for TI DLP짰 3D Printers
DLPA2005 TI-DLPA2005 Datasheet
698Kb / 14P
[Old version datasheet]   DLPC1438 Digital Controller for DLP 3D Printers
More results

유사한 설명 - DLPA2005ERSLR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLPA2000 TI1-DLPA2000 Datasheet
1Mb / 58P
[Old version datasheet]   Power Management and LED/Lamp Driver IC
DLPA1000 TI1-DLPA1000 Datasheet
863Kb / 47P
[Old version datasheet]   Power Management and LED Driver IC
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
logo
Rohm
BD8105FV ROHM-BD8105FV_09 Datasheet
357Kb / 13P
   Power Management IC Series for Automotive Body Control LED Driver
logo
Texas Instruments
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
   POWER SUPPLY AND BATTERY MANAGEMENT IC
logo
Freescale Semiconductor...
13892 FREESCALE-13892_11 Datasheet
5Mb / 156P
   Power Management and User Interface IC
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
    Power Management and User Interface IC
logo
ON Semiconductor
FLS0116 ONSEMI-FLS0116 Datasheet
3Mb / 15P
   MOSFET Integrated Smart LED Lamp Driver IC
June 2013 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com