전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLPC410ZYR 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 DLPC410ZYR
상세설명  Digital Controller
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC410ZYR 데이터시트(HTML) 6 Page - Texas Instruments

Back Button DLPC410ZYR Datasheet HTML 2Page - Texas Instruments DLPC410ZYR Datasheet HTML 3Page - Texas Instruments DLPC410ZYR Datasheet HTML 4Page - Texas Instruments DLPC410ZYR Datasheet HTML 5Page - Texas Instruments DLPC410ZYR Datasheet HTML 6Page - Texas Instruments DLPC410ZYR Datasheet HTML 7Page - Texas Instruments DLPC410ZYR Datasheet HTML 8Page - Texas Instruments DLPC410ZYR Datasheet HTML 9Page - Texas Instruments DLPC410ZYR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
DLPC410
DLPS024C – AUGUST 2012 – REVISED DECEMBER 2015
www.ti.com
Pin Functions
PIN
TERMINATION
ACTIVE
DATA
TYPE
SIGNAL
CLOCK
DESCRIPTION
/NOTES
(Hi or Lo)
RATE
NAME
NO.
APPS_CNTL_DPN
F7
-
-
This pair connected with 100
-
-
Not Used
Ω resistor between pair.
APPS_CNTL_DPP
E7
-
-
-
-
Not Used
ARST
AC13
I
LVCMOS25_S_
Lo
-
DLPC410 Reset
12_I
AVDD_0
M14
-
-
Not used - connect to
-
-
Xilinx System Monitor analog
Ground (no name in
supply - (not used - must be
Reference Design)
connected to ground)
AVSS_0
M13
-
-
Not used - connect to
-
-
Xilinx System Monitor analog
Ground (no name in
ground - (not used - must be
Reference Design)
connected to ground)
BLKAD_0
E12
I
LVCMOS25_S_
Hi = 1
DDC_DCLK_[A,B,C,D]
Block Address bit 0
12_I
BLKAD_1
D13
I
LVCMOS25_S_
Hi = 1
DDC_DCLK_[A,B,C,D]
Block Address bit 1
12_I
BLKAD_2
E13
I
LVCMOS25_S_
Hi = 1
DDC_DCLK_[A,B,C,D]
Block Address bit 2
12_I
BLKAD_3
F13
I
LVCMOS25_S_
Hi = 1
DDC_DCLK_[A,B,C,D]
Block Address bit 3
12_I
BLKMD_0
H13
I
LVCMOS25_S_
Hi = 1
DDC_DCLK_[A,B,C,D]
Block Mode Bit 0
12_I
BLKMD_1
H14
I
LVCMOS25_S_
Hi = 1
DDC_DCLK_[A,B,C,D]
Block Mode Bit 1
12_I
CLKIN_R
AD13
I
LVCMOS25_S_
-
Reference Clock
Reference Clock
12_I
COMP_DATA
G19
I
LVCMOS25_S_
Hi
DDC_DCLK_[A,B,C,D]
Compliment Data (0 <--> 1)
12_I
CS_B_0
N18
-
-
1 k
Ω pulldown to ground
Lo
-
Xilinx Config
D_OUT_BUSY_0
W11
-
NC
Do not connect
-
-
Not Used
DAD_A_ADDR0
E1
O
LVCMOS25_F_
Connected to DLPA200
Hi = 1
-
DLPA200 Number 1 Reset
12_O
number 1 Address 0 pin
Block bit 0
DAD_A_ADDR1
E2
O
LVCMOS25_F_
Connected to DLPA200
Hi = 1
-
DLPA200 Number 1 Reset
12_O
Number 1 Address 1 pin
Block bit 1
DAD_A_ADDR2
E3
O
LVCMOS25_F_
Connected to DLPA200
Hi = 1
-
DLPA200 Number 1 Reset
12_O
Number 1 Address 2 pin
Block bit 2
DAD_A_ADDR3
F3
O
LVCMOS25_F_
Connected to DLPA200
Hi = 1
-
DLPA200 Number 1 Reset
12_O
Number 1 Address 3 pin
Block bit 3
DAD_A_MODE0
C1
O
LVCMOS25_F_
Connected to DLPA200
Hi = 1
-
DLPA200 Number 1Mode bit 0
12_O
Number 1 Mode 0 pin
DAD_A_MODE1
D1
O
LVCMOS25_F_
Connected to DLPA200
Hi = 1
-
DLPA200 Number 1 Mode bit
12_O
Number 1 Mode 1 pin
1
DAD_A_SCPEN
AE3
O
LVCMOS25_F_
Connected to DLPA200
Lo
-
DLPA200 Number 1 SCP
12_O
Number 1 SCPEN pin
Communication Enable
DAD_A_SEL0
AB12
O
LVCMOS25_F_
Connected to DLPA200
Hi = 1
-
DLPA200 Number 1 Address
12_O
Number 1 SEL 0 pin
bit 0
DAD_A_SEL1
AC12
O
LVCMOS25_F_
Connected to DLPA200
Hi = 1
-
DLPA200 Number 1 Address
12_O
Number 1 SEL 1 pin
bit 1
DAD_A_STROBE
AF3
O
LVCMOS25_F_
Connected to DLPA200
Hi
-
DLPA200 Number 1 Transition
12_O
Number 1 STROBE pin
Strobe
DAD_B_ADDR0
E26
O
LVCMOS25_F_
Connected to DLPA200
Hi = 1
-
DLPA200 Number 2 Reset
12_O
Number 2 Address 1 pin
Block bit 0
DAD_B_ADDR1
E25
O
LVCMOS25_F_
Connected to DLPA200
Hi = 1
-
DLPA200 Number 2 Reset
12_O
Number 2 Address 2 pin
Block bit 1
DAD_B_ADDR2
F25
O
LVCMOS25_F_
Connected to DLPA200
Hi = 1
-
DLPA200 Number 2 Reset
12_O
Number 2 Address 3 pin
Block bit 2
DAD_B_ADDR3
F24
O
LVCMOS25_F_
Connected to DLPA200
Hi = 1
-
DLPA200 Number 2 Reset
12_O
Number 2 Address 0 pin
Block bit 3
DAD_B_MODE0
D26
O
LVCMOS25_F_
Connected to DLPA200
Hi = 1
-
DLPA200 Number 2 Mode bit
12_O
Number 2 Mode 0 pin
0
DAD_B_MODE1
D25
O
LVCMOS25_F_
Connected to DLPA200
Hi = 1
-
DLPA200 Number 2 Mode bit
12_O
Number 2 Mode 1 pin
1
DAD_B_SCPEN
AB19
O
LVCMOS25_F_
Connected to DLPA200
Lo
-
DLPA200 Number 2 SCP
12_O
Number 2 SCPEN pin
Communication Enable
DAD_B_SEL0
R22
O
LVCMOS25_F_
Connected to DLPA200
Hi = 1
-
DLPA200 Number 2 Address
12_O
Number 2 SEL 0 pin
bit 0
DAD_B_SEL1
R23
O
LVCMOS25_F_
Connected to DLPA200
Hi = 1
-
DLPA200 Number 2 Address
12_O
Number 2 SEL 1 pin
bit 1
DAD_B_STROBE
AB20
O
LVCMOS25_F_
Connected to DLPA200
Hi
-
DLPA200 Number 2 Transition
12_O
Number 2 STROBE pin
Strobe
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: DLPC410


유사한 부품 번호 - DLPC410ZYR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DLPC4420 TI-DLPC4420 Datasheet
1Mb / 49P
[Old version datasheet]   DLPC4420 DLP짰 Display Controller
DECEMBER 2021
DLPC4420ZPC TI-DLPC4420ZPC Datasheet
1Mb / 49P
[Old version datasheet]   DLPC4420 DLP짰 Display Controller
DECEMBER 2021
DLPC4422 TI1-DLPC4422 Datasheet
191Kb / 7P
[Old version datasheet]   DLP Display Controller
DLPC4422 TI1-DLPC4422 Datasheet
1Mb / 49P
[Old version datasheet]   DLPC4422 DLP Display Controller
DLPC4422AZPC TI1-DLPC4422AZPC Datasheet
1Mb / 49P
[Old version datasheet]   DLPC4422 DLP Display Controller
More results

유사한 설명 - DLPC410ZYR

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
E5AK OMRON-E5AK Datasheet
694Kb / 36P
   Digital Controller
logo
Zilog, Inc.
Z90341 ZILOG-Z90341 Datasheet
69Kb / 7P
   DIGITAL TELEVISION CONTROLLER
logo
List of Unclassifed Man...
GM6010 ETC-GM6010 Datasheet
792Kb / 2P
   DIGITAL TV CONTROLLER
logo
Mitsubishi Electric Sem...
M62428FP MITSUBISHI-M62428FP Datasheet
169Kb / 18P
   DIGITAL SOUND CONTROLLER
M62493FP MITSUBISHI-M62493FP Datasheet
578Kb / 18P
   DIGITAL SOUND CONTROLLER
logo
Fuji Electric
EDS11-90B FUJI-EDS11-90B Datasheet
277Kb / 4P
   DIGITAL TEMPERATURE CONTROLLER
logo
Weltrend Semiconductor
WT6014 WELTREND-WT6014 Datasheet
436Kb / 19P
   Digital Monitor Controller
logo
Zilog, Inc.
Z89303 ZILOG-Z89303 Datasheet
52Kb / 8P
   DIGITAL TELEVISION CONTROLLER
Z89313 ZILOG-Z89313 Datasheet
52Kb / 8P
   DIGITAL TELEVISION CONTROLLER
Z89314 ZILOG-Z89314 Datasheet
85Kb / 8P
   DIGITAL TELEVISION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com