전자부품 데이터시트 검색엔진 |
|
54ACTQ16646 데이터시트(PDF) 6 Page - National Semiconductor (TI) |
|
|
54ACTQ16646 데이터시트(HTML) 6 Page - National Semiconductor (TI) |
6 / 8 page DC Electrical Characteristics for ’ACTQ Family Devices (Continued) Note 6: Maximum number of outputs that can switch simultaneously is n. (n − 1) outputs are switched HIGH and one output held HIGH. AC Electrical Characteristics Symbol Parameter V CC (V) (Note 7) 54ACTQ Units T A = −55˚C to +125˚C C L = 50 pF Min Max t PHL Propagation Delay 5.0 2.9 10.2 ns t PLH Clock to Bus 3.2 10.2 t PHL Propagation Delay 5.0 3.6 11.5 ns t PLH Bus to Bus 3.3 10.8 t PHL Propagation Delay 5.0 3.1 11.3 ns t PLH Select to Bus 3.2 11.5 (w/An or Bn HIGH or LOW) t PZL Enable Time 5.0 3.8 12.9 ns t PZH G to An/Bn 3.3 11.9 t PLZ Disable Time 5.0 2.3 9.8 ns t PHZ G to An/Bn 2.6 9.5 t PZL Enable Time 5.0 4.3 14.0 ns t PZH DIR to An/Bn 3.7 12.8 t PLZ Disable Time 5.0 2.0 10.8 ns t PHZ DIR to An/Bn 2.5 11.0 Note 7: Voltage Range 5.0 is 5.0V ±0.5V. AC Operating Requirements Symbol Parameter V CC (V) (Note 8) 54ACTQ Units T A = −55˚C to +125˚C C L = 50 pF Guaranteed Minimum t S Setup Time, H or L 5.0 3.0 ns Bus to Clock t H Hold Time, H or L 5.0 1.5 ns Bus to Clock t W Clock Pulse Width 5.0 4.0 ns HorL Note 8: Voltage Range 5.0 is 5.0V ±0.5V. Capacitance Symbol Parameter Typ Units Conditions C IN Input Capacitance 4.5 pF V CC = 5.0V C PD Power Dissipation 95 pF V CC = 5.0V Capacitance www.national.com 6 |
유사한 부품 번호 - 54ACTQ16646 |
|
유사한 설명 - 54ACTQ16646 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |