전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS1110-200ITQ1633 데이터시트(PDF) 6 Page - Silicon Laboratories

부품명 TS1110-200ITQ1633
상세설명  Power Management Systems
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1110-200ITQ1633 데이터시트(HTML) 6 Page - Silicon Laboratories

Back Button TS1110-200ITQ1633 Datasheet HTML 2Page - Silicon Laboratories TS1110-200ITQ1633 Datasheet HTML 3Page - Silicon Laboratories TS1110-200ITQ1633 Datasheet HTML 4Page - Silicon Laboratories TS1110-200ITQ1633 Datasheet HTML 5Page - Silicon Laboratories TS1110-200ITQ1633 Datasheet HTML 6Page - Silicon Laboratories TS1110-200ITQ1633 Datasheet HTML 7Page - Silicon Laboratories TS1110-200ITQ1633 Datasheet HTML 8Page - Silicon Laboratories TS1110-200ITQ1633 Datasheet HTML 9Page - Silicon Laboratories TS1110-200ITQ1633 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
2.7 Selecting a Sense Resistor
Selecting the optimal value for the external RSENSE is based on the following criteria and for each commentary follows:
1. RSENSE Voltage Loss
2. VOUT Swing vs. Desired VSENSE and Applied Supply Voltage at VDD
3. Total ILOAD Accuracy
4. Circuit Efficiency and Power Dissipation
5. RSENSE Kelvin Connections
2.7.1 RSENSE Voltage Loss
For lowest IR power dissipation in RSENSE, the smallest usable resistor value for RSENSE should be selected.
2.7.2 VOUT Swing vs. Desired VSENSE and Applied Supply Voltage at VDD
Although the Current Sense Amplifier draws its power from the voltage at its RS+ and RS– terminals, the signal voltage at the OUT
terminal is provided by a buffer, and is therefore bounded by the buffer’s output range. As shown in the Electrical Characteristics table,
the CSA Buffer has a maximum and minimum output voltage of:
VOUT (max ) = VDD(min) − 0.2V
VOUT (min ) = 0.2V
Therefore, the full-scale sense voltage should be chosen so that the OUT voltage is neither greater nor less than the maximum and
minimum output voltage defined above. To satisfy this requirement, the positive full-scale sense voltage, VSENSE(pos_max), should be
chosen so that:
VSENSE(pos_max) <
VBIAS − VOUT (min )
GAIN
The negative full-scale sense voltage, VSENSE(neg_min), should be chosen so that:
VSENSE(neg_min ) <
VOUT (max ) − VBIAS
GAIN
For best performance, RSENSE should be chosen so that the full-scale VSENSE is less than ±75 mV.
2.7.3 Total Load Current Accuracy
In the TS1107/10’s linear region where VOUT(min) < VOUT < VOUT(max), there are two specifications related to the circuit’s accuracy: a)
the TS1107/10 CSA’s input offset voltage (VOS(max) = 150 μV), b) the TS1107/10 CSA’s gain error (GE(max) = 1%). An expression for
the TS1110’s total error is given by:
VOUT = VBIAS − GAIN × (1 ± GE) × VSENSE ± (GAIN × VOS)
A large value for RSENSE permits the use of smaller load currents to be measured more accurately because the effects of offset voltag-
es are less significant when compared to larger VSENSE voltages. Due care though should be exercised as previously mentioned with
large values of RSENSE.
2.7.4 Circuit Efficiency and Power Dissipation
IR loses in RSENSE can be large especially at high load currents. It is important to select the smallest, usable RSENSE value to minimize
power dissipation and to keep the physical size of RSENSE small. If the external RSENSE is allowed to dissipate significant power, then
its inherent temperature coefficient may alter its design center value, thereby reducing load current measurement accuracy. Precisely
because the TS1107/10 CSA’s input stage was designed to exhibit a very low input offset voltage, small RSENSE values can be used to
reduce power dissipation and minimize local hot spots on the pcb.
TS1107/10 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 5


유사한 부품 번호 - TS1110-200ITQ1633

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS1115 TSC-TS1115 Datasheet
390Kb / 8P
   500mA Low Dropout Positive Voltage Regulator
TS1115ACYRM TSC-TS1115ACYRM Datasheet
191Kb / 5P
   500mA Low Dropout Positive Voltage Regulator
TS1115ACYXXRM TSC-TS1115ACYXXRM Datasheet
390Kb / 8P
   500mA Low Dropout Positive Voltage Regulator
TS1115CTXXB0 TSC-TS1115CTXXB0 Datasheet
390Kb / 8P
   500mA Low Dropout Positive Voltage Regulator
TS1115CWXXRP TSC-TS1115CWXXRP Datasheet
390Kb / 8P
   500mA Low Dropout Positive Voltage Regulator
More results

유사한 설명 - TS1110-200ITQ1633

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
TS1105 SILABS-TS1105 Datasheet
1Mb / 19P
   Power Management Systems
TS1103 SILABS-TS1103 Datasheet
1Mb / 12P
   Power Management Systems
logo
Shenzhen Guan Hua Wei Y...
WSK140N06 WIINSOK-WSK140N06 Datasheet
1Mb / 6P
   Power Management for Inverter Systems.
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
logo
STMicroelectronics
STPM066S STMICROELECTRONICS-STPM066S Datasheet
877Kb / 67P
   Power management for automotive vision and radar systems
Rev 2 - February 2023
logo
Texas Instruments
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
logo
Skyworks Solutions Inc.
SKY87020-11 SKYWORKS-SKY87020-11 Datasheet
181Kb / 2P
   Power Management IC for SkyOne Ultra 2.0 Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com