전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS1109-20IDT833 데이터시트(PDF) 9 Page - Silicon Laboratories

부품명 TS1109-20IDT833
상세설명  Overcurrent and Undercurrent Detection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1109-20IDT833 데이터시트(HTML) 9 Page - Silicon Laboratories

Back Button TS1109-20IDT833 Datasheet HTML 5Page - Silicon Laboratories TS1109-20IDT833 Datasheet HTML 6Page - Silicon Laboratories TS1109-20IDT833 Datasheet HTML 7Page - Silicon Laboratories TS1109-20IDT833 Datasheet HTML 8Page - Silicon Laboratories TS1109-20IDT833 Datasheet HTML 9Page - Silicon Laboratories TS1109-20IDT833 Datasheet HTML 10Page - Silicon Laboratories TS1109-20IDT833 Datasheet HTML 11Page - Silicon Laboratories TS1109-20IDT833 Datasheet HTML 12Page - Silicon Laboratories TS1109-20IDT833 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Low Voltage
VSIGN_OL
VDD = 1.8 V, ISINK = 35 µA
0.2
V
Output High Voltage
VSIGN_OH
VDD = 1.8 V, ISOURCE = 35 µA VDD – 0.2
V
Note:
1. RS+ = RS– = 3.6 V, VSENSE = (VRS+ – VRS–) = 0 V, VDD = 3 V, VBIAS = 1.5 V, FILT connected to 4 kW and 470 nF in series to
GND. TA = TJ = –40 °C to +85 °C unless otherwise noted. Typical values are at TA = +25 °C.
2. Extrapolated to VOUT = VFILT. IRS+ + IRS– is the total current into the RS+ and the RS– pins.
3. Input offset voltage VOS is extrapolated from a VOUT(+) measurement with VSENSE set to +1 mV and a VOUT(–) measurement with
VSENSE set to –1 mV; Average VOS = (VOUT(–) – VOUT(+))/(2 x GAIN).
4. Amplitude of VSENSE lower or higher than VOS required to cause the comparator to switch output states.
5. Gain error is calculated by applying two values for VSENSE and then calculating the error of the actual slope vs. the ideal transfer
characteristic: For GAIN = 20 V/V, the applied VSENSE for GE± is ±25 mV and ±60 mV. For GAIN = 200 V/V, the applied VSENSE
for GE± is ±2.5 mV and ±6 mV.
Table 3.3. AC Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
CSA Buffer
Output Settling time
tOUT_s
1% Final value, VOUT = 1.3 V
Gain = 20 V/V
1.35
msec
Sign Comparator
Propagation Delay
tSIGN_PD
VSENSE = ±1 mV
3
msec
VSENSE = ±10 mV
0.4
msec
Table 3.4. Thermal Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Operating Temperature Range
TOP
–40
+85
°C
TS1109 Data Sheet
Electrical Characteristics
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 8


유사한 부품 번호 - TS1109-20IDT833

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TS110-7 STMICROELECTRONICS-TS110-7 Datasheet
178Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
June 2014 Rev 4
TS110-8 STMICROELECTRONICS-TS110-8 Datasheet
228Kb / 10P
   High surge voltage 1.25 A SCR for circuit breaker
October 2014 Rev 1
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1100 SILABS-TS1100 Datasheet
1Mb / 6P
   Current Sense Amplifier Performance Comparison
TS1100 SILABS-TS1100 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

유사한 설명 - TS1109-20IDT833

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
EMD-SL-C-UC-10 PHOENIX-EMD-SL-C-UC-10 Datasheet
145Kb / 6P
   Undercurrent monitoring
logo
Maxim Integrated Produc...
MAX16550EVKIT MAXIM-MAX16550EVKIT Datasheet
764Kb / 12P
   Detection and Isolation of Severe Overcurrent in Less than 5關s
Rev 2; 8/20
logo
Rohm
BV1HALA5EFJ ROHM-BV1HALA5EFJ Datasheet
1Mb / 43P
   34 V Breakdown Voltage Variable Overcurrent Detection 1ch Load Switch
15.May.2020 Rev.001
BV1HAL85EFJ ROHM-BV1HAL85EFJ Datasheet
1Mb / 43P
   34 V Breakdown Voltage Variable Overcurrent Detection 1ch Load Switch
11.May.2020 Rev.001
logo
EPCOS
B59404B0060A040 EPCOS-B59404B0060A040 Datasheet
66Kb / 3P
   Overcurrent and short-circuit protection
logo
AVAGO TECHNOLOGIES LIMI...
ACS710KLATR-25CB-T AVAGO-ACS710KLATR-25CB-T Datasheet
461Kb / 22P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
logo
SEC Electronics Inc.
SC210KSIT SECELECTRONICS-SC210KSIT Datasheet
1Mb / 13P
   120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
logo
Texas Instruments
BQ24314EVM TI1-BQ24314EVM Datasheet
1Mb / 26P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
   Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
logo
NXP Semiconductors
NCX8193 PHILIPS-NCX8193_15 Datasheet
281Kb / 21P
   Audio jack detection and configuration with false detection prevention
Rev. 2-21 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com