전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3300 데이터시트(PDF) 5 Page - Silicon Laboratories

부품명 TS3300
상세설명  High-Efficiency Boost Output Load Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3300 데이터시트(HTML) 5 Page - Silicon Laboratories

  TS3300 Datasheet HTML 1Page - Silicon Laboratories TS3300 Datasheet HTML 2Page - Silicon Laboratories TS3300 Datasheet HTML 3Page - Silicon Laboratories TS3300 Datasheet HTML 4Page - Silicon Laboratories TS3300 Datasheet HTML 5Page - Silicon Laboratories TS3300 Datasheet HTML 6Page - Silicon Laboratories TS3300 Datasheet HTML 7Page - Silicon Laboratories TS3300 Datasheet HTML 8Page - Silicon Laboratories TS3300 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TS3300
TS3300 Rev. 1.0
Page 5
50µs/DIV
Boost Regulator Output Voltage Ripple
VBI = 1.2V, VBO = 1.8V, CBO= 22µF, IBO = 80mA
50µs/DIV
Boost Regulator Output Voltage Ripple
VBI = 1.2V, VBO = 1.8V, CBO= 22µF, IBO = 40mA
20µs/DIV
Boost Regulator Output Voltage Ripple
VBI = 1.2V, VBO = 1.8V, CBO= 22µF, IBO = 5mA
Boost Regulator Output Voltage Ripple
VBI = 1.2V, VBO = 3V, CBO= 22µF, IBO = 5mA
50µs/DIV
TYPICAL PERFORMANCE CHARACTERISTICS
VBI = 1.2V, VBO = 3V, VBEN = GND, IBO = 0A, L = 10µH (LPS4018-103ML), CBI=CBO = 22µF, VSW EN=VREG FB=VREG EN=VREGIN=VBO,
IREGOUT=0A, unless otherwise specified. Values are at TA = 25°C unless otherwise specified.
Boost Regulator Output Voltage Ripple
VBI = 1.2V, VBO = 3V, CBO= 22µF, IBO = 80mA
50µs/DIV


유사한 부품 번호 - TS3300

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS3300 TOUCHSTONE-TS3300 Datasheet
1Mb / 14P
   0.6-4.5VIN, 1.8-5.25VOUT, 3.5-uA, Low Input Voltage, High-Efficiency Boost LDO
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M008QFNR SEMTECH-TS33000-M008QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M012QFNR SEMTECH-TS33000-M012QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
More results

유사한 설명 - TS3300

제조업체부품명데이터시트상세설명
logo
Shenzhen Huazhimei Semi...
HM5180 HMSEMI-HM5180 Datasheet
624Kb / 6P
   60W output synchronous high efficiency boost chip
logo
Linear Technology
LTC3780 LINER-LTC3780 Datasheet
421Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789_15 Datasheet
535Kb / 30P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780EG LINER-LTC3780EG Datasheet
556Kb / 30P
   High Efficiency, Synchronous,4-Switch Buck-Boost Controller
LTC3780 LINER-LTC3780_15 Datasheet
629Kb / 30P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789 Datasheet
491Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780EG-PBF LINER-LTC3780EG-PBF Datasheet
629Kb / 30P
   High Efficiency, Synchronous 4-Switch Buck-Boost Controller
logo
Vincotech
10-F106BIB020FK-M285L VINCOTECH-10-F106BIB020FK-M285L Datasheet
452Kb / 5P
   High efficiency symmetric boost
logo
Richtek Technology Corp...
RT4813A RICHTEK-RT4813A Datasheet
1,002Kb / 15P
   High Efficiency Boost Converter
RT4813 RICHTEK-RT4813 Datasheet
1,011Kb / 16P
   High Efficiency Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com