전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3310 데이터시트(PDF) 9 Page - Silicon Laboratories

부품명 TS3310
상세설명  User-enabled Secondary Output Load Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3310 데이터시트(HTML) 9 Page - Silicon Laboratories

Back Button TS3310 Datasheet HTML 5Page - Silicon Laboratories TS3310 Datasheet HTML 6Page - Silicon Laboratories TS3310 Datasheet HTML 7Page - Silicon Laboratories TS3310 Datasheet HTML 8Page - Silicon Laboratories TS3310 Datasheet HTML 9Page - Silicon Laboratories TS3310 Datasheet HTML 10Page - Silicon Laboratories TS3310 Datasheet HTML 11Page - Silicon Laboratories TS3310 Datasheet HTML 12Page - Silicon Laboratories TS3310 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TS3310
TS3310 Rev. 1.1
Page 9
TYPICAL PERFORMANCE CHARACTERISTICS
Maximum STORE Output Current vs Input Voltage
w/ VSTORE ≥ 96% of Target Voltage : Circuit B
11
9
7
5
3
Input Voltage - V
0.90
1.42
1.94
2.46
2.98
3.50
Maximum STORE Output Current vs Input Voltage
w/ VSTORE ≥ 96% of Target Voltage : Circuit A
Input Voltage - V
0.90
1.42
1.94
2.46
2.98
3.50
60
50
40
30
20
70
80
STORE=5.0V
STORE=3.0V
STORE=1.8V
STORE=1.8V
STORE=3.0V
STORE=5.0V
VOUT_ON=GND, VVGOOD=GND, COUT=C1=C2=0.1µF, ISTORE=0A, IOUT=0A unless otherwise specified. Values are at TA=25°C unless otherwise
specified.
Active-Mode IQ : Circuit A with No-Load
VIN=3V, STORE=3V
Active-Mode IQ : Circuit A with No-Load
VIN=1.2V, STORE=3V
5 s/DIV
10 s/DIV
Circuit A
Circuit B
L
10µH
PN: CBC3225T100KR
100µH
PN: CBC3225T101KR
CIN=CSTORE
22 µF
2.2 µF
CLSW
220pF
---


유사한 부품 번호 - TS3310

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS3310 TOUCHSTONE-TS3310 Datasheet
1Mb / 18P
   A True 150-nA IQ, 0.9-3.6VIN, Selectable 1.8-5VOUT Instant-OnTM Boost Converter
TS3310ITD1022T TOUCHSTONE-TS3310ITD1022T Datasheet
1Mb / 18P
   A True 150-nA IQ, 0.9-3.6VIN, Selectable 1.8-5VOUT Instant-OnTM Boost Converter
TS3310ITD1022TP TOUCHSTONE-TS3310ITD1022TP Datasheet
1Mb / 18P
   A True 150-nA IQ, 0.9-3.6VIN, Selectable 1.8-5VOUT Instant-OnTM Boost Converter
More results

유사한 설명 - TS3310

제조업체부품명데이터시트상세설명
logo
Advanced Analog Technol...
AAT4670 AAT-AAT4670 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Advanced Analogic Techn...
AAT4670 ANALOGICTECH-AAT4670_06 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Silicon Laboratories
TS3300 SILABS-TS3300 Datasheet
1Mb / 12P
   High-Efficiency Boost Output Load Switch
logo
Schneider Electric
HOM2175SB SCHNEIDER-HOM2175SB Datasheet
71Kb / 2P
   LOAD CENTER HOM SECONDARY SURGE ARRESTOR
Aug 10, 2019
logo
Guangdong Youtai Semico...
BSS138PS UMW-BSS138PS Datasheet
508Kb / 7P
   Load Switch
logo
Torex Semiconductor
XC8102 TOREX-XC8102_15 Datasheet
379Kb / 20P
   Load Switch
XC6194 TOREX-XC6194 Datasheet
635Kb / 28P
   1A Output Current Push Button Smart Load Switch
logo
SHENZHEN KYL COMMUNICAT...
KYL-813 KYL-KYL-813 Datasheet
226Kb / 5P
   KYL-813 wireless switch input and output module user manual
logo
Rohm
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
logo
Toshiba Semiconductor
SSM6E01TU TOSHIBA-SSM6E01TU_07 Datasheet
182Kb / 8P
   Load Switch Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com