전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS6001BIG325T 데이터시트(PDF) 5 Page - Silicon Laboratories

부품명 TS6001BIG325T
상세설명  Improved Electrical Performance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS6001BIG325T 데이터시트(HTML) 5 Page - Silicon Laboratories

  TS6001BIG325T Datasheet HTML 1Page - Silicon Laboratories TS6001BIG325T Datasheet HTML 2Page - Silicon Laboratories TS6001BIG325T Datasheet HTML 3Page - Silicon Laboratories TS6001BIG325T Datasheet HTML 4Page - Silicon Laboratories TS6001BIG325T Datasheet HTML 5Page - Silicon Laboratories TS6001BIG325T Datasheet HTML 6Page - Silicon Laboratories TS6001BIG325T Datasheet HTML 7Page - Silicon Laboratories TS6001BIG325T Datasheet HTML 8Page - Silicon Laboratories TS6001BIG325T Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TS6001
TS6001 Rev. 1.0
Page 5
Power Supply Rejection vs Frequency
0.1Hz to 10Hz Output Noise
FREQUENCY - Hz
1
10
1k
0.1
100
10k
0.1
1
100
1M
10k
1s/DIV
200µs/DIV
Power-On Transient Response
Supply Current vs Input Voltage
INPUT VOLTAGE - Volt
20
28
36
40
8
12
2
14
32
10
Supply Current vs Temperature
TEMPERATURE -
°C
VCC = +2.5V, +5.5V
VCC =+12.5V
-40
-15
10
35
85
60
25
35
20
30
40
Output Impedance vs Frequency
VCC =+7.5V
4
6
24
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = +5V; IOUT = 0mA; TA = +25°C, unless otherwise noted.
46µVPP
FREQUENCY - Hz
VCC =+5.5V±0.25V
1
10
0.01
100
100
1k
10k
1M
100k
0.1


유사한 부품 번호 - TS6001BIG325T

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS6001BIG325T TOUCHSTONE-TS6001BIG325T Datasheet
849Kb / 12P
   A 7ppm/ oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
TS6001BIG325T TOUCHSTONE-TS6001BIG325T Datasheet
849Kb / 12P
   A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
TS6001BIG325TP TOUCHSTONE-TS6001BIG325TP Datasheet
849Kb / 12P
   A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
TS6001BIG325TP TOUCHSTONE-TS6001BIG325TP Datasheet
849Kb / 12P
   A 7ppm/ oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
More results

유사한 설명 - TS6001BIG325T

제조업체부품명데이터시트상세설명
logo
Ultralife Corporation.
UB0031 ULTRALIFE-UB0031 Datasheet
620Kb / 2P
   Improved low temperature performance
Rev -
logo
Vincotech
10-FZ122PA075SC01-P998F18 VINCOTECH-10-FZ122PA075SC01-P998F18 Datasheet
2Mb / 15P
   AlN substrate for improved performance
10-FZ122PA100FC01-P999F58 VINCOTECH-10-FZ122PA100FC01-P999F58 Datasheet
2Mb / 15P
   AlN substrate for improved performance
logo
Keysight Technologies
N5392C KEYSIGHT-N5392C Datasheet
1Mb / 15P
   Electrical Performance Validation
U7232C KEYSIGHT-U7232C Datasheet
7Mb / 19P
   Electrical Performance Validation
logo
Agilent(Hewlett-Packard...
N5394A HP-N5394A Datasheet
774Kb / 11P
   DVI Electrical Performance
logo
Bel Fuse Inc.
PET2000-12-074NA BEL-PET2000-12-074NA Datasheet
2Mb / 32P
   Full digital controls for improved performance
logo
Agilent(Hewlett-Packard...
N5392A HP-N5392A Datasheet
1Mb / 14P
   Ethernet Electrical Performance
logo
Unisonic Technologies
UCS1605SL-D08-T UTC-UCS1605SL-D08-T Datasheet
272Kb / 7P
   Frequency hopping for Improved EMI Performance
logo
LOGIC Devices Incorpora...
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com