전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS9002IM8 데이터시트(PDF) 9 Page - Silicon Laboratories

부품명 TS9002IM8
상세설명  Low-Power Single/Dual-Supply Dual Comparator with Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS9002IM8 데이터시트(HTML) 9 Page - Silicon Laboratories

Back Button TS9002IM8 Datasheet HTML 4Page - Silicon Laboratories TS9002IM8 Datasheet HTML 5Page - Silicon Laboratories TS9002IM8 Datasheet HTML 6Page - Silicon Laboratories TS9002IM8 Datasheet HTML 7Page - Silicon Laboratories TS9002IM8 Datasheet HTML 8Page - Silicon Laboratories TS9002IM8 Datasheet HTML 9Page - Silicon Laboratories TS9002IM8 Datasheet HTML 10Page - Silicon Laboratories TS9002IM8 Datasheet HTML 11Page - Silicon Laboratories TS9002IM8 Datasheet HTML 12Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TS9002
TS9002 Rev. 1.0
Page 9
R1 =
VHB
2 x IREF
R2 =
1.182 -
VHB
2
IREF
where IREF is the primary source of current out of the
reference pin and should be maintained within the
maximum current the reference can source. It is safe
to maintain the current within 20µA. It is also
important to ensure that the current from reference is
much larger than the HYST pin input current. Given
R2 = 2.4M
Ω, the current sourced by the reference is
0.5
μA. This allows the hysteresis band and R1 to be
approximated as follows:
R1(k
Ω) = VHB(mv)
Note
the
hysteresis
is
the
same
for
both
comparators.
Board Layout and Bypassing
While power-supply bypass capacitors are not
typically required, it is good engineering practice to
use 0.1
μF bypass capacitors close to the device’s
power
supply
pins
when
the
power
supply
impedance is high, the power supply leads are long,
or there is excessive noise on the power supply
traces. To reduce stray capacitance, it is also good
engineering practice to make signal trace lengths as
short as possible. Also recommended are a ground
plane and surface mount resistors and capacitors.
Window Detector
The schematic shown in Figure 3 is for a 4.5V
undervoltage
threshold
detector
and
a
5.5V
overvoltage threshold detector using the TS9002.
Resistor components R1, R2, and R3 can be
selected based on the threshold voltage desired
while resistors R4 and R5 can be selected based on
the hysteresis desired. Adding hysteresis to the
circuit will minimize chattering on the output when
the input voltage is close to the trip point. OUTA and
OUTB
generate
the
active
low
undervoltage
indication and active-low overvoltage indication,
respectively. If both OUTA and OUTB signals are
ANDed together, the resulting output of the AND
gate is an active-high, power-good signal. To design
the circuit, the following procedure needs to be
followed:
1.
As described below, determine the desired
hysteresis and select resistors R4 and R5
accordingly.
This
circuit
has
±5mV
of
hysteresis at the input where the input
voltage VIN will appear larger due to the
input resistor divider.
2.
Choosing R1. As the leakage current at the
INB- pin is less than 1nA, the current
through R1 should be at least 100nA to
minimize offset voltage errors caused by the
input leakage current. Values within 100k
and
1M
Ω are recommended. In this
example, a 294k
Ω, 1% standard value
resistor is selected for R1.
3.
Calculating R2 + R3. As the input voltage
VIN rises, the overvoltage threshold should
be 5.5V. Choose R2 + R3 as follows:
R1 + R3 = R1 x
VOTH
VREF+VHYS
- 1
= 294k
Ω x
5.5V
1.182V + 5mV
- 1
= 1.068M
4.
Calculating R2. As the input voltage VIN falls,
the undervoltage threshold should be 4.5V.
Choose R2 as follows:
R2 = (R1 + R2+ R3) x
VREF-VHYS
VUTH
- 294k
= (294k
Ω + 1.068MΩ) x
1.182V-5mV
4.5
- 294k
= 62.2k
Figure 3. Window Detector


유사한 부품 번호 - TS9002IM8

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS9002IM8T TOUCHSTONE-TS9002IM8T Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
TS9002IM8TP TOUCHSTONE-TS9002IM8TP Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
More results

유사한 설명 - TS9002IM8

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
TS9004DB TOUCHSTONE-TS9004DB Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
TS9004 TOUCHSTONE-TS9004 Datasheet
979Kb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Silicon Laboratories
TS9004 SILABS-TS9004 Datasheet
1Mb / 13P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Linear Technology
LTC1440 LINER-LTC1440_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1442 LINER-LTC1442_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441IS LINER-LTC1441IS Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441 LINER-LTC1441_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440 LINER-LTC1440_07 Datasheet
248Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440 LINER-LTC1440 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com