전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BGA622 데이터시트(PDF) 6 Page - Infineon Technologies AG

부품명 BGA622
상세설명  Silicon Germanium Wide Band Low Noise Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA622 데이터시트(HTML) 6 Page - Infineon Technologies AG

  BGA622 Datasheet HTML 1Page - Infineon Technologies AG BGA622 Datasheet HTML 2Page - Infineon Technologies AG BGA622 Datasheet HTML 3Page - Infineon Technologies AG BGA622 Datasheet HTML 4Page - Infineon Technologies AG BGA622 Datasheet HTML 5Page - Infineon Technologies AG BGA622 Datasheet HTML 6Page - Infineon Technologies AG BGA622 Datasheet HTML 7Page - Infineon Technologies AG BGA622 Datasheet HTML 8Page - Infineon Technologies AG BGA622 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BGA622
Data Sheet
6
2002-09-13
Electrical Characteristics at T
A=25°C (measured according to fig. 1)
Vcc=2.75 V, Frequency=2.14 GHz, unless otherwise specified
Parameter
Symbol
min.
typ.
max.
Unit
Insertion power gain
|S
21|
2
13.3
dB
Insertion power gain (Off-State)
|S
21|
2
-20
dB
Input Return Loss (On-State)
RL
IN
8dB
Output Return Loss (On-State)
RL
OUT
10
dB
Noise Figure (Z
S=50W)
F
50
W
1.1
dB
Input Third Order Intercept Point
1) (On-State)
Df=1MHz, PIN=-28dBm
1)
IP3 value depends on termination of all intermodulation frequency components. Termination used for this
measurement is 50
W from 0.1 to 6 GHz
IIP
3
3dBm
Input Third Order Intercept Point
1) (Off-State)
Df=1MHz, PIN=-8dBm
IIP
3
18
dBm
Input Power at 1dB Gain Compression
P
-1dB
-13
dBm
Figure 1 S-Parameter Test
Circuit (loss-free microstrip
test-fixture)
Figure 2 Application Circuit
DC,
2.75V
150pF
Out, 50
W
In, 50
W
DC,
2.75V
150pF
Out
In
2.2nH (for improved input match)
47pF (DC-Block)
DC,
2.75V
RFC
On/Off
Switch
47pF (DC-Block)


유사한 부품 번호 - BGA622

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BGA622 INFINEON-BGA622 Datasheet
403Kb / 12P
   Silicon Germanium Wide Band Low Noise Amplifier with 2 kV ESD Protection
Rev. 2.2, April 2008
BGA622GPS INFINEON-BGA622GPS Datasheet
110Kb / 6P
   GPS Low Noise Amplifier using BGA622
2002-02-07
BGA622L7 INFINEON-BGA622L7 Datasheet
379Kb / 10P
   Silicon Germanium Wide Band Low Noise Amplifier with 2 kV ESD Protection
Rev. 2.2, April 2008
BGA622 INFINEON-BGA622_08 Datasheet
403Kb / 12P
   Silicon Germanium Wide Band Low Noise Amplifier with 2 kV ESD Protection
Rev. 2.2, April 2008
More results

유사한 설명 - BGA622

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BGA628L7 INFINEON-BGA628L7 Datasheet
1Mb / 16P
   Silicon Germanium Wide Band Low Noise Amplifier
Revision 1.1, 2009-12-17
BGA622L7 INFINEON-BGA622L7 Datasheet
379Kb / 10P
   Silicon Germanium Wide Band Low Noise Amplifier with 2 kV ESD Protection
Rev. 2.2, April 2008
BGA622 INFINEON-BGA622_08 Datasheet
403Kb / 12P
   Silicon Germanium Wide Band Low Noise Amplifier with 2 kV ESD Protection
Rev. 2.2, April 2008
BGA824N6 INFINEON-BGA824N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2013-06-24
BGA715N7 INFINEON-BGA715N7 Datasheet
1Mb / 15P
   Silicon Germanium Low Noise Amplifier
Revision 1.0, 2013-01-29
BGA524N6 INFINEON-BGA524N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2014-01-24
BGA825L6S INFINEON-BGA825L6S Datasheet
806Kb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.1, 2012-10-17
BGA725L6 INFINEON-BGA725L6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.0, 2012-03-09
logo
NEC
UPG100B NEC-UPG100B Datasheet
57Kb / 4P
   LOW NOISE WIDE-BAND AMPLIFIER
logo
Renesas Technology Corp
UPC3242TB RENESAS-UPC3242TB Datasheet
334Kb / 21P
   3.3 V, SILICON GERMANIUM MMIC WIDE BAND AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com