전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSA7887ARMZ 데이터시트(PDF) 4 Page - Silicon Laboratories

부품명 TSA7887ARMZ
상세설명  A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSA7887ARMZ 데이터시트(HTML) 4 Page - Silicon Laboratories

  TSA7887ARMZ Datasheet HTML 1Page - Silicon Laboratories TSA7887ARMZ Datasheet HTML 2Page - Silicon Laboratories TSA7887ARMZ Datasheet HTML 3Page - Silicon Laboratories TSA7887ARMZ Datasheet HTML 4Page - Silicon Laboratories TSA7887ARMZ Datasheet HTML 5Page - Silicon Laboratories TSA7887ARMZ Datasheet HTML 6Page - Silicon Laboratories TSA7887ARMZ Datasheet HTML 7Page - Silicon Laboratories TSA7887ARMZ Datasheet HTML 8Page - Silicon Laboratories TSA7887ARMZ Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TSA7887
Page 4
TSA7887 Rev. 1.0
RTFDS
ELECTRICAL SPECIFICATIONS (continued)
VDD = +2.7V to +5.25V; VREF = 2.5V External/internal reference unless otherwise noted; fSCLK = 2 MHz;
TA = TMIN to TMAX, unless otherwise noted.
Parameter
A Version1
B Version1
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD
+2.7/+5.25
+2.7/+5.25
V (min/max)
IDD
Normal Mode4 (PM Mode 2)
Static
700
700
μA (max)
Operational (fSAMPLE = 125 kSPS)
850
850
μA (typ)
Internal reference enabled
700
700
μA (typ)
Internal reference disabled
Using Standby Mode (PM Mode 4)
450
450
μA (typ)
fSAMPLE = 50 ksps
Using Shutdown Mode
(PM Modes 1 and 3)
120
120
μA (typ)
fSAMPLE = 10 ksps
12
12
μA (typ)
fSAMPLE = 1 ksps
Standby Mode5
210
210
μA (max)
VDD = 2.7V to 5.25V
Shutdown Mode5
1
1
μA (max)
VDD = 2.7V to 3.6V
2
2
μA (max)
VDD = 4.75V to 5.25V
Normal Mode Power Dissipation
3.5
3.5
mW (max)
VDD = 5 V
2.1
2.1
mW (max)
VDD = 3 V
Shutdown Power Dissipation
5
5
μW (max)
VDD = 5 V
3
3
μW (max)
VDD = 3 V
Standby Power Dissipation
1.05
1.05
mW (max)
VDD = 5 V
630
630
μW (max)
VDD = 3 V
Note 1: The TSA7887’s temperature range is –40
°C to +125°C for both A and B versions.
Note 2: SNR calculation includes distortion and noise components.
Note 3: Sample tested at TA = 25°C to ensure compliance.
Note 4: All digital inputs at GND except for CS at VDD. All digital outputs are unloaded. Analog inputs are connected to GND.
Note 5: SCLK is at GND when SCLK is off. All digital inputs are at GND except for CS at VDD. All digital outputs are unloaded. Analog inputs
are connected to GND.


유사한 부품 번호 - TSA7887ARMZ

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TSA7887ARMZ TOUCHSTONE-TSA7887ARMZ Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
TSA7887ARMZ-REEL TOUCHSTONE-TSA7887ARMZ-REEL Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
More results

유사한 설명 - TSA7887ARMZ

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TSA7887 TOUCHSTONE-TSA7887 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
TS7001 TOUCHSTONE-TS7001 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Silicon Laboratories
TS7001 SILABS-TS7001 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Analog Devices
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com