전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54ACTQ273D 데이터시트(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 54ACTQ273D
상세설명  Quiet Series Octal D Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ273D 데이터시트(HTML) 5 Page - National Semiconductor (TI)

  54ACTQ273D Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ273D Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ273D Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ273D Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ273D Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ273D Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ273D Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ273D Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation
40.0
pF
V
CC = 5.0V
Capacitance
AC Loading
AC Waveforms
DS100240-31
*Includes jig and probe capacitance
FIGURE 1. Standard AC Test Load
DS100240-32
FIGURE 2. Test Input Signal Levels
Amplitude
Rep.Rate
t
w
t
r
t
f
3.0V
1 MHz
500 ns
2.5 ns
2.5 ns
FIGURE 3. Test Input Signal Requirements
DS100240-33
FIGURE 4. Propogation Delay Waveforms for Inverting
and Non-Inverting Functions
DS100240-34
FIGURE 5. Propogation Delay, Pulse Width Waveforms
DS100240-35
FIGURE 6. Setup Time, Hold Time and
Recovery Time Waveforms
www.national.com
5


유사한 부품 번호 - 54ACTQ273D

제조업체부품명데이터시트상세설명
logo
Texas Instruments
54ACTQ240 TI1-54ACTQ240 Datasheet
189Kb / 10P
[Old version datasheet]   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ240D NSC-54ACTQ240D Datasheet
144Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ240F NSC-54ACTQ240F Datasheet
144Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ240L NSC-54ACTQ240L Datasheet
144Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ241 NSC-54ACTQ241 Datasheet
139Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
More results

유사한 설명 - 54ACTQ273D

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACTQ273SJX FAIRCHILD-74ACTQ273SJX Datasheet
110Kb / 9P
   Quiet Series Octal D-Type Flip-Flop
74ACTQ273 FAIRCHILD-74ACTQ273 Datasheet
109Kb / 9P
   Quiet Series Octal D-Type Flip-Flop
logo
National Semiconductor ...
54ACQ374 NSC-54ACQ374 Datasheet
173Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
54ACTQ574 NSC-54ACTQ574 Datasheet
189Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACQ374 FAIRCHILD-74ACQ374 Datasheet
106Kb / 11P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574_07 Datasheet
278Kb / 11P
   Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ374 FAIRCHILD-74ACQ374_07 Datasheet
309Kb / 12P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574 Datasheet
98Kb / 10P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273 Datasheet
187Kb / 7P
   OCTAL D FLIP-FLOP
May, 2001 ??Rev. 5
logo
National Semiconductor ...
54F273DM NSC-54F273DM Datasheet
167Kb / 8P
   Octal D Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com