전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC5681ZIRGCR 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC5681ZIRGCR
상세설명  Interpolating Digital-To-Analog Converter
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5681ZIRGCR 데이터시트(HTML) 9 Page - Texas Instruments

Back Button DAC5681ZIRGCR Datasheet HTML 5Page - Texas Instruments DAC5681ZIRGCR Datasheet HTML 6Page - Texas Instruments DAC5681ZIRGCR Datasheet HTML 7Page - Texas Instruments DAC5681ZIRGCR Datasheet HTML 8Page - Texas Instruments DAC5681ZIRGCR Datasheet HTML 9Page - Texas Instruments DAC5681ZIRGCR Datasheet HTML 10Page - Texas Instruments DAC5681ZIRGCR Datasheet HTML 11Page - Texas Instruments DAC5681ZIRGCR Datasheet HTML 12Page - Texas Instruments DAC5681ZIRGCR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
DAC5681Z
www.ti.com
SLLS865G – AUGUST 2007 – REVISED NOVEMBER 2015
Electrical Characteristics — AC Specification
(1) (continued)
Over recommended operating free-air temperature range, AVDD, IOVDD = 3.3 V, CLKVDD, DVDD = 1.8 V, IOUTFS = 20 mA,
4:1 transformer output termination, 50-
Ω doubly terminated load (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE (continued)
1X2, PLL off, CLKIN = 500 MHZ,
75
Single tone, 0 dBFS, IF = 20.1 MHz
1X2, PLL off, CLKIN = 1000 MHZ,
70
Single tone, 0 dBFS, IF = 20.1 MHz
1X2, PLL off, CLKIN = 1000 MHZ,
66
Single tone, 0 dBFS, IF = 70.1 MHz
SNR
Signal-to-noise ratio
dBc
1X4, PLL off, CLKIN = 1000 MHZ,
60
Single tone, 0 dBFS, IF = 180 MHz
1X2 , PLL off, CLKIN = 1000 MHZ,
60
Single tone, 0 dBFS, IF = 300.2 MHz
1X2, PLL off, CLKIN = 1000 MHZ,
Four tone, each – 12 dBFS,
73
IF = 24.7, 24.9, 25.1 and 25.3 MHz
1X2, PLL off, CLKIN = 1000 MHZ,
88
IF = 20.1 and 21.1 MHz
Third-order two-tone
1X2, PLL off, CLKIN = 1000 MHZ,
intermodulation
IMD3
75
dBc
IF = 70.1 and 71.1 MHz
(each tone at –6 dBFS)
1X2, PLL off, CLKIN = 1000 MHZ,
67
IF = 150.1 and 151.1 MHz
Four-tone intermodulation
1X2, PLL off, CLKIN = 1000 MHz,
IMD
64
dBc
(each tone at –12 dBFS)
IF = 298.4, 299.2, 300.8 and 301.6 MHz
Single carrier, baseband, 1X2, PLL off,
80
83
CLKIN = 983.04 MHz
Single carrier, IF = 180 MHz, 1X2, PLL off,
73
CLKIN = 983.04 MHz
ACLR(2)
Adjacent channel leakage ratio
dBc
Four carrier, IF = 180 MHz, 1X2, PLL off,
68
CLKIN = 983.04 MHz
Four carrier, IF = 275 MHz, 1X2, PLL off,
66
CLKIN = 983.04 MHz
50-MHz offset, 1-MHz BW, Single Carrier, baseband,
93
1X2, PLL off, CLKIN = 983.04
Noise floor(3)
dBc
50-MHz offset, 1-MHz BW, Four Carrier, baseband,
85
1X2, PLL off, CLKIN = 983.04
ANALOG OUTPUT
fCLK
Maximum output update rate
1000
MSPS
ts(DAC)
Output settling time to 0.1%
Transition: Code 0x0000 to 0xFFFF
10.4
ns
DAC output is updated on falling edge of DAC clock.
tpd
Output propagation delay
2.5
ns
Does not include Digital Latency
tr(IOUT)
Output rise time 10% to 90%
220
ps
tf(IOUT)
Output fall time 90% to 10%
220
ps
No interpolation, PLL Off
76
DAC
Digital Latency
x2 interpolation, PLL Off
158
clock
cycles
x4 interpolation, PLL Off
289
IOUT current settling to 1% of IOUTFS. Measured from
DAC Wake-up Time
80
μs
SDENB; Register 0x06, toggle Bit 4 from 1 to 0.
Power-up
Time
IOUT current settling to less than 1% of IOUTFS. Measured
DAC Sleep Time
80
μs
from SDENB; Register 0x06, toggle Bit 4 from 0 to 1.
(2)
W-CDMA with 3.84-MHz BW, 5-MHz spacing, centered at IF. TESTMODEL 1, 10 ms
(3)
Carrier power measured in 3.84-MHz BW.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DAC5681Z


유사한 부품 번호 - DAC5681ZIRGCR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5681ZIRGCR TI-DAC5681ZIRGCR Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

유사한 설명 - DAC5681ZIRGCR

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
MB86060 FUJITSU-MB86060 Datasheet
105Kb / 6P
   16-Bit Interpolating Digital to Analog Converter
logo
Texas Instruments
DAC5674 TI-DAC5674_15 Datasheet
1Mb / 40P
[Old version datasheet]   14-BIT,400 MSPS,2X/4X INTERPOLATING COMMSDAC DIGITAL-TO-ANALOG CONVERTER
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5686 TI1-DAC5686_16 Datasheet
822Kb / 53P
[Old version datasheet]   16-BIT, 500-MSPS, 216 INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5686 TI-DAC5686 Datasheet
1Mb / 46P
[Old version datasheet]   16-BIT, 500-MSPS, 2X16X INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5674 TI1-DAC5674 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com