전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC60096IZEB 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC60096IZEB
상세설명  96-Channel, 12-Bit, Low-Power, Serial-Input, High-Voltage Output DAC
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC60096IZEB 데이터시트(HTML) 3 Page - Texas Instruments

  DAC60096IZEB Datasheet HTML 1Page - Texas Instruments DAC60096IZEB Datasheet HTML 2Page - Texas Instruments DAC60096IZEB Datasheet HTML 3Page - Texas Instruments DAC60096IZEB Datasheet HTML 4Page - Texas Instruments DAC60096IZEB Datasheet HTML 5Page - Texas Instruments DAC60096IZEB Datasheet HTML 6Page - Texas Instruments DAC60096IZEB Datasheet HTML 7Page - Texas Instruments DAC60096IZEB Datasheet HTML 8Page - Texas Instruments DAC60096IZEB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
DAC13
G5
DAC13
G1
DAC14
G8
AVSS
G4
VREFL
G4
VREFH
G4
AVCC
G4
DNC
REF2
REF
GND2
DNC
AVCC
G5
VREFH
G5
VREFL
G5
AVSS
G5
DAC15
G4
DAC17
G4
DAC20
G4
DAC21
G4
DAC22
G4
DAC24
G4
DAC2
G3
DAC3
G5
DAC5
G5
DAC6
G5
DAC7
G5
DAC8
G5
DAC10
G5
DAC12
G5
DAC16
G4
DAC18
G4
DAC19
G4
DAC23
G4
DAC4
G3
DAC3
G3
DAC1
G3
DAC4
G5
DAC24
G6
DAC21
G6
DAC9
G5
DAC19
G6
DAC11
G5
DAC10
G3
DAC8
G3
DAC6
G3
DAC5
G3
DAC24
G2
DNC
DNC
DNC
DAC1
G7
DAC22
G6
DAC20
G6
DAC18
G6
DAC17
G6
DAC11
G3
DAC9
G3
DAC7
G3
AGND
AGND
AGND
AGND
AGND
DAC5
G7
DAC7
G7
DAC16
G6
DAC12
G3
AVSS
G3
AVSS
S2
DGND
DGND
AVSS
S3
AVCC
G6
VREFH
G6
VREFL
G6
AVSS
G6
DAC15
G6
DAC13
G3
AVCC
S2
DVDD
DVDD
AVCC
S3
AVCC
G6
VREFH
G6
VREFL
G6
AVSS
G6
DAC14
G6
DAC14
G2
AVCC
S1
DVDD
DVDD
AVCC
S4
AVCC
G7
VREFH
G7
VREFL
G7
AVSS
G7
DAC13
G7
DAC15
G2
AVSS
S1
DGND
DGND
AVSS
S4
AVCC
G7
VREFH
G7
VREFL
G7
AVSS
G7
DAC12
G7
DAC16
G2
DAC17
G2
DAC20
G2
DAC21
G2
DAC22
G2
AGND
CLEAR
DAC3
G7
DAC4
G7
DAC6
G7
DAC9
G7
DAC11
G7
DAC10
G1
DAC7
G1
DAC19
G2
DAC23
G2
DAC1
G1
RESET
CS
SCLK
LDAC
DAC2
G7
DAC25
G8
DAC21
G8
DAC8
G7
DAC10
G7
DAC11
G1
DAC8
G1
DAC18
G2
DAC3
G1
DAC2
G1
STATS
SDO
SDI
TRIGG
DAC26
G8
DAC24
G8
DAC19
G8
DAC17
G8
DAC16
G8
DAC12
G1
DAC9
G1
DAC6
G1
DAC5
G1
DAC4
G1
AGND
AGND
AGND
DAC23
G8
DAC22
G8
DAC20
G8
DAC18
G8
DAC15
G8
AVSS
G1
VREFL
G1
VREFH
G1
AVCC
G1
REF1
REF
GND1
AVCC
G8
VREFH
G8
VREFL
G8
AVSS
G8
VREFH
G3
VREFL
G3
VREFH
G3
VREFL
G3
VREFH
G2
VREFL
G2
VREFH
G2
VREFL
G2
AVSS
G3
AVSS
G2
AVSS
G2
AVCC
G3
AVCC
G3
AVCC
G2
AVCC
G2
DAC Output
Subsystem 1
DAC Output
Subsystem 2
DAC Output
Subsystem 3
DAC Output
Subsystem 4
Digital I/O
Reference
Inputs (2.5 V)
Reference
Compensation
AVCC
AVSS
DVDD
Ground
DAC14
G4
14
13
12
11
10
9
8
7
6
5
4
3
2
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Do Not Connect
DNC
DAC23
G6
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
3
DAC60096
www.ti.com
SBAS721A – DECEMBER 2015 – REVISED JANUARY 2016
Product Folder Links: DAC60096
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
ZEB Package
196-Ball NFBGA
Top View


유사한 부품 번호 - DAC60096IZEB

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DAC600 BURR-BROWN-DAC600 Datasheet
155Kb / 12P
   12-Bit 256MHz Monolithic DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC60004 TI1-DAC60004 Datasheet
2Mb / 38P
[Old version datasheet]   Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
DAC60004IDMDR TI1-DAC60004IDMDR Datasheet
2Mb / 38P
[Old version datasheet]   Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
DAC60004IDMDT TI1-DAC60004IDMDT Datasheet
2Mb / 38P
[Old version datasheet]   Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
DAC60004IPW TI1-DAC60004IPW Datasheet
2Mb / 38P
[Old version datasheet]   Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
More results

유사한 설명 - DAC60096IZEB

제조업체부품명데이터시트상세설명
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
WM2618 WOLFSON-WM2618 Datasheet
125Kb / 10P
   Dual 12-Bit Serial Input Voltage Output DAC
logo
Analog Devices
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
WM2610 WOLFSON-WM2610 Datasheet
159Kb / 13P
   Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
logo
Maxim Integrated Produc...
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5812 MAXIM-MAX5812 Datasheet
268Kb / 13P
   12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX530 MAXIM-MAX530 Datasheet
140Kb / 16P
   5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC
Rev 3; 7/95
logo
Analog Devices
AD5726 AD-AD5726 Datasheet
523Kb / 20P
   Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
REV. 0
AD5412 AD-AD5412 Datasheet
334Kb / 38P
   Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com