전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STF7LN80K5 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STF7LN80K5
상세설명  N-channel 800 V, 0.95typ., 5 A MDmesh??K5 Power MOSFET in a TO-220FP package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF7LN80K5 데이터시트(HTML) 3 Page - STMicroelectronics

  STF7LN80K5 Datasheet HTML 1Page - STMicroelectronics STF7LN80K5 Datasheet HTML 2Page - STMicroelectronics STF7LN80K5 Datasheet HTML 3Page - STMicroelectronics STF7LN80K5 Datasheet HTML 4Page - STMicroelectronics STF7LN80K5 Datasheet HTML 5Page - STMicroelectronics STF7LN80K5 Datasheet HTML 6Page - STMicroelectronics STF7LN80K5 Datasheet HTML 7Page - STMicroelectronics STF7LN80K5 Datasheet HTML 8Page - STMicroelectronics STF7LN80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STF7LN80K5
Electrical ratings
DocID028769 Rev 1
3/13
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate-source voltage
± 30
V
ID
(1)
Drain current (continuous) at TC = 25 °C
5
A
ID
(1)
Drain current (continuous) at TC = 100 °C
3.4
A
ID
(2)
Drain current (pulsed)
20
A
PTOT
Total dissipation at TC = 25 °C
25
W
VISO
Insulation withstand voltage (RMS) from all three leads to external
heat sink (t=1 s; TC=25 °C)
2500
V
dv/dt
(3)
Peak diode recovery voltage slope
4.5
V/ns
dv/dt
(4)
MOSFET dv/dt ruggedness
50
Tstg
Storage temperature
- 55 to 150
°C
TJ
Operating junction temperature
Notes:
(1)
Limited by maximum junction temperature
(2)
Pulse width limited by safe operating area
(3)
ISD ≤ 5 A, di/dt 100 A/μs; VDS peak < V(BR)DSS,VDD= 640 V
(4)
VDS ≤ 640 V
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
5
°C/W
Rthj-amb
Thermal resistance junction-ambient
62.5
°C/W
Table 4: Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not repetitive (pulse width limited
by Tjmax)
1.5
A
EAS
Single pulse avalanche energy (starting Tj = 25 °C, ID = IAR,
VDD = 50 V)
200
mJ


유사한 부품 번호 - STF7LN80K5

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
STF701 SEMTECH-STF701 Datasheet
173Kb / 6P
   T-Filter with TVS Diode Array For EMI Filtering and ESD Protection
logo
Protek Devices
STF701 PROTEC-STF701 Datasheet
114Kb / 4P
   EMI FILTER/TVS ARRAY
STF701 PROTEC-STF701 Datasheet
705Kb / 7P
   emi filter/tvs array
STF701-LF-T7 PROTEC-STF701-LF-T7 Datasheet
708Kb / 7P
   Compatible with IEC 61000-4-2 (ESD) Air 15kV, Contact 8kV
logo
Semtech Corporation
STF701TC SEMTECH-STF701TC Datasheet
173Kb / 6P
   T-Filter with TVS Diode Array For EMI Filtering and ESD Protection
More results

유사한 설명 - STF7LN80K5

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STFI7LN80K5 STMICROELECTRONICS-STFI7LN80K5 Datasheet
699Kb / 12P
   N-channel 800 V, 0.95 廓 typ., 5 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
December 2015 Rev 1
STF10LN80K5 STMICROELECTRONICS-STF10LN80K5 Datasheet
714Kb / 14P
   N-channel 800 V, 0.55 廓 typ., 8 A MDmesh??K5 Power MOSFET in a TO-220FP package
December 2015 Rev 3
STL7LN80K5 STMICROELECTRONICS-STL7LN80K5 Datasheet
898Kb / 16P
   N-channel 800 V, 0.95 廓 typ., 5 A MDmesh??K5 Power MOSFET in a PowerFLAT??5x6 VHV package
January 2016 Rev 2
STF23N80K5 STMICROELECTRONICS-STF23N80K5 Datasheet
714Kb / 13P
   N-channel 800 V, 0.23 廓 typ., 16 A MDmesh??K5 Power MOSFET in a TO-220FP package
August 2015 Rev 1
STF10N80K5 STMICROELECTRONICS-STF10N80K5 Datasheet
576Kb / 14P
   N-channel 800 V, 0.470 ??typ., 9 A MDmesh??K5 Power MOSFET in a TO-220FP package
November 2014 Rev 4
STF5N80K5 STMICROELECTRONICS-STF5N80K5 Datasheet
715Kb / 13P
   N-channel 800 V, 1.50(ohm) typ., 4 A MDmesh K5 Power MOSFET in a TO-220FP package
STF4N90K5 STMICROELECTRONICS-STF4N90K5 Datasheet
726Kb / 13P
   N-channel 900 V, 1.90 廓 typ., 4 A MDmesh??K5 Power MOSFET in a TO-220FP package
November 2016 Rev 2
STF6N90K5 STMICROELECTRONICS-STF6N90K5 Datasheet
716Kb / 13P
   N-channel 900 V, 0.91 廓 typ., 6 A MDmesh??K5 Power MOSFET in a TO-220FP package
November 2016 Rev 1
STF7N90K5 STMICROELECTRONICS-STF7N90K5 Datasheet
712Kb / 13P
   N-channel 900 V, 0.72 廓 typ., 7 A MDmesh??K5 Power MOSFET in a TO-220FP package
October 2016 Rev 1
STF8N90K5 STMICROELECTRONICS-STF8N90K5 Datasheet
711Kb / 13P
   N-channel 900 V, 0.60 廓 typ., 8 A MDmesh??K5 Power MOSFET in a TO-220FP package
November 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com