전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGW60H65DRF 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STGW60H65DRF
상세설명  60 A, 650 V field stop trench gate IGBT with Ultrafast diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60H65DRF 데이터시트(HTML) 1 Page - STMicroelectronics

  STGW60H65DRF Datasheet HTML 1Page - STMicroelectronics STGW60H65DRF Datasheet HTML 2Page - STMicroelectronics STGW60H65DRF Datasheet HTML 3Page - STMicroelectronics STGW60H65DRF Datasheet HTML 4Page - STMicroelectronics STGW60H65DRF Datasheet HTML 5Page - STMicroelectronics STGW60H65DRF Datasheet HTML 6Page - STMicroelectronics STGW60H65DRF Datasheet HTML 7Page - STMicroelectronics STGW60H65DRF Datasheet HTML 8Page - STMicroelectronics STGW60H65DRF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
April 2013
DocID022346 Rev 6
1/13
13
STGW60H65DRF
60 A, 650 V field stop trench gate IGBT with Ultrafast diode
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
 Very high speed switching
 Tight parameters distribution
 Safe paralleling
 Low thermal resistance
 6 µs short-circuit withstand time
 Ultrafast soft recovery antiparallel diode
Applications
 Photovoltaic inverters
 Uninterruptible power supply
 Welding
 Power factor correction
 High switching frequency converters
Description
This device is an IGBT developed using an
advanced proprietary trench gate and field stop
structure. This IGBT is the result of a compromise
between conduction and switching losses,
maximizing the efficiency of high switching
frequency converters. Furthermore, a slightly
positive VCE(sat) temperature coefficient and very
tight parameter distribution result in easier
paralleling operation.
TO-247
1
2
3
Table 1. Device summary
Order code
Marking
Package
Packaging
STGW60H65DRF
GW60H65DRF
TO-247
Tube
www.st.com


유사한 부품 번호 - STGW60H65DRF

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW60H65DF STMICROELECTRONICS-STGW60H65DF Datasheet
1Mb / 13P
   60 A, 650 V field stop trench gate IGBT with very fast diode
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB Datasheet
1Mb / 19P
   Low thermal resistance
April 2015 Rev 7
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB Datasheet
689Kb / 21P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
Rev 8 - July 2019
STGW60H65DFB-4 STMICROELECTRONICS-STGW60H65DFB-4 Datasheet
556Kb / 15P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
DS11665 - Rev 3 - June 2019
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB_V01 Datasheet
689Kb / 21P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
Rev 8 - July 2019
More results

유사한 설명 - STGW60H65DRF

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW60H65F STMICROELECTRONICS-STGW60H65F_V01 Datasheet
1Mb / 14P
   60 A, 650 V field stop trench gate IGBT
January 2013
STGW60H65F STMICROELECTRONICS-STGW60H65F Datasheet
1Mb / 12P
   60 A, 650 V field stop trench gate IGBT
STGW60H65DF STMICROELECTRONICS-STGW60H65DF Datasheet
1Mb / 13P
   60 A, 650 V field stop trench gate IGBT with very fast diode
logo
Fairchild Semiconductor
FGA6560WDF FAIRCHILD-FGA6560WDF Datasheet
2Mb / 9P
   650 V, 60 A Field Stop Trench IGBT
Rev. 1.1 April 2015
logo
ON Semiconductor
FGH60T65SHD ONSEMI-FGH60T65SHD Datasheet
677Kb / 9P
   IGBT - Field Stop, Trench 650 V, 60 A
December, 2020 ??Rev. 3
FGH60T65SQD-F155 ONSEMI-FGH60T65SQD-F155 Datasheet
560Kb / 10P
   IGBT - Field Stop, Trench 650 V, 60 A
November, 2019 ??Rev. 3
logo
STMicroelectronics
STGW50H60DF STMICROELECTRONICS-STGW50H60DF Datasheet
1Mb / 12P
   50 A, 600 V field stop trench gate IGBT with Ultrafast diode
July 2012 Rev 5
STGW60H65DFB-4 STMICROELECTRONICS-STGW60H65DFB-4 Datasheet
556Kb / 15P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
DS11665 - Rev 3 - June 2019
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB_V01 Datasheet
689Kb / 21P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
Rev 8 - July 2019
logo
ON Semiconductor
FGH40T65SHDF ONSEMI-FGH40T65SHDF Datasheet
503Kb / 9P
   IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com