전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC3482IRKD25 데이터시트(PDF) 8 Page - Texas Instruments

부품명 DAC3482IRKD25
상세설명  Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482IRKD25 데이터시트(HTML) 8 Page - Texas Instruments

Back Button DAC3482IRKD25 Datasheet HTML 4Page - Texas Instruments DAC3482IRKD25 Datasheet HTML 5Page - Texas Instruments DAC3482IRKD25 Datasheet HTML 6Page - Texas Instruments DAC3482IRKD25 Datasheet HTML 7Page - Texas Instruments DAC3482IRKD25 Datasheet HTML 8Page - Texas Instruments DAC3482IRKD25 Datasheet HTML 9Page - Texas Instruments DAC3482IRKD25 Datasheet HTML 10Page - Texas Instruments DAC3482IRKD25 Datasheet HTML 11Page - Texas Instruments DAC3482IRKD25 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 106 page
background image
DAC3482
SLAS748F – MARCH 2011 – REVISED AUGUST 2015
www.ti.com
RKD Package Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
Uni-directional serial interface data in 4-pin mode. The SDO pin is tri-stated in 3-pin interface mode
SDO
B27
O
(default).
Active high asynchronous hardware power-down input. Internal pull-down. If SLEEP pin is set to logic
SLEEP
B40
I
HIGH before and during device power-up and initialization, the fuse_sleep bit in register 0x1B, bit 11
must be written after register 0x23 during device initialization register setup.
Optional LVDS SYNC positive input. The SYNCP/N LVDS pair has an internal 100-
Ω termination
SYNCP
A5
I
resistor. If unused it can be left unconnected.
SYNCN
B5
I
Optional LVDS SYNC negative input.
Active low input for chip RESET, which resets all the programming registers to their default state.
RESETB
B30
I
Internal pull-up.
Transmit enable active high input. Internal pull-down.
To enable analog output data transmission, set sif_txenable in register config3 to 1b or pull CMOS
TXENABLE
A32
I
TXENABLE pin to high.
To disable analog output, set sif_txenable to 0b and pull CMOS TXENABLE pin to low. The digital
logic section is forced to all 0, and any input data is ignored.
TESTMODE
A44
I
This pin is used for factory testing. Internal pull-down. Leave unconnected for normal operation.
Digital supply voltage. This supply pin is also used for factory fuse programming. Connect to
VFUSE
B4
I
DACVDD for normal operation.
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: DAC3482


유사한 부품 번호 - DAC3482IRKD25

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results

유사한 설명 - DAC3482IRKD25

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482 Datasheet
1Mb / 79P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3482 TI1-DAC3482_14 Datasheet
1Mb / 92P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   DAC3482, Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com