전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM15851NKE10 데이터시트(PDF) 11 Page - Texas Instruments

부품명 LM15851NKE10
상세설명  Ultra-Wideband RF Sampling Subsystem
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM15851NKE10 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM15851NKE10 Datasheet HTML 7Page - Texas Instruments LM15851NKE10 Datasheet HTML 8Page - Texas Instruments LM15851NKE10 Datasheet HTML 9Page - Texas Instruments LM15851NKE10 Datasheet HTML 10Page - Texas Instruments LM15851NKE10 Datasheet HTML 11Page - Texas Instruments LM15851NKE10 Datasheet HTML 12Page - Texas Instruments LM15851NKE10 Datasheet HTML 13Page - Texas Instruments LM15851NKE10 Datasheet HTML 14Page - Texas Instruments LM15851NKE10 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
LM15851
www.ti.com
SLAS990D – JANUARY 2014 – REVISED JULY 2015
Electrical Characteristics (continued)
Unless otherwise noted, these specifications apply for V(VA12) = V(VD12) = 1.2 V, V(VA19) = 1.9 V, VIN full scale range at default
setting (725 mVPP), VIN = –1 dBFS, differential AC-coupled sinewave input clock, ƒ(DEVCLK) = 4 GHz at 0.5 VPP with 50% duty
cycle, R(RBIAS) = 3.3 kΩ ±0.1%, after a foreground (FG) mode calibration with timing calibration enabled. Typical values are at
TA = 25°C.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = 25°C
–73
Interleaving spur at ¼
TA = TMIN to TMAX
–58.9
FIN = 600 MHz, –1 dBFS, decimate-by-4
ƒS/4 + FIN
sampling rate + input
dBFS
mode
TA = 25°C, calibration = BG
–65
frequency
(4)
TA = TMIN to TMAX, calibration = BG
–52.8
TA = 25°C
–78
Interleaving spur at ¼
TA = TMIN to TMAX
–60.4
FIN = 600 MHz, –1 dBFS, Decimate-by-4
ƒS/4 – FIN
sampling rate – input
dBFS
mode
TA = 25°C, calibration = BG
–65
frequency
(4)
TA = TMIN to TMAX, calibration = BG
–52.3
TA = 25°C
–70
TA = TMIN to TMAX
–59.5
FIN = 600 MHz, –1 dBFS, decimate-by-4
THD
Total harmonic distortion
(4)
dBFS
mode
TA = 25°C, calibration = BG
–73
TA = TMIN to TMAX, calibration = BG
–60
TA = 25°C
–83
TA = TMIN to TMAX
–62
FIN = 600 MHz, –1 dBFS, decimate-by-4
HD2
Second harmonic distortion
(4)
dBFS
mode
TA = 25°C, calibration = BG
–78
TA = TMIN to TMAX, calibration = BG
–62.5
TA = 25°C
–72
TA = TMIN to TMAX
–59.5
FIN = 600 MHz, –1 dBFS, decimate-by-4
HD3
Third harmonic distortion
(4)
dBFS
mode
TA = 25°C, calibration = BG
–82
TA = TMIN to TMAX, calibration = BG
–62
DECIMATE-BY-8 MODE
63
Signal-to-noise ratio,
FIN = 600 MHz, –1 dBFS, decimate-by-8
integrated across DDC output
mode
SNR1
Calibration = BG
61.6
dBFS
bandwidth
Interleaving spurs included
FIN = 2400 MHz, –1 dBFS, decimate-by-8 mode
54.6
Signal-to-noise ratio,
63.3
integrated across DDC output
FIN = 600 MHz, –1 dBFS, decimate-by-8
SNR2
dBFS
bandwidth
mode
(3)
Calibration = BG
63.3
Interleaving spurs excluded
63
Signal-to-noise and distortion
FIN = 600 MHz, –1 dBFS, Decimate-by-8
ratio, integrated across DDC
mode
SINAD1
Calibration = BG
61.6
dBFS
output bandwidth
Interleaving spurs included
FIN = 2400 MHz, –1 dBFS, decimate-by-8 mode
54.6
Signal-to-noise and distortion
63.3
ratio, integrated across DDC
FIN = 600 MHz, –1 dBFS, decimate-by-8
SINAD2
dBFS
output bandwidth
mode
(3)
Calibration = BG
63.3
Interleaving spurs excluded
10.2
Effective number of bits,
FIN = 600 MHz, –1 dBFS, decimate-by-8
integrated across DDC output
mode
ENOB1
Calibration = BG
10.0
Bits
bandwidth
Interleaving spurs included
FIN = 2400 MHz, –1 dBFS, decimate-by-8 mode
8.8
Effective number of bits,
10.2
FIN = 600 MHz, –1 dBFS, decimate-by-8
integrated across DDC output
ENOB2
Bits
bandwidth
mode
(5)
Calibration = BG
10.2
Interleaving spurs excluded
74.9
Spurious-free dynamic range
FIN = 600 MHz, –1 dBFS, decimate-by-8
SFDR1
dBFS
Interleaving Spurs Included
mode
Calibration = BG
68.3
77.8
FIN = 600 MHz, –1 dBFS, decimate-by-8
Spurious-free dynamic range
SFDR2
dBFS
Interleaving spurs excluded
mode
(5)
Calibration = BG
77.8
–73
Interleaving offset spur at ½
FIN = 600 MHz, –1 dBFS, decimate-by-8
ƒS/2
dBFS
sampling rate
(4)
mode
Calibration = BG
–72
–70
Interleaving offset spur at ¼
FIN = 600 MHz, –1 dBFS, decimate-by-8
ƒS/4
dBFS
sampling rate
(4)
mode
Calibration = BG
–66
Interleaving spur at ½
–76
FIN = 600 MHz, –1 dBFS, decimate-by-8
ƒS/2 – FIN
sampling rate – input
dBFS
mode
Calibration = BG
–67
frequency
(4)
Interleaving spur at ¼
–72
FIN = 600 MHz, –1 dBFS, decimate-by-8
ƒS/4 + FIN
sampling rate + input
dBFS
mode
Calibration = BG
–64
frequency
(4)
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM15851


유사한 부품 번호 - LM15851NKE10

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM15851 TI-LM15851_15 Datasheet
1Mb / 87P
[Old version datasheet]   LM15851 Ultra-Wideband RF Sampling Subsystem
More results

유사한 설명 - LM15851NKE10

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM15851 TI-LM15851_15 Datasheet
1Mb / 87P
[Old version datasheet]   LM15851 Ultra-Wideband RF Sampling Subsystem
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145_08 Datasheet
1Mb / 17P
   UHF Wideband Receiver Subsystem
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
logo
Linear Technology
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
   14 BIT IF SAMPLING RECEIVER SUBSYSTEM
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145 Datasheet
2Mb / 17P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
Motorola, Inc
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
Wolfson Microelectronic...
WM9090 WOLFSON-WM9090 Datasheet
1Mb / 81P
   Ultra Low Power Audio Subsystem
WM9093 WOLFSON-WM9093 Datasheet
1Mb / 84P
   Ultra Low Power Audio Subsystem
logo
Motorola, Inc
MC13159 MOTOROLA-MC13159 Datasheet
157Kb / 8P
   WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com