전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD6215B 데이터시트(PDF) 3 Page - Powerex Power Semiconductors

부품명 CD6215B
상세설명  Dual SCR/Diode Isolated Module 150 Amperes / Up to 1800 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWEREX [Powerex Power Semiconductors]
홈페이지  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD6215B 데이터시트(HTML) 3 Page - Powerex Power Semiconductors

  CD6215B Datasheet HTML 1Page - Powerex Power Semiconductors CD6215B Datasheet HTML 2Page - Powerex Power Semiconductors CD6215B Datasheet HTML 3Page - Powerex Power Semiconductors CD6215B Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR/Diode Isolated Module
150 Amperes / Up to 1800 Volts
Revision Date: 04/28/2009
CD62__15B
CD67__15B
Electrical Characteristics, TJ=25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Max.
Units
Repetitive Peak Forward Leakage Current
IDRM
Up to 1600V, TJ=125°C
50
mA
Repetitive Peak Reverse Leakage Current
IRRM
Up to 1600V, TJ=125°C
50
mA
Peak On-State Voltage
VTM / VFM
ITM / IFM =500A
1.6
V
Threshold Voltage, Low-level
Slope Resistance, Low-level
V(TO)1
rT1
TJ = 125°C, I = 16.7% x πIT(AV) to πIT(AV)
0.85
1.5
V
m
Ω
Minimum dV/dt
dV/dt
Exponential to 2/3 VDRM
Tj=125°C, Gate Open
1000
V/µs
Turn-Off Time (Typical)
t off
TJ = 125°C, IT= 300A, Rgk = 100Ω
Vr = 50V, -dI/dt=15 A/µs
Re-Applied dV/dt = 20V/µs,
Linear to 2/3 VDRM
50 - 200
(Typical)
µs
Gate Trigger Current
IGT
Tj= 25°C, VD=6V, Ra=1Ω Resistive Load
150
mA
Gate Trigger Voltage
VGT
Tj= 25°C, VD=6V, Ra=1Ω, Resistive Load
2.0
Volts
Non-Triggering Gate Voltage
VGDM
Tj=125°C, VD=VDRM
0.25
Volts
Non-Triggering Gate Current
IGDM
Tj=125°C, VD=VDRM
10
mA
Holding Current
IH
TJ=25°C
150
(Typical)
mA
Latching Current
IL
TJ=25°C
300
(Typical)
mA
Thermal Characteristics
Characteristics
Symbol
Max.
Units
Thermal Resistance, Junction to Case
DC Operation
RΘJ-C
Per Module, both conducting
Per Junction, both conducting
0.085
0.17
°C/W
°C/W
Thermal Resistance, Case to Sink Lubricated
RΘC-S
Per Module
0.05
°C/W
Information presented is based upon manufacturers testing and projected capabilities.
This information is subject to change without notice.
The manufacturer makes no claim as to the suitability of use, reliability, capability,
or future availability of this product.


유사한 부품 번호 - CD6215B

제조업체부품명데이터시트상세설명
logo
Powerex Power Semicondu...
CD6215A POWEREX-CD6215A Datasheet
111Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module 150 Amperes / Up to 1600 Volts
More results

유사한 설명 - CD6215B

제조업체부품명데이터시트상세설명
logo
Powerex Power Semicondu...
CD4390B POWEREX-CD4390B Datasheet
308Kb / 4P
   90 Amperes / Up to 1800 Volts Dual SCR Isolated Module
CD420840B POWEREX-CD420840B Datasheet
118Kb / 4P
   POW-R-BLOKTM Dual SCR/Diode Isolated Module 40 Amperes / Up to 1800 Volts
PD471207 POWEREX-PD471207 Datasheet
373Kb / 5P
   POW-R-BLOKTM Dual Diode / SCR Isolated Module 700 Amperes / Up to 1800 Volts
PD4207 POWEREX-PD4207 Datasheet
98Kb / 5P
   POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
logo
Power Integrations, Inc...
CD421690B POWERINT-CD421690B Datasheet
120Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1800 Volts
logo
Powerex Power Semicondu...
PD421407 POWEREX-PD421407 Datasheet
376Kb / 5P
   POW-R-BLOKTM Dual SCR / Diode Isolated Module 700 Amperes, Up to 1800 Volts
PD4707 POWEREX-PD4707 Datasheet
98Kb / 5P
   POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
CD43_90B POWEREX-CD43_90B Datasheet
308Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes Up to 1800 Volts
PD4307 POWEREX-PD4307 Datasheet
99Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (700 Amperes / Up to 1800 Volts)
logo
Power Integrations, Inc...
CD431690B POWERINT-CD431690B Datasheet
308Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1800 Volts
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com