전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DL4764A 데이터시트(PDF) 1 Page - Shunye Enterprise

부품명 DL4764A
상세설명  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHUNYE [Shunye Enterprise]
홈페이지  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shunye Enterprise

DL4764A 데이터시트(HTML) 1 Page - Shunye Enterprise

  DL4764A Datasheet HTML 1Page - Shunye Enterprise DL4764A Datasheet HTML 2Page - Shunye Enterprise DL4764A Datasheet HTML 3Page - Shunye Enterprise  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DL47-SERIES
ZENER DIODES
Zener Voltage:3.3-100V
Peak Pulse Power:1000MW
Case: DL-41 molded glass body
Terminals: Plated axial leads, solderable per MIL-STD 750,
method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.012 ounce,0.33 grams
FEATURE
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
C
Zener Current see Table Characteristics
Power Dissipation at Tamb=25 C(Note 1)
Junction Temperature
Storage Temperature Range
Thermal resistance junction ambient(Note 1
Forward voltage at IF=200mA
SYMBOLS
UNITS
VALUE
mW
KW
V
Ratings at 25 C ambient temperature unless otherwise specified.
Note 1: Valid provided that leads at a distance of 10mm from case are kept at ambient temperature
Ptot
Tj
TSTG
RqJA
VF
C
1000
175
-65 to + 175
0.3
1.1
Low zener impedance
Low regulation factor
Glass passivated junction
High temperature soldering guaranteed:
260 C/10S at terminals
Dimensions in inches and (millimeters)
0.216(5.5)
0.201(5.1)
0.110(2.8)
0.102(2.6)
0.020(0.5)
0.012(0.3)
0.020(0.5)
0.012(0.3)
DL-41
www.shunyegroup.com.cn


유사한 부품 번호 - DL4764A

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
DL4764A RECTRON-DL4764A Datasheet
24Kb / 2P
   Surface Mount M.E.L.F ZENER DIODE
logo
Sangdest Microelectroni...
DL4764A SMC-DL4764A Datasheet
146Kb / 4P
   ZENER DIODES
logo
Formosa MS
DL4764A FORMOSA-DL4764A Datasheet
56Kb / 3P
   SURFACE MOUNT ZENER DIODES
logo
Zibo Seno Electronic En...
DL4764A ZSELEC-DL4764A Datasheet
157Kb / 3P
   1 .0 W ZENER DIODE
logo
Pan Jit International I...
DL4764A PANJIT-DL4764A Datasheet
62Kb / 3P
   SURFACE MOUNT ZENER DIODES
More results

유사한 설명 - DL4764A

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com