전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS4S200B-TR 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 STPS4S200B-TR
상세설명  Power Schottky rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS4S200B-TR 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button STPS4S200B-TR Datasheet HTML 4Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 5Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 6Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 7Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 8Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 9Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 10Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 11Page - STMicroelectronics STPS4S200B-TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Package information
STPS4S200
8/13
DocID027021 Rev2
2.2
SMBflat package information
Figure 15. SMBflat package outline
Table 6. SMBflat package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.10
0.035
0.043
b
1.95
2.20
0.077
0.087
c
0.15
0.40
0.006
0.016
D
3.30
3.95
0.130
0.155
E
5.10
5.60
0.200
0.220
E1
4.05
4.60
0.159
0.181
L
0.75
1.50
0.029
0.059
L1
0.40
0.016
L2
0.60
0.024


유사한 부품 번호 - STPS4S200B-TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS40100HR STMICROELECTRONICS-STPS40100HR Datasheet
82Kb / 9P
   Aerospace 2 x 20 A - 100 V Schottky rectifier
STPS40120C STMICROELECTRONICS-STPS40120C Datasheet
106Kb / 8P
   Power Schottky rectifier
STPS40120CR STMICROELECTRONICS-STPS40120CR Datasheet
106Kb / 8P
   Power Schottky rectifier
STPS40120CT STMICROELECTRONICS-STPS40120CT Datasheet
106Kb / 8P
   Power Schottky rectifier
STPS40120C STMICROELECTRONICS-STPS40120C_11 Datasheet
109Kb / 9P
   Power Schottky rectifier
More results

유사한 설명 - STPS4S200B-TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com