전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL16C752CIPFBRQ1 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 TL16C752CIPFBRQ1
상세설명  Dual UART
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C752CIPFBRQ1 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TL16C752CIPFBRQ1 Datasheet HTML 2Page - Texas Instruments TL16C752CIPFBRQ1 Datasheet HTML 3Page - Texas Instruments TL16C752CIPFBRQ1 Datasheet HTML 4Page - Texas Instruments TL16C752CIPFBRQ1 Datasheet HTML 5Page - Texas Instruments TL16C752CIPFBRQ1 Datasheet HTML 6Page - Texas Instruments TL16C752CIPFBRQ1 Datasheet HTML 7Page - Texas Instruments TL16C752CIPFBRQ1 Datasheet HTML 8Page - Texas Instruments TL16C752CIPFBRQ1 Datasheet HTML 9Page - Texas Instruments TL16C752CIPFBRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
6
TL16C752CI-Q1
SLLSEQ9A – OCTOBER 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TL16C752CI-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE
DESCRIPTION
NAME
NO.
RTSA
33
O
Request to send (active low). These outputs are associated with individual UART channels A and B.
A low on the RTS pins indicates the transmitter has data ready and waiting to send. Writing a 1 in the
modem control register (MCR[1]) sets these pins to low, indicating data is available. After a reset,
these pins are set to 1. These pins only affect the transmit and receive operation when auto-RTS
function is enabled through the enhanced feature register (EFR[6]), for hardware flow control
operation.
RTSB
22
RXA
5
I
Receive data input. These inputs are associated with individual serial channel data to the
TL16C752CI-Q1 device. During the local loopback mode, these RX input pins are disabled and TX
data is internally connected to the UART RX input internally. During normal mode, RXn should be
held high when no data is being received. These inputs also can be used in IrDA mode. For more
information, see IrDA Overview.
RXB
4
RXRDYA
31
O
Receive ready (active low). RXRDYA and RXRDYB go low when the trigger level has been reached
or a timeout interrupt occurs. They go high when the RX FIFO is empty or there is an error in RX
FIFO.
RXRDYB
18
TXA
7
O
Transmit data. These outputs are associated with individual serial transmit channel data from the
TL16C752CI-Q1 device. During the local loopback mode, the TX input pin is disabled and TX data is
internally connected to the UART RX input.
TXB
8
TXRDYA
43
O
Transmit ready (active low). TXRDYA and TXRDYB go low when there are a trigger level number of
spares available. They go high when the TX buffer is full.
TXRDYB
6
VCC
42
PWR
Power supply inputs
XTAL1
13
I
Crystal or external clock input. XTAL1 functions as a crystal input or as an external clock input. A
crystal can be connected between XTAL1 and XTAL2 to form an internal oscillator circuit.
Alternatively, an external clock can be connected to XTAL1 to provide custom data rates.
XTAL2
14
O
Output of the crystal oscillator or buffered clock. See also XTAL1. XTAL2 is used as a crystal
oscillator output or buffered clock output.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
6
V
VI
Input voltage
–0.5
VCC + 0.5
V
VO
Output voltage
–0.5
VCC + 0.5
V
TA
Operating free-air temperature
–40
105
°C
Tstg
Storage temperature
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±1000


유사한 부품 번호 - TL16C752CIPFBRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL16C752CIPFBR TI-TL16C752CIPFBR Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
More results

유사한 설명 - TL16C752CIPFBRQ1

제조업체부품명데이터시트상세설명
logo
IMP, Inc
EI68C681 IMP-EI68C681 Datasheet
37Kb / 2P
   DUAL UART
logo
A1 PROs co., Ltd.
EI68C681 A1PROS-EI68C681 Datasheet
44Kb / 2P
   DUAL UART
logo
Texas Instruments
NS16C2552 TI1-NS16C2552_17 Datasheet
1Mb / 53P
[Old version datasheet]   Dual Independent UART
logo
Exar Corporation
XR88C681 EXAR-XR88C681 Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
logo
Future Technology Devic...
FT2232L FTDI-FT2232L Datasheet
935Kb / 51P
   Dual USB UART / FIFO I.C.
FT2232C FTDI-FT2232C_04 Datasheet
1,022Kb / 54P
   Dual USB UART / FIFO I.C.
logo
Exar Corporation
XR68C681 EXAR-XR68C681 Datasheet
1Mb / 75P
   CMOS Dual Channel UART (DUART)
logo
Future Technology Devic...
FT2232D FTDI-FT2232D Datasheet
952Kb / 56P
   Dual USB UART/FIFO I.C.
logo
Exar Corporation
XR88C681 EXAR-XR88C681_06 Datasheet
2Mb / 101P
   CMOS Dual Channel UART (DUART)
logo
Laird Tech Smart Techno...
BT830 LSTD-BT830 Datasheet
2Mb / 40P
   Dual-Mode UART HCI Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com