전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT43WS 데이터시트(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

부품명 BAT43WS
상세설명  SCHOTTKY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
홈페이지  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

BAT43WS 데이터시트(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  BAT43WS Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. BAT43WS Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAT42WS-BAT43WS
SCHOTTKY DIODES
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Marking: BAT42WS:S7, BAT43WS:S8
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
200
500
4.0
200
625
-55 to +125
Low forward voltage drop
Fast switching time
Surface mount package ideally suited
for automatic insertion
Also available in lead free version
Maximum ratings and electrical characteristics, Single diode @TA=25C
VOLTS
SYMBOLS
UNITS
VRRM
VRWM
VR
Peak repetitive peak reverse voltage
Working peak reverse voltage
DC Blocking voltage
RMS Reverse voltage
Forward continuous current
Repetitive peak forward current @<1.0s
Peak forward surge current @<10ms
Power dissipation
Thermal resistance junction to ambient
Storage temperature
RΘJA
TSTG
V
mA
mA
A
mW
K/W
C
BAT42WS/BAT43WS
30
21
VR(RMS)
IFRM
Pd
Electrical ratings @TA=25C
SYMBOLS
Conditions
VBR
VF
VF
VF
VF
VF
IR
CT
trr
Reverse breakdomn voltage
All types
BAT42WS
Forward voltage
BAT42WS
BAT43WS
BAT43WS
Reverse current
Capacitance between terminals
Reverse recovery time
PARAMETER
PARAMETER
Min.
Typ.
Max.
Unit
30
0.26
V
V
V
V
V
V
pF
ns
IR=100uA
IF=200mA
IF=10mA
IF=50mA
IF=2mA
IF=15mA
VR=25V
VR=1V,f=1.0MHz
IF=IR=10mA
Irr=0.1XIR,RL=100
IFSM
IFM
1.0
0.4
0.65
0.33
0.45
0.5
10
5
uA
SOD-323
1.35(0.053)
1.15(0.045)
1.00(.040)
0.80(.031)
.08(.003)
MIN
.177(.007)
.089(.003)
0.4(0.016)
.25(0.010)
1.26(.050)
1.24(.048)
.305(0.012)
.295(0.010)
0.1(0.004)
MIN
.72(0.028)
.69(0.027)
1.80(0.071)
1.60(0.063)
2.70(0.106)
2.30(0.091)
1.80(0.071)
1.60(0.063)
2.70(0.106)
2.30(0.091)
Dimensions in millimeters and (inches)
www.shunyegroup.com


유사한 부품 번호 - BAT43WS

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BAT43WS PANJIT-BAT43WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Diotech Company.
BAT43WS DIOTECH-BAT43WS Datasheet
742Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Kexin Industr...
BAT43WS KEXIN-BAT43WS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Goodwork Semiconductor ...
BAT43WS GWSEMI-BAT43WS Datasheet
329Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
WILLAS ELECTRONIC CORP
BAT43WS WILLAS-BAT43WS Datasheet
160Kb / 3P
   SOD-323 Plastic-Encapsulate Diodes (SCHOTTKY DIODES)
More results

유사한 설명 - BAT43WS

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com