전자부품 데이터시트 검색엔진 |
|
STFI260N6F6 데이터시트(PDF) 4 Page - STMicroelectronics |
|
STFI260N6F6 데이터시트(HTML) 4 Page - STMicroelectronics |
4 / 12 page Electrical characteristics STFI260N6F6 4/12 Doc ID 023096 Rev 1 2 Electrical characteristics (TCASE = 25 °C unless otherwise specified) Table 4. On/off states Symbol Parameter Test conditions Min. Typ. Max. Unit V(BR)DSS Drain-source breakdown voltage (VGS = 0) ID = 250 µA 60 V IDSS Zero gate voltage Drain current (VGS = 0) VDS = 60 V 1 µA VDS = 60 V, TC=125 °C 100 µA IGSS Gate-body leakage current (VDS = 0) VGS = ± 20 V ± 100 nA VGS(th) Gate threshold voltage VDS = VGS, ID = 250 µA 2 4 V RDS(on) Static drain-source on-resistance VGS = 10 V, ID = 60 A 2.4 3 m Ω Table 5. Dynamic Symbol Parameter Test conditions Min. Typ. Max. Unit Ciss Input capacitance VDS = 25 V, f = 1 MHz, VGS = 0 - 11400 - pF Coss Output capacitance 1100 pF Crss Reverse transfer capacitance 400 pF Qg Total gate charge VDD = 30 V, ID = 120 A, VGS = 10 V (see Figure 14) - 183 - nC Qgs Gate-source charge 53 nC Qgd Gate-drain charge 41 nC Table 6. Switching times Symbol Parameter Test conditions Min. Typ. Max. Unit td(on) tr Turn-on delay time Rise time VDD = 30 V, ID = 60 A RG =4.7 Ω VGS = 10 V (see Figure 13) - 31.4 165 - ns ns td(off) tf Turn-off-delay time Fall time - 144.4 62.6 - ns ns |
유사한 부품 번호 - STFI260N6F6 |
|
유사한 설명 - STFI260N6F6 |