전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGIPS30C60T-H 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STGIPS30C60T-H
상세설명  SLLIMM??small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS30C60T-H 데이터시트(HTML) 1 Page - STMicroelectronics

  STGIPS30C60T-H Datasheet HTML 1Page - STMicroelectronics STGIPS30C60T-H Datasheet HTML 2Page - STMicroelectronics STGIPS30C60T-H Datasheet HTML 3Page - STMicroelectronics STGIPS30C60T-H Datasheet HTML 4Page - STMicroelectronics STGIPS30C60T-H Datasheet HTML 5Page - STMicroelectronics STGIPS30C60T-H Datasheet HTML 6Page - STMicroelectronics STGIPS30C60T-H Datasheet HTML 7Page - STMicroelectronics STGIPS30C60T-H Datasheet HTML 8Page - STMicroelectronics STGIPS30C60T-H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
April 2015
DocID025530 Rev 3
1/19
STGIPS30C60T-H
SLLIMM™ small low-loss intelligent molded module
IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
Datasheet
- preliminary data
Features
• IPM 30 A, 600 V 3-phase IGBT inverter bridge
including control ICs for gate driving and free-
wheeling diodes
• Short-circuit rugged IGBTs
• 3.3 V, 5 V, 15 V CMOS/TTL inputs
comparators with hysteresis and pull-down /
pull-up resistors
• Undervoltage lockout
• Internal bootstrap diode
• Interlocking function
• Shutdown function
• DBC leading to low thermal resistance
• Isolation rating of 2500 Vrms/min
• 4.7 kΩ NTC for temperature control
• UL recognized: UL1557 file E81734
Applications
• 3-phase inverters for motor drives
• Air conditioners
Description
This intelligent power module provides a
compact, high performance AC motor drive in a
simple, rugged design. Combining ST proprietary
control ICs with the most advanced short-circuit-
rugged IGBT system technology, this device is
ideal for 3-phase inverters in applications such as
motor drives and air conditioners. SLLIMM™ is a
trademark of STMicroelectronics.
SDIP-25L
Table 1. Device summary
Order code
Marking
Package
Packing
STGIPS30C60T-H
GIPS30C60T-H
SDIP-25L
Tube
www.st.com


유사한 부품 번호 - STGIPS30C60T-H

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGIPS30C60 STMICROELECTRONICS-STGIPS30C60 Datasheet
1Mb / 21P
   SLLIMM small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
STGIPS30C60-H STMICROELECTRONICS-STGIPS30C60-H Datasheet
1Mb / 21P
   SLLIMM small low-loss intelligent molded module IPM 3-phase inverter - 30 A
More results

유사한 설명 - STGIPS30C60T-H

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGIPS30C60 STMICROELECTRONICS-STGIPS30C60 Datasheet
1Mb / 21P
   SLLIMM small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
STGIPL30C60 STMICROELECTRONICS-STGIPL30C60 Datasheet
742Kb / 23P
   SLLIMM™ (small low-loss intelligent molded module) IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBT
April 2016 Rev 1
STGIPS10K60T STMICROELECTRONICS-STGIPS10K60T Datasheet
934Kb / 20P
   SLLIMM (small low-loss intelligent molded module) IPM, 3-phase inverter - 10 A, 600 V short-circuit rugged IGBT
STGIPL20K60 STMICROELECTRONICS-STGIPL20K60 Datasheet
705Kb / 24P
   SLLIMM??(small low-loss intelligent molded module) IPM, 3-phase inverter - 20 A, 600 V short-circuit rugged IGBT
STGIPL14K60 STMICROELECTRONICS-STGIPL14K60_V01 Datasheet
883Kb / 26P
   SLLIMM™ (small low-loss intelligent molded module)IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT
October 2013
STGIPS30C60-H STMICROELECTRONICS-STGIPS30C60-H Datasheet
1Mb / 21P
   SLLIMM small low-loss intelligent molded module IPM 3-phase inverter - 30 A
STGIPS20C60 STMICROELECTRONICS-STGIPS20C60 Datasheet
1Mb / 21P
   SLLIMM small low-loss intelligent molded moduleI PM, 3-phase inverter - 20 A, 600 V short-circuit rugged IGBT
STGIPN3H60AT STMICROELECTRONICS-STGIPN3H60AT Datasheet
497Kb / 19P
   SLLIMM??nano (small low-loss intelligent molded module) IPM, 3 A - 600 V 3-phase IGBT inverter bridge
September 2014 Rev 1
STGIB15CH60TS-X STMICROELECTRONICS-STGIB15CH60TS-X Datasheet
2Mb / 24P
   SLLIMM - 2nd series IPM, 3-phase inverter, 20 A, 600 V, short‑circuit rugged IGBT
September 2021 Rev 2
STGIF7CH60TS-LZ STMICROELECTRONICS-STGIF7CH60TS-LZ Datasheet
933Kb / 24P
   SLLIMM - 2nd series IPM, 3-phase inverter, 10 A, 600 V, short‑circuit rugged IGBT
February 2022 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com