전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD13S523RSVR 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD13S523RSVR
상세설명  13-Channel ESD Protection Solution
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD13S523RSVR 데이터시트(HTML) 5 Page - Texas Instruments

  TPD13S523RSVR Datasheet HTML 1Page - Texas Instruments TPD13S523RSVR Datasheet HTML 2Page - Texas Instruments TPD13S523RSVR Datasheet HTML 3Page - Texas Instruments TPD13S523RSVR Datasheet HTML 4Page - Texas Instruments TPD13S523RSVR Datasheet HTML 5Page - Texas Instruments TPD13S523RSVR Datasheet HTML 6Page - Texas Instruments TPD13S523RSVR Datasheet HTML 7Page - Texas Instruments TPD13S523RSVR Datasheet HTML 8Page - Texas Instruments TPD13S523RSVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TPD13S523
www.ti.com
SLVSBC5D – MARCH 2012 – REVISED OCTOBER 2015
6.5 Electrical Characteristics
TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOAD SWITCH
ICC
Supply current at 5V_SUPPLY
5V_SUPPLY =5V, 5V OUT = Open
6.5
7
10
µA
ISC
Short-circuit current at 5V_OUT
5V_SUPPLY =5V, 5V_OUT = GND
100
116
147
mA
IBACKDRIVE
Reverse leakage current at 5VOUT
5V_SUPPLY =0V, 5V_OUT = 5 V
0.01
0.69
µA
VDROP
5V_OUT output voltage drop
5V_SUPPLY =5V, I5V_OUT = 55 mA
170
205
mV
CONNECTOR PINS
VRWM
Reverse stand-off voltage
5.5
V
Ipp = 1 A, 8/20
μs(1)
13
VCLAMP
Clamp voltage with ESD strike
V
Ipp = 3 A, 8/20
μs(1)
15
IIO
Leakage current through external signal pins(2)
5V_SUPPLY =5V, VIO = 5 V
2
7
65
nA
Current from IO Port to supply pins when powered
IOFF
5V_SUPPLY = 0 V, VIO = 2.5 V
1
5
44
nA
down through signal pins(3)
Diode forward voltage through external signal
VF
ID = 8 mA
0.7
0.85
0.95
V
pins(2); lower clamp diode
Dynamic resistance of ESD clamps external
RDYN
Pin to ground(2)
0.5
Ω
pins(3)
5V_SUPPLY = 5 V, VIO = 2.5 V;
CIO_TMDS
IO capacitance Dx+, Dx– pins to GND
1
pF
ƒ = 1 MHz
5V_SUPPLY = 5 V, VIO = 2.5 V;
ΔCIO_TMDS
Differential capacitance for the Dx+, Dx– lines
0.05
pF
ƒ = 1 MHz
CIO_CONTRO
5V_SUPPLY = 5 V, VIO = 2.5 V;
CTRLx pin capacitance
1
pF
L
ƒ = 1 MHz
VBR
Break-down voltage through signal pins(3)
IIO = 1 mA
6
V
(1)
Non-repetitive current pulse of an 8/20 µs exponentially decaying waveform according to IEC 61000-4-5.
(2)
Extraction of RDYN using least squares fit of TLP characteristics between I=1A AND I=10A.
(3)
Signal pins are Dx+, Dx–, and CTRLx.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPD13S523


유사한 부품 번호 - TPD13S523RSVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
TPD13S523PWR TI1-TPD13S523PWR Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
More results

유사한 설명 - TPD13S523RSVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
logo
Unisonic Technologies
USB4S012 UTC-USB4S012_15 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION
VGA7S019 UTC-VGA7S019_16 Datasheet
181Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
VGA7S019 UTC-VGA7S019 Datasheet
193Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
logo
Texas Instruments
TPD4S014 TI1-TPD4S014 Datasheet
681Kb / 15P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD
logo
ON Semiconductor
CM1242-33CP ONSEMI-CM1242-33CP_12 Datasheet
85Kb / 4P
   1-Channel ESD Protection
January, 2012 ??Rev. 6
logo
TECH PUBLIC Electronics...
TPD2E007DCKR-TP TECHPUBLIC-TPD2E007DCKR-TP Datasheet
1Mb / 4P
   2-Channel ESD Protection
logo
California Micro Device...
PACDN006 CALMIRCO-PACDN006 Datasheet
82Kb / 3P
   6 CHANNEL ESD PROTECTION ARRAY
PDN002 CALMIRCO-PDN002 Datasheet
37Kb / 1P
   17 CHANNEL ESD PROTECTION ARRAY
logo
FutureWafer Tech Co.,Lt...
FE05CAD FUTUREWAFER-FE05CAD Datasheet
929Kb / 4P
   Dual Channel ESD protection diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com