전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3USB3000RSER 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 TS3USB3000RSER
상세설명  DPDT USB 2.0 High-Speed and Mobile High-Definition Link Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB3000RSER 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TS3USB3000RSER Datasheet HTML 2Page - Texas Instruments TS3USB3000RSER Datasheet HTML 3Page - Texas Instruments TS3USB3000RSER Datasheet HTML 4Page - Texas Instruments TS3USB3000RSER Datasheet HTML 5Page - Texas Instruments TS3USB3000RSER Datasheet HTML 6Page - Texas Instruments TS3USB3000RSER Datasheet HTML 7Page - Texas Instruments TS3USB3000RSER Datasheet HTML 8Page - Texas Instruments TS3USB3000RSER Datasheet HTML 9Page - Texas Instruments TS3USB3000RSER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
3 V
SEL
RL
CL
RL
CL
VSEL
(1) All input pulses are suppleid by generators having the following characteristics: 355 ” 10 MHz, ZO = 50
, tr < 5 ns,
tf < 5 ns
(2) CL includes probe and jig capacitance.
VSEL
VMHL/USB
tSWITCH
tSWITCH
50 %
50 %
50 %
50 %
1.8 V
3 V
0 V
0 V
D+/-
USB+/-
MHL+/-
TS3USB3000
SCDS337B – DECEMBER 2012 – REVISED DECEMBER 2015
www.ti.com
6.6 Dynamic Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CON(MHL)
MHL path ON capacitance
Switch ON
1.6
2
pF
VCC = 3.3 V, VI/O = 0 or 3.3 V,
f = 240 MHz
CON(USB)
USB path ON capacitance
Switch ON
1.4
2
pF
COFF(MHL)
MHL path OFF capacitance
Switch OFF
1.4
2
pF
VCC = 3.3 V, VI/O = 0 or 3.3 V
f = 240 MHz
COFF(USB)
USB path OFF capacitance
Switch OFF
1.6
2
pF
CI
Digital input capacitance
VCC = 3.3 V, VI = 0 or 2 V
2.2
pF
VCC = 2.7 V to 4.3 V, RL = 50 Ω,
OISO
OFF Isolation
Switch OFF
-34
dB
f = 240 MHz
VCC = 2.7 V to 4.3 V, RL = 50 Ω,
XTALK
Crosstalk
Switch ON
–37
dB
f = 240 MHz
VCC = 2.7 V to 4.3 V, RL = 50 Ω,
BW(MHL)
MHL path –3-dB bandwidth
Switch ON
6.1
GHz
f = 240 MHz
BW(USB)
USB path –3-dB bandwidth
VCC = 2.7 V to 4.3 V, RL = 50 Ω,
Switch ON
6.1
GHz
SUPPLY
VCC
Power supply voltage
2.7
4.3
V
VCC = 4.3 V, VIN = VCC or GND, VI/O = 0 V,
ICC
Positive supply current
30
50
µA
Switch ON or OFF
VCC = 4.3 V, VIN = VCC or GND, VI/O = 0 V,
Power supply current in high-Z
Icc, HZ
5
10
µA
mode
Switch ON or OFF, OE = H
6.7 Timing Requirements
MIN
NOM
MAX
UNIT
tpd
Propagation Delay
100
ps
tswitch
Switching time (SEL to Output)
See Figure 1
600
ns
tZH, ZL
MHL Enable Time (OE to Output)
100
µs
(MHL)
VI/O = 3.3 V or 0 V
RL = 50 Ω,
tHZ, LZ
MHL Disable Time (OE to Output)
200
ns
(MHL)
CL = 5 pF,
VCC = 2.7 V to 4.3 V
tZH, ZL
USB Enable Time (OE to Output)
100
µs
(USB)
VI/O = 0.8 V or 0 V
tHZ, LZ
USB Disable Time (OE to Output)
200
ns
(USB)
tSK(P)
Skew of opposite transitions of same output
20
ps
Figure 1. Timing Diagram
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TS3USB3000


유사한 부품 번호 - TS3USB3000RSER

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3USB3000RSER TI-TS3USB3000RSER Datasheet
1Mb / 22P
[Old version datasheet]   DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
More results

유사한 설명 - TS3USB3000RSER

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3USB3000 TI-TS3USB3000 Datasheet
1Mb / 22P
[Old version datasheet]   DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
TS3USB3031 TI1-TS3USB3031 Datasheet
699Kb / 19P
[Old version datasheet]   DUAL USB 2.0 HIGH-SPEED (480Mbps) AND MOBILE HIGH-DEFINITION LINK (MHL)
TS3USB3200 TI1-TS3USB3200 Datasheet
2Mb / 21P
[Old version datasheet]   DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch with ID Select and Flexible Power Control
logo
ON Semiconductor
NLAS7222A ONSEMI-NLAS7222A_11 Datasheet
205Kb / 11P
   High-Speed USB 2.0 DPDT Switch
October, 2011 ??Rev. 5
FSA3030 ONSEMI-FSA3030 Datasheet
501Kb / 14P
   High-Speed USB2.0/Mobile High- Definition Link
July 2016 Rev. 1.12
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
ON Semiconductor
FSA3031 ONSEMI-FSA3031 Datasheet
870Kb / 15P
   Dual High-Speed USB2.0 with Mobile High-Definition Link
November 2012 Rev. 1.0.4
logo
Alpha & Omega Semicondu...
AOZ6185 AOSMD-AOZ6185 Datasheet
528Kb / 10P
   High-Speed USB and Audio DPDT Switch
logo
ON Semiconductor
NL3HS2222 ONSEMI-NL3HS2222 Datasheet
450Kb / 10P
   High-Speed USB 2.0 DPDT Switches
October, 2015 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com