전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67120-C1000 데이터시트(PDF) 33 Page - Infineon Technologies AG

부품명 Q67120-C1000
상세설명  8-Bit CMOS Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67120-C1000 데이터시트(HTML) 33 Page - Infineon Technologies AG

Back Button Q67120-C1000 Datasheet HTML 29Page - Infineon Technologies AG Q67120-C1000 Datasheet HTML 30Page - Infineon Technologies AG Q67120-C1000 Datasheet HTML 31Page - Infineon Technologies AG Q67120-C1000 Datasheet HTML 32Page - Infineon Technologies AG Q67120-C1000 Datasheet HTML 33Page - Infineon Technologies AG Q67120-C1000 Datasheet HTML 34Page - Infineon Technologies AG Q67120-C1000 Datasheet HTML 35Page - Infineon Technologies AG Q67120-C1000 Datasheet HTML 36Page - Infineon Technologies AG Q67120-C1000 Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Semiconductor Group
33
1997-04-01
C501
AC Characteristics for C501-L / C501-1R / C501-1E
V
CC = 5 V + 10 %, – 15 %; VSS = 0 V
T
A = 0 ˚C to 70 ˚C
for the SAB-C501
T
A = – 40 ˚C to 85 ˚C
for the SAF-C501
(
C
L for port 0, ALE and PSEN outputs = 100 pF; CL for all other outputs = 80 pF)
Program Memory Characteristics
*) Interfacing the C501 to devices with float times up to 75 ns is permissible. This limited bus contention will not
cause any damage to port 0 Drivers.
Parameter
Symbol
Limit Values
Unit
12 MHz
Clock
Variable Clock
1/
t
CLCL = 3.5 MHz to 12 MHz
min.
max.
min.
max.
ALE pulse width
t
LHLL
127
2
t
CLCL – 40
ns
Address setup to ALE
t
AVLL
43
t
CLCL – 40
ns
Address hold after ALE
t
LLAX
30
t
CLCL – 53
ns
ALE low to valid instr in
t
LLIV
233
4
t
CLCL – 100
ns
ALE to PSEN
t
LLPL
58
t
CLCL – 25
ns
PSEN pulse width
t
PLPH
215
3
t
CLCL – 35
ns
PSEN to valid instr in
t
PLIV
150
3
t
CLCL – 100
ns
Input instruction hold after PSEN
t
PXIX
0
0–ns
Input instruction float after PSEN
t
PXIZ
*)
–63
t
CLCL – 20
ns
Address valid after PSEN
t
PXAV
*)
75
t
CLCL – 8
ns
Address to valid instr in
t
AVIV
302
5
t
CLCL – 115
ns
Address float to PSEN
t
AZPL
0
0–ns


유사한 부품 번호 - Q67120-C1000

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67120-C1000 SIEMENS-Q67120-C1000 Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
More results

유사한 설명 - Q67120-C1000

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com