전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67120-C1011 데이터시트(PDF) 45 Page - Infineon Technologies AG

부품명 Q67120-C1011
상세설명  8-Bit CMOS Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67120-C1011 데이터시트(HTML) 45 Page - Infineon Technologies AG

Back Button Q67120-C1011 Datasheet HTML 40Page - Infineon Technologies AG Q67120-C1011 Datasheet HTML 41Page - Infineon Technologies AG Q67120-C1011 Datasheet HTML 42Page - Infineon Technologies AG Q67120-C1011 Datasheet HTML 43Page - Infineon Technologies AG Q67120-C1011 Datasheet HTML 44Page - Infineon Technologies AG Q67120-C1011 Datasheet HTML 45Page - Infineon Technologies AG Q67120-C1011 Datasheet HTML 46Page - Infineon Technologies AG Q67120-C1011 Datasheet HTML 47Page - Infineon Technologies AG Q67120-C1011 Datasheet HTML 48Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
Semiconductor Group
45
1997-04-01
C501
Figure 19
AC Testing: Input, Output Waveforms
Figure 20
AC Testing: Float Waveforms
Figure 21
Recommended Oscillator Circuits
0.45 V
V
CC
0.2
-0.1
+0.9
0.2
CC
V
Test Points
MCT00039
V
CC -0.5 V
AC Inputs during testing are driven at
V
CC – 0.5 V for a logic ‘1’ and 0.45 V for a logic ‘0’. Timing
measurements are made at
V
IHmin for a logic ‘1’ and VILmax for a logic ‘0’.
MCT00038
V
Load
V
Load
-0.1 V
+0.1 V
Load
V
Timing Reference
Points
V
OH
-0.1 V
+0.1 V
OL
V
For timing purposes a port pin is no longer floating when a 100 mV change from load voltage
occurs and begins to float when a 100 mV change from the loaded
V
OH / VOL level occurs.
I
OL / IOH ≥ ± 20 mA.
MCS02452
XTAL1
XTAL2
XTAL2
XTAL1
Crystal Oscillator Mode
Driving from External Source
External Oscillator
Signal
N.C.
20 pF
3.5 - 40 MHz
C =
pF
10
(incl. stray capacitance)
P-LCC-44/Pin 20
P-DIP-40/Pin 18
M-QFP-44/Pin 14
M-QFP-44/Pin 15
P-DIP-40/Pin 19
P-LCC-44/Pin 21
M-QFP-44/Pin 14
P-DIP-40/Pin 18
P-LCC-44/Pin 20
P-LCC-44/Pin 21
P-DIP-40/Pin 19
M-QFP-44/Pin 15
C
C
Note: During programming and verification of the C501-1E OTP memory
a clock signal of 4-6 MHz must be applied to the device.


유사한 부품 번호 - Q67120-C1011

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67120-C1011 SIEMENS-Q67120-C1011 Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
More results

유사한 설명 - Q67120-C1011

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com