전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67120-C1010 데이터시트(PDF) 25 Page - Infineon Technologies AG

부품명 Q67120-C1010
상세설명  8-Bit CMOS Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67120-C1010 데이터시트(HTML) 25 Page - Infineon Technologies AG

Back Button Q67120-C1010 Datasheet HTML 21Page - Infineon Technologies AG Q67120-C1010 Datasheet HTML 22Page - Infineon Technologies AG Q67120-C1010 Datasheet HTML 23Page - Infineon Technologies AG Q67120-C1010 Datasheet HTML 24Page - Infineon Technologies AG Q67120-C1010 Datasheet HTML 25Page - Infineon Technologies AG Q67120-C1010 Datasheet HTML 26Page - Infineon Technologies AG Q67120-C1010 Datasheet HTML 27Page - Infineon Technologies AG Q67120-C1010 Datasheet HTML 28Page - Infineon Technologies AG Q67120-C1010 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
Semiconductor Group
25
1997-04-01
C501
OTP Operation
The C501-1E is programmed by usng a modified Quick-Pulse ProgrammingTM 1) algorithm. It differs
from older methods in the value used for VPP (programming supply voltage) and in the width and
number of the ALE/PROG pulses. The C501-1E contains two signature bytes that can be read and
used by a programming system to identify the device. The signature bytes identify the manufacturer
of the device.
Table 11 shows the logic levels for reading the signature byte, and for programming the program
memory, the encryption table, and the security bits. The circuit configuration and waveforms for
quick-pulse programming are shown in figures 10 to 12.
Notes :
1. “0” = valid low for that pin, “1” = valid high for that pin.
2. VPP = 12.75 V ± 0.25V
3. VCC = 5 V ± 10% during programming and verification.
4. ALE/PROG receives 25 programming pulses while VPP is held at 12.75 V. Each programming pulse is low for
100
µs (± 10 µs) and high for a minimum of 10 µs.
1) Quick-Pulse ProgrammingTM is a trademark phrase of Intel Corporation
Table 11
OTP Programming Modes
Mode
RESET
PSEN
ALE/
PROG
EA/VPP
P2.7
P2.6
P3.7
P3.6
Read signature
1
0
1
1
0000
Program code data
1
0
0
VPP
1011
Verify code data
1
0
1
1
0011
Progam encryption table
1
0
0
VPP
1010
Program security bit 1
1
0
0
VPP
1111
Program security bit 2
1
0
0
VPP
1100


유사한 부품 번호 - Q67120-C1010

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
Q67120-C1010 SIEMENS-Q67120-C1010 Datasheet
319Kb / 48P
   8-Bit CMOS Microcontroller
More results

유사한 설명 - Q67120-C1010

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com