전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPTIC-39G1H5 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 STPTIC-39G1H5
상세설명  Parascan tunable integrated capacitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC-39G1H5 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button STPTIC-39G1H5 Datasheet HTML 5Page - STMicroelectronics STPTIC-39G1H5 Datasheet HTML 6Page - STMicroelectronics STPTIC-39G1H5 Datasheet HTML 7Page - STMicroelectronics STPTIC-39G1H5 Datasheet HTML 8Page - STMicroelectronics STPTIC-39G1H5 Datasheet HTML 9Page - STMicroelectronics STPTIC-39G1H5 Datasheet HTML 10Page - STMicroelectronics STPTIC-39G1H5 Datasheet HTML 11Page - STMicroelectronics STPTIC-39G1H5 Datasheet HTML 12Page - STMicroelectronics STPTIC-39G1H5 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DocID023772 Rev 4
11/13
STPTIC
Ordering information
13
5
Ordering information
Figure 14. Ordering information scheme
Table 6. Ordering information
Part Number
Marking
Weight
Base Qty
Delivery Mode
STPTIC-12F1M6
12
4.8 mg
3000
Tape and reel
STPTIC-27F1M6
27
4.8 mg
3000
Tape and reel
STPTIC-33F1M6
33
4.8 mg
3000
Tape and reel
STPTIC-39F1M6
39
4.8 mg
3000
Tape and reel
STPTIC-47F1M6
47
4.8 mg
3000
Tape and reel
STPTIC-56F1M6
56
4.8 mg
3000
Tape and reel
STPTIC-68F1M6
68
4.8 mg
3000
Tape and reel
STPTIC-82F1M6
82
4.8 mg
3000
Tape and reel
STPTIC-12G1H5
TBD
0.7 mg
15000
Tape and reel
STPTIC-27G1H5
I1x
0.7 mg
15000
Tape and reel
STPTIC-33G1H5
I3x
0.7 mg
15000
Tape and reel
STPTIC-39G1H5
I2x
0.7 mg
15000
Tape and reel
STPTIC-47G1H5
I5x
0.7 mg
15000
Tape and reel
STPTIC-56G1H5
I4x
0.7 mg
15000
Tape and reel
STPTIC-68G1H5
I7x
0.7 mg
15000
Tape and reel
STPTIC-82G1H5
I6x
0.7 mg
15000
Tape and reel
ST
PTIC - 27
F 1
M6
STMicroelectronics
Parascan tunable integrated capacitor
Capacitor value
Design version
Package
Tolerance
27 = 2.7 pF
M6 = µQFN-6L
H5 = Flip Chip
1 = ± 10%


유사한 부품 번호 - STPTIC-39G1H5

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPTIC-39G1H5 STMICROELECTRONICS-STPTIC-39G1H5 Datasheet
264Kb / 10P
   Parascan tunable integrated capacitor
December 2015 Rev 1
More results

유사한 설명 - STPTIC-39G1H5

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPTIC-27L2 STMICROELECTRONICS-STPTIC-27L2 Datasheet
264Kb / 10P
   Parascan tunable integrated capacitor
December 2015 Rev 1
STPTIC-33G2 STMICROELECTRONICS-STPTIC-33G2 Datasheet
470Kb / 11P
   Parascan??tunable integrated capacitor
July 2015 Rev 1
STPTIC-56G2 STMICROELECTRONICS-STPTIC-56G2 Datasheet
471Kb / 11P
   Parascan??tunable integrated capacitor
July 2015 Rev 1
logo
Peregrine Semiconductor
PE64904 PSEMI-PE64904 Datasheet
602Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64102 PSEMI-PE64102 Datasheet
980Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64101 PSEMI-PE64101 Datasheet
579Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64905 PSEMI-PE64905 Datasheet
610Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64909 PSEMI-PE64909 Datasheet
376Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
logo
ON Semiconductor
TCP-3027HA ONSEMI-TCP-3027HA Datasheet
182Kb / 7P
   Passive Tunable Integrated Circuits
August, 2015 ??Rev. 2
TCP-3118H ONSEMI-TCP-3118H Datasheet
124Kb / 7P
   Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com