전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD1E10B06 데이터시트(PDF) 5 Page - Texas Instruments

부품명 TPD1E10B06
상세설명  Single-Channel ESD Protection Diode in 0402 Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E10B06 데이터시트(HTML) 5 Page - Texas Instruments

  TPD1E10B06_15 Datasheet HTML 1Page - Texas Instruments TPD1E10B06_15 Datasheet HTML 2Page - Texas Instruments TPD1E10B06_15 Datasheet HTML 3Page - Texas Instruments TPD1E10B06_15 Datasheet HTML 4Page - Texas Instruments TPD1E10B06_15 Datasheet HTML 5Page - Texas Instruments TPD1E10B06_15 Datasheet HTML 6Page - Texas Instruments TPD1E10B06_15 Datasheet HTML 7Page - Texas Instruments TPD1E10B06_15 Datasheet HTML 8Page - Texas Instruments TPD1E10B06_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TPD1E10B06
www.ti.com
SLLSEB1D – FEBRUARY 2012 – REVISED NOVEMBER 2015
6.6 Typical Characteristics
Figure 1. IEC 61000-4-2 Clamp Voltage +8-kV Contact ESD
Figure 2. IEC 61000-4-2 Clamp Voltage –8-kV Contact ESD
Figure 3. Transmission Line Pulse (TLP) Waveform Pin 1 to
Figure 4. Transmission Line Pulse (TLP) Waveform Pin 2 to
Pin 2
Pin 1
Figure 6. Positive Surge Waveform 8 to 20 µs
Figure 5. IV Curve
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPD1E10B06


유사한 부품 번호 - TPD1E10B06_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
More results

유사한 설명 - TPD1E10B06_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06 Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_15 Datasheet
788Kb / 18P
[Old version datasheet]   Single-Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E6B06 TI1-TPD1E6B06_15 Datasheet
290Kb / 16P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0201 Package
ESD351 TI1-ESD351 Datasheet
855Kb / 18P
[Old version datasheet]   1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package
ESD321 TI1-ESD321 Datasheet
331Kb / 16P
[Old version datasheet]   1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 Package
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_14 Datasheet
420Kb / 13P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com