전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD1E10B06DPYT 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD1E10B06DPYT
상세설명  Single-Channel ESD Protection Diode in 0402 Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E10B06DPYT 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPD1E10B06DPYT Datasheet HTML 7Page - Texas Instruments TPD1E10B06DPYT Datasheet HTML 8Page - Texas Instruments TPD1E10B06DPYT Datasheet HTML 9Page - Texas Instruments TPD1E10B06DPYT Datasheet HTML 10Page - Texas Instruments TPD1E10B06DPYT Datasheet HTML 11Page - Texas Instruments TPD1E10B06DPYT Datasheet HTML 12Page - Texas Instruments TPD1E10B06DPYT Datasheet HTML 13Page - Texas Instruments TPD1E10B06DPYT Datasheet HTML 14Page - Texas Instruments TPD1E10B06DPYT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TPD1E10B06
www.ti.com
SLLSEB1D – FEBRUARY 2012 – REVISED NOVEMBER 2015
11 Device and Documentation Support
11.1 Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the respective
contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of
Use.
TI E2E™ Online Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and help
solve problems with fellow engineers.
Design Support TI's Design Support Quickly find helpful E2E forums along with design support tools and
contact information for technical support.
11.2 Trademarks
E2E is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.
11.3 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
11.4 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.
12 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPD1E10B06


유사한 부품 번호 - TPD1E10B06DPYT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD1E10B06DPYT TI1-TPD1E10B06DPYT Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06DPYT TI-TPD1E10B06DPYT Datasheet
1Mb / 24P
[Old version datasheet]   TPD1E10B06 Single-Channel ESD Protection Diode
TPD1E10B06DPYT TI-TPD1E10B06DPYT Datasheet
1Mb / 25P
[Old version datasheet]   TPD1E10B06 Single-Channel ESD Protection Diode
OCTOBER 2021
logo
Shanghai Leiditech Elec...
TPD1E10B06DPYT LEIDITECH-TPD1E10B06DPYT Datasheet
1Mb / 4P
   1-Line Bi-directional TVS Diode
Rev : 01.06.2018
More results

유사한 설명 - TPD1E10B06DPYT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06 Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_15 Datasheet
788Kb / 18P
[Old version datasheet]   Single-Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
681Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E6B06 TI1-TPD1E6B06_15 Datasheet
290Kb / 16P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0201 Package
ESD351 TI1-ESD351 Datasheet
855Kb / 18P
[Old version datasheet]   1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package
ESD321 TI1-ESD321 Datasheet
331Kb / 16P
[Old version datasheet]   1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 Package
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_14 Datasheet
420Kb / 13P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com